전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI-8025JF 데이터시트(PDF) 1 Page - Sanken electric

부품명 SI-8025JF
상세설명  Step-Down to 2.5 V, 1.5 A, DC/DC Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANKEN [Sanken electric]
홈페이지  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-8025JF 데이터시트(HTML) 1 Page - Sanken electric

  SI-8025JF Datasheet HTML 1Page - Sanken electric SI-8025JF Datasheet HTML 2Page - Sanken electric SI-8025JF Datasheet HTML 3Page - Sanken electric SI-8025JF Datasheet HTML 4Page - Sanken electric SI-8025JF Datasheet HTML 5Page - Sanken electric SI-8025JF Datasheet HTML 6Page - Sanken electric SI-8025JF Datasheet HTML 7Page - Sanken electric SI-8025JF Datasheet HTML 8Page - Sanken electric SI-8025JF Datasheet HTML 9Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Designed to meet high-current requirements at high efficiency in
industrial and consumer applications; embedded core, memory, or logic
supplies; TVs, VCRs, and office or telecommunications equipment, the
SI-8025JF dc/dc step-down (buck) converter offers a constant 125 kHz
switching frequency essential for low EMI noise. The npn switch is
included on the die along with the oscillator, control, and logic circuitry
requiring only four external components for a regulated 2.5 V output at
up to 1.5 A.
A wide input voltage range and integrated thermal and overcurrent
protection enhance overall system reliability. Reference accuracy and
excellent temperature characteristics are provided. An output-enable
input gives the designer complete control over power up, standby, or
power down.
This device is supplied in a fully molded TO-220-style 5-lead
flange-mounted , high power, isolated plastic package.
FEATURES
■ 4.5 V to 40 V Input Range
■ 1.5 A Output Current at 2.5 V
■ 2% Output Voltage Tolerance
■ Foldback Current Limiting
■ Constant 125 kHz Switching Frequency
■ 200 µA Maximum Standby Current
■ Soft Start Prevents Supply Voltage Dip
■ Remote Voltage Sensing
■ Thermal Protection
APPLICATIONS
■ TVs, VCRs, Electronic Games
■ Embedded Core, Memory, or Logic Supplies
■ Printers and Other Office Equipment
■ Industrial Machinery
■ Telecommunications Equipment
Step-Down to 2.5 V, 1.5 A, DC/DC Converter
Always order by complete part number, e.g., SI-8025JF .
ABSOLUTE MAXIMUM RATINGS
Input Voltage, V
I . . . . . . . . . . . . .
43 V
Output Current, I
O . . . . . . . . . . .
1.5 A*
Enable Input Voltage, V
OE
. . . . . . . . . . .
6 V
Junction Temperature, T
J . . . .
+125°C
Storage Temperature Range,
T
S . . . . . . . . . . . .
-40°C to +125°C
* Output current rating is limited by input
voltage, duty cycle, and ambient tempera-
ture. Under any set of conditions, do not
exceed a junction temperature of +125°C.
SI-8025JF
Sanken Power Devices
from Allegro MicroSystems
Switching
Regulators


유사한 부품 번호 - SI-8025JF

제조업체부품명데이터시트상세설명
logo
Sanken electric
SI-8025JF SANKEN-SI-8025JF Datasheet
87Kb / 6P
   Full-Mold, Separate Excitation Switching Type
logo
Allegro MicroSystems
SI-8025JF ALLEGRO-SI-8025JF Datasheet
320Kb / 9P
   Step-Down to 2.5 V, 1.5 A, DC/DC Converter
More results

유사한 설명 - SI-8025JF

제조업체부품명데이터시트상세설명
logo
Allegro MicroSystems
SI-8025JF ALLEGRO-SI-8025JF Datasheet
320Kb / 9P
   Step-Down to 2.5 V, 1.5 A, DC/DC Converter
SI-8033JD ALLEGRO-SI-8033JD Datasheet
546Kb / 10P
   Step-Down to 3.3 V, 1.5 A, DC/DC Converter
SI-8120JD ALLEGRO-SI-8120JD Datasheet
574Kb / 10P
   Step-Down to 12.0 V, 1.5 A, DC/DC Converter
SI-8120JF ALLEGRO-SI-8120JF Datasheet
363Kb / 9P
   Step-Down to 12.0 V, 1.5 A, DC/DC Converter
SI-8090JF ALLEGRO-SI-8090JF Datasheet
326Kb / 9P
   Step-Down to 9.0 V, 1.5 A, DC/DC Converter
SI-8050JF ALLEGRO-SI-8050JF Datasheet
326Kb / 9P
   Step-Down to 5.0 V, 1.5 A, DC/DC Converter
SI-8033JF ALLEGRO-SI-8033JF Datasheet
335Kb / 9P
   Step-Down to 3.3 V, 1.5 A, DC/DC Converter
SI-8050JD ALLEGRO-SI-8050JD Datasheet
538Kb / 10P
   Step-Down to 5.0 V, 1.5 A, DC/DC Converter
SI-8090JD ALLEGRO-SI-8090JD Datasheet
600Kb / 10P
   Step-Down to 9.0 V, 1.5 A, DC/DC Converter
SPI-8002TW ALLEGRO-SPI-8002TW Datasheet
444Kb / 10P
   Dual 1.5 A, DC/DC Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com