전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDS8978 데이터시트(PDF) 7 Page - Fairchild Semiconductor

부품명 FDS8978
상세설명  Dual N-Channel PowerTrench MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS8978 데이터시트(HTML) 7 Page - Fairchild Semiconductor

  FDS8978 Datasheet HTML 1Page - Fairchild Semiconductor FDS8978 Datasheet HTML 2Page - Fairchild Semiconductor FDS8978 Datasheet HTML 3Page - Fairchild Semiconductor FDS8978 Datasheet HTML 4Page - Fairchild Semiconductor FDS8978 Datasheet HTML 5Page - Fairchild Semiconductor FDS8978 Datasheet HTML 6Page - Fairchild Semiconductor FDS8978 Datasheet HTML 7Page - Fairchild Semiconductor FDS8978 Datasheet HTML 8Page - Fairchild Semiconductor FDS8978 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
FDS8978 Rev. A
www.fairchildsemi.com
7
Thermal Resistance vs. Mounting Pad Area
The maximum rated junction temperature, TJM, and the
thermal resistance of the heat dissipating path determines
the maximum allowable device power dissipation, PDM, in an
application.
Therefore
the
application’s
ambient
temperature, TA (oC), and thermal resistance RθJA (oC/W)
must be reviewed to ensure that TJM is never exceeded.
Equation 1 mathematically represents the relationship and
serves as the basis for establishing the rating of the part.
(EQ. 1)
PDM
TJM TA
()
RθJA
-------------------------------
=
In using surface mount devices such as the SO8 package,
the environment in which it is applied will have a significant
influence on the part’s current and maximum power
dissipation ratings. Precise determination of PDM is complex
and influenced by many factors:
1. Mounting pad area onto which the device is attached and
whether there is copper on one side or both sides of the
board.
2. The number of copper layers and the thickness of the
board.
3. The use of external heat sinks.
4. The use of thermal vias.
5. Air flow and board orientation.
6. For non steady state applications, the pulse width, the
duty cycle and the transient thermal response of the part,
the board and the environment they are in.
Fairchild provides thermal information to assist the
designer’s preliminary application evaluation. Figure 21
defines the RθJA for the device as a function of the top
copper (component side) area. This is for a horizontally
positioned FR-4 board with 1oz copper after 1000 seconds
of steady state power with no air flow. This graph provides
the necessary information for calculation of the steady state
junction
temperature
or
power
dissipation.
Pulse
applications can be evaluated using the Fairchild device
Spice thermal model or manually utilizing the normalized
maximum transient thermal impedance curve.
Thermal resistances corresponding to other copper areas
can be obtained from Figure 21 or by calculation using
Equation 2. The area, in square inches is the top copper
area including the gate and source pads.
(EQ. 2)
RθJA 64
26
0.23 Area
+
-------------------------------
+
=
The transient thermal impedance (ZθJA) is also effected by
varied top copper board area. Figure 22 shows the effect of
copper pad area on single pulse transient thermal
impedance. Each trace represents a copper pad area in
square inches corresponding to the descending list in the
graph. Spice and SABER thermal models are provided for
each of the listed pad areas.
Copper pad area has no perceivable effect on transient
thermal impedance for pulse widths less than 100ms. For
pulse widths less than 100ms the transient thermal
impedance is determined by the die and package.
Therefore, CTHERM1 through CTHERM5 and RTHERM1
through RTHERM5 remain constant for each of the thermal
models. A listing of the model component values is available
in Table 1.
100
150
200
0.001
0.01
0.1
1
10
50
Figure 21. Thermal Resistance vs Mounting
Pad Area
RθJA = 64 + 26/(0.23+Area)
AREA, TOP COPPER AREA (in2)
0
30
60
90
120
150
10-1
100
101
102
103
Figure 22. Thermal Impedance vs Mounting Pad Area
t, RECTANGULAR PULSE DURATION (s)
COPPER BOARD AREA - DESCENDING ORDER
0.04 in2
0.28 in2
0.52 in2
0.76 in2
1.00 in2


유사한 부품 번호 - FDS8978

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDS8978 FAIRCHILD-FDS8978 Datasheet
562Kb / 11P
   N-Channel PowerTrench짰 MOSFET
logo
Guangdong Youtai Semico...
FDS8978 UMW-FDS8978 Datasheet
450Kb / 7P
   30V Dual N-Channel MOSFET
logo
Fairchild Semiconductor
FDS8978 FAIRCHILD-FDS8978_07 Datasheet
562Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDS8978 FAIRCHILD-FDS8978_11 Datasheet
704Kb / 11P
   N-Channel PowerTrench짰 MOSFET
More results

유사한 설명 - FDS8978

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDMD84100 FAIRCHILD-FDMD84100 Datasheet
233Kb / 8P
   Dual N-Channel PowerTrench MOSFET
FDMA1028NZ FAIRCHILD-FDMA1028NZ Datasheet
120Kb / 7P
   Dual N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDMD8440L ONSEMI-FDMD8440L Datasheet
612Kb / 8P
   Dual N-Channel PowerTrench MOSFET
Mar, 2017, Rev. 1.0
FDMC8032L ONSEMI-FDMC8032L Datasheet
305Kb / 8P
   Dual N-Channel PowerTrench MOSFET
February, 2019 ??Rev. 4
FDMD8430 ONSEMI-FDMD8430 Datasheet
216Kb / 8P
   Dual N-Channel PowerTrench MOSFET
April, 2018 ??Rev. 0
FDMD8540L ONSEMI-FDMD8540L Datasheet
661Kb / 11P
   MOSFET ??Dual, N-Channel, POWERTRENCH
April, 2021 ??Rev. 2
logo
Fairchild Semiconductor
FDMB3800N FAIRCHILD-FDMB3800N Datasheet
326Kb / 7P
   Dual N-Channel PowerTrench MOSFET
FDMS7602S FAIRCHILD-FDMS7602S Datasheet
405Kb / 12P
   Dual N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDMA1028NZ ONSEMI-FDMA1028NZ Datasheet
495Kb / 8P
   Dual N-Channel PowerTrench MOSFET
October-2017, Rev. 2
logo
Fairchild Semiconductor
FDMC6890NZ FAIRCHILD-FDMC6890NZ Datasheet
511Kb / 11P
   Dual N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com