전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC1489P 데이터시트(PDF) 5 Page - ON Semiconductor

부품명 MC1489P
상세설명  Quad Line Receivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC1489P 데이터시트(HTML) 5 Page - ON Semiconductor

  MC1489P Datasheet HTML 1Page - ON Semiconductor MC1489P Datasheet HTML 2Page - ON Semiconductor MC1489P Datasheet HTML 3Page - ON Semiconductor MC1489P Datasheet HTML 4Page - ON Semiconductor MC1489P Datasheet HTML 5Page - ON Semiconductor MC1489P Datasheet HTML 6Page - ON Semiconductor MC1489P Datasheet HTML 7Page - ON Semiconductor MC1489P Datasheet HTML 8Page - ON Semiconductor MC1489P Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MC1489, MC1489A
http://onsemi.com
5
TYPICAL CHARACTERISTICS
(VCC = 5.0 Vdc, TA = +25°C, unless otherwise noted)
Vin, INPUT VOLTAGE (V)
10
0
−10
−8.0
−6.0
−4.0
−2.0
0
2.0
4.0
6.0
8.0
10
−25
−20
−15
−10
−5.0
5.0
15
25
20
Figure 5. Input Current
II
VI
RT
1
RT
5.0 k
Vth
5.0 V
RT
13 k
Vth
5.0 V
6.0
5.0
4.0
3.0
2.0
1.0
0
3.0
2.0
1.0
0
−2.0 −1.0
−3.0
VI, INPUT VOLTAGE (V)
VILH VIHL
EO
Vth
RT
VI
RT
11 k
Vth
−5.0 V
Figure 6. MC1489 Input Threshold
Voltage Adjustment
RT
1
VI, INPUT VOLTAGE (V)
3.0
4.0
5.0
6.0
1.0
2.0
0
4.0
−2.0
−1.0
−3.0
2.0
1.0
0
3.0
RT
5.0 k
Vth
5.0 V
RT
11 k
Vth
−5.0 V
Figure 7. MC1489A Input Threshold
Voltage Adjustment
EO
Vth
RT
Vin
VIHL
VILH
MC1489 VIH
MC1489 VIL
T, TEMPERATURE (
°C)
+120
+60
0
−60
0
0.2
0.4
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
2.2
2.4
MC1489A VIL
MC1489A VIH
Figure 8. Input Threshold Voltage
versus Temperature
VIH MC1489A
VIH MC1489
VIL MC1489
VIL MC1489A
VCC, POWER SUPPLY VOLTAGE (V)
4.0
5.0
6.0
0
3.0
2.0
1.0
Figure 9. Input Threshold versus
Power Supply Voltage


유사한 부품 번호 - MC1489P

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
MC1489P STMICROELECTRONICS-MC1489P Datasheet
338Kb / 13P
   QUAD LINE RECEIVERS
logo
ON Semiconductor
MC1489P ONSEMI-MC1489P Datasheet
156Kb / 12P
   Quad Line EIA??32D Receivers
October, 2006 ??Rev. 10
logo
STMicroelectronics
MC1489P STMICROELECTRONICS-MC1489P Datasheet
242Kb / 17P
   Quad line receivers
logo
ON Semiconductor
MC1489PG ONSEMI-MC1489PG Datasheet
156Kb / 12P
   Quad Line EIA??32D Receivers
October, 2006 ??Rev. 10
More results

유사한 설명 - MC1489P

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
MC1489 STMICROELECTRONICS-MC1489_06 Datasheet
242Kb / 17P
   Quad line receivers
MC1489 STMICROELECTRONICS-MC1489 Datasheet
338Kb / 13P
   QUAD LINE RECEIVERS
logo
ARTSCHIP ELECTRONICS CO...
MC1489 ARTSCHIP-MC1489 Datasheet
2Mb / 9P
   QUAD LINE RECEIVERS
logo
National Semiconductor ...
DS26LS32C NSC-DS26LS32C Datasheet
140Kb / 6P
   Quad Differential Line Receivers
DS3650 NSC-DS3650 Datasheet
197Kb / 10P
   Quad Differential Line Receivers
DS1650 NSC-DS1650 Datasheet
217Kb / 8P
   Quad Differential Line Receivers
logo
Texas Instruments
MC3450 TI1-MC3450_08 Datasheet
152Kb / 9P
[Old version datasheet]   QUAD DIFFERENTIAL LINE RECEIVERS
MC3450 TI-MC3450 Datasheet
139Kb / 9P
[Old version datasheet]   QUAD DIFFERENTIAL LINE RECEIVERS
logo
National Semiconductor ...
DS26F32M NSC-DS26F32M Datasheet
207Kb / 6P
   Quad Differential Line Receivers
DS26LS32AC NSC-DS26LS32AC Datasheet
201Kb / 8P
   Quad Differential Line Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com