전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5258BRMZ101 데이터시트(PDF) 11 Page - Analog Devices

부품명 AD5258BRMZ101
상세설명  Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5258BRMZ101 데이터시트(HTML) 11 Page - Analog Devices

Back Button AD5258BRMZ101 Datasheet HTML 7Page - Analog Devices AD5258BRMZ101 Datasheet HTML 8Page - Analog Devices AD5258BRMZ101 Datasheet HTML 9Page - Analog Devices AD5258BRMZ101 Datasheet HTML 10Page - Analog Devices AD5258BRMZ101 Datasheet HTML 11Page - Analog Devices AD5258BRMZ101 Datasheet HTML 12Page - Analog Devices AD5258BRMZ101 Datasheet HTML 13Page - Analog Devices AD5258BRMZ101 Datasheet HTML 14Page - Analog Devices AD5258BRMZ101 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD5258
Rev. 0 | Page 11 of 24
20H
10H
08H
04H
02H
01H
–54
–60
–48
–42
–36
–30
–24
–18
–12
–6
0
1k
10k
100k
1M
FREQUENCY (Hz)
Figure 24. Gain vs. Frequency vs. Code, RAB = 50 k
20H
10H
08H
04H
02H
01H
–54
–60
–48
–42
–36
–30
–24
–18
–12
–6
0
1k
10k
100k
1M
FREQUENCY (Hz)
Figure 25. Gain vs. Frequency vs. Code, RAB = 100 k
10k
1k
100
10
0
123
45
VIH (V)
VDD = VLOGIC = 5V
VDD = VLOGIC = 3V
Figure 26. Logic Supply Current vs. Input Voltage
80
60
40
20
0
100
1k
1M
100k
10k
FREQUENCY (Hz)
CODE = MIDSCALE, VA = VLOGIC, VB = 0V
PSRR @ VLOGIC = 5V DC ± 10% p-p AC
PSRR @ VLOGIC = 3V DC ± 10% p-p AC
Figure 27. PSRR vs. Frequency
400ns/DIV
1
2
VW
SCL
Figure 28. Digital Feedthrough
VW
1
1
µs/DIV
Figure 29. Midscale Glitch, Code 0×7F to 0×80


유사한 부품 번호 - AD5258BRMZ101

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5258BRMZ10 AD-AD5258BRMZ10 Datasheet
1Mb / 75P
   ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
Revision 1.0 December2009
AD5258BRMZ10 AD-AD5258BRMZ10 Datasheet
534Kb / 24P
   Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
REV. D
AD5258BRMZ10-R7 AD-AD5258BRMZ10-R7 Datasheet
534Kb / 24P
   Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
REV. D
AD5258BRMZ100 AD-AD5258BRMZ100 Datasheet
534Kb / 24P
   Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
REV. D
AD5258BRMZ100-R7 AD-AD5258BRMZ100-R7 Datasheet
534Kb / 24P
   Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
REV. D
More results

유사한 설명 - AD5258BRMZ101

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5258BRMZ1-RL7 AD-AD5258BRMZ1-RL7 Datasheet
534Kb / 24P
   Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
REV. D
AD5259 AD-AD5259 Datasheet
245Kb / 14P
   Nonvolatile, I2C-Compatible 256-Position, Digital Potentiometer
Rev. PrJ 7/22/04
AD5258 AD-AD5258_15 Datasheet
534Kb / 24P
   Nonvolatile, IC-Compatible 64-Position, Digital Potentiometer
REV. D
AD5233 AD-AD5233_15 Datasheet
774Kb / 32P
   Nonvolatile Memory, Quad 64-Position Digital Potentiometer
REV. B
AD5259 AD-AD5259_15 Datasheet
606Kb / 24P
   Nonvolatile, IC-Compatible 256-Position, Digital Potentiometer
REV. C
AD5245BRJ50 AD-AD5245BRJ50 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5247 AD-AD5247 Datasheet
1Mb / 20P
   128-Position I2C Compatible Digital Potentiometer
REV. 0
logo
ON Semiconductor
CAT5171 ONSEMI-CAT5171 Datasheet
171Kb / 12P
   256-Position I2C Compatible Digital Potentiometer
August, 2009 ??Rev. 1
logo
Analog Devices
AD5245 AD-AD5245 Datasheet
995Kb / 16P
   256-Position I2C Compatible Digital Potentiometer
REV. 0
AD5245BRJ5 AD-AD5245BRJ5 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com