전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC33078 데이터시트(PDF) 2 Page - ON Semiconductor

부품명 MC33078
상세설명  DUAL/QUAD LOW NOISE OPERATIONAL AMPLIFIERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33078 데이터시트(HTML) 2 Page - ON Semiconductor

  MC33078 Datasheet HTML 1Page - ON Semiconductor MC33078 Datasheet HTML 2Page - ON Semiconductor MC33078 Datasheet HTML 3Page - ON Semiconductor MC33078 Datasheet HTML 4Page - ON Semiconductor MC33078 Datasheet HTML 5Page - ON Semiconductor MC33078 Datasheet HTML 6Page - ON Semiconductor MC33078 Datasheet HTML 7Page - ON Semiconductor MC33078 Datasheet HTML 8Page - ON Semiconductor MC33078 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MC33078 MC33079
2
MOTOROLA ANALOG IC DEVICE DATA
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Supply Voltage (VCC to VEE)
VS
+36
V
Input Differential Voltage Range
VIDR
(Note 1)
V
Input Voltage Range
VIR
(Note 1)
V
Output Short Circuit Duration (Note 2)
tSC
Indefinite
sec
Maximum Junction Temperature
TJ
+150
°C
Storage Temperature
Tstg
– 60 to +150
°C
Maximum Power Dissipation
PD
(Note 2)
mW
NOTES: 1. Either or both input voltages must not exceed the magnitude of VCC or VEE.
2. Power dissipation must be considered to ensure maximum junction temperature
(TJ) is not exceeded (see Figure 1).
DC ELECTRICAL CHARACTERISTICS (VCC = +15 V, VEE = –15 V, TA = 25°C, unless otherwise noted.)
Characteristics
Symbol
Min
Typ
Max
Unit
Input Offset Voltage (RS = 10 Ω, VCM = 0 V, VO = 0 V)
(MC33078) TA = +25°C
TA = –40° to +85°C
(MC33079) TA = +25°C
TA = –40° to +85°C
|VIO|
0.15
0.15
2.0
3.0
2.5
3.5
mV
Average Temperature Coefficient of Input Offset Voltage
RS = 10 Ω, VCM = 0 V, VO = 0 V, TA = Tlow to Thigh
∆VIO/∆T
2.0
µV/°C
Input Bias Current (VCM = 0 V, VO = 0 V)
TA = +25°C
TA = –40° to +85°C
IIB
300
750
800
nA
Input Offset Current (VCM = 0 V, VO = 0 V)
TA = +25°C
TA = –40° to +85°C
IIO
25
150
175
nA
Common Mode Input Voltage Range (
∆VIO = 5.0 mV, VO = 0 V)
VICR
±13
±14
V
Large Signal Voltage Gain (VO = ±10 V, RL = 2.0 kΩ)
TA = +25°C
TA = –40° to +85°C
AVOL
90
85
110
dB
Output Voltage Swing (VID = ±1.0V)
RL = 600 Ω
RL = 600 Ω
RL = 2.0 kΩ
RL = 2.0 kΩ
RL = 10 kΩ
RL = 10 kΩ
VO +
VO –
VO +
VO –
VO +
VO –
+13.2
+13.5
+10.7
–11.9
+13.8
–13.7
+14.1
–14.6
–13.2
–14
V
Common Mode Rejection (Vin = ±13V)
CMR
80
100
dB
Power Supply Rejection (Note 3)
VCC/VEE = +15 V/ –15 V to +5.0 V/ –5.0 V
PSR
80
105
dB
Output Short Circuit Current (VID = 1.0 V, Output to Ground)
Source
Sink
ISC
+15
–20
+29
–37
mA
Power Supply Current (VO = 0 V, All Amplifiers)
(MC33078) TA = +25°C
(MC33078) TA = –40° to +85°C
(MC33079) TA = +25°C
(MC33079) TA = –40° to +85°C
ID
4.1
8.4
5.0
5.5
10
11
mA
NOTE:
3. Measured with VCC and VEE differentially varied simultaneously.


유사한 부품 번호 - MC33078

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
MC33078 STMICROELECTRONICS-MC33078 Datasheet
99Kb / 9P
   LOW NOISE DUAL OPERATIONAL AMPLIFIERS
November 1997
logo
ON Semiconductor
MC33078 ONSEMI-MC33078 Datasheet
277Kb / 14P
   Low Noise Dual/Quad Operational Amplifiers
October, 2006 ??Rev. 7
logo
Texas Instruments
MC33078 TI-MC33078 Datasheet
618Kb / 19P
[Old version datasheet]   DUAL HIGH-SPEED LOW-NOISE OPERATIONAL AMPLIFIER
logo
STMicroelectronics
MC33078 STMICROELECTRONICS-MC33078 Datasheet
183Kb / 14P
   Low Noise Dual Operational Amplifier
MC33078 STMICROELECTRONICS-MC33078 Datasheet
192Kb / 15P
   Low noise dual operational amplifier
More results

유사한 설명 - MC33078

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC33078 ONSEMI-MC33078_06 Datasheet
277Kb / 14P
   Low Noise Dual/Quad Operational Amplifiers
October, 2006 ??Rev. 7
MC33078 ONSEMI-MC33078_11 Datasheet
421Kb / 14P
   Low Noise Dual/Quad Operational Amplifiers
November, 2011 ??Rev. 9
logo
Linear Technology
OP-270 LINER-OP-270 Datasheet
266Kb / 4P
   Dual/Quad Low Noise, Precision Operational Amplifiers???
logo
STMicroelectronics
MC33079 STMICROELECTRONICS-MC33079_05 Datasheet
239Kb / 12P
   LOW NOISE QUAD OPERATIONAL AMPLIFIERS
MC33079 STMICROELECTRONICS-MC33079 Datasheet
95Kb / 9P
   LOW NOISE QUAD OPERATIONAL AMPLIFIERS
November 1997
logo
Intersil Corporation
HA-5102 INTERSIL-HA-5102_04 Datasheet
523Kb / 13P
   Dual and Quad, 8MHz, Low Noise Operational Amplifiers
logo
Renesas Technology Corp
HA-5102 RENESAS-HA-5102 Datasheet
887Kb / 13P
   Dual and Quad, 8MHz, Low Noise Operational Amplifiers
logo
STMicroelectronics
TS524 STMICROELECTRONICS-TS524 Datasheet
128Kb / 5P
   PRECISION LOW NOISE QUAD OPERATIONAL AMPLIFIERS
TS524 STMICROELECTRONICS-TS524_01 Datasheet
309Kb / 8P
   PRECISION LOW NOISE QUAD OPERATIONAL AMPLIFIERS
MC33078 STMICROELECTRONICS-MC33078 Datasheet
99Kb / 9P
   LOW NOISE DUAL OPERATIONAL AMPLIFIERS
November 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com