전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

X1227S8Z-2.7 데이터시트(PDF) 6 Page - Intersil Corporation

부품명 X1227S8Z-2.7
상세설명  2-Wire RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X1227S8Z-2.7 데이터시트(HTML) 6 Page - Intersil Corporation

Back Button X1227S8Z-2.7 Datasheet HTML 2Page - Intersil Corporation X1227S8Z-2.7 Datasheet HTML 3Page - Intersil Corporation X1227S8Z-2.7 Datasheet HTML 4Page - Intersil Corporation X1227S8Z-2.7 Datasheet HTML 5Page - Intersil Corporation X1227S8Z-2.7 Datasheet HTML 6Page - Intersil Corporation X1227S8Z-2.7 Datasheet HTML 7Page - Intersil Corporation X1227S8Z-2.7 Datasheet HTML 8Page - Intersil Corporation X1227S8Z-2.7 Datasheet HTML 9Page - Intersil Corporation X1227S8Z-2.7 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6
FN8099.1
September 15, 2005
AC Specifications (TA = -40°C to +85°C, VCC = +2.7V to +5.5V, unless otherwise specified.)
Notes: (1) This parameter is not 100% tested.
(2) Cb = total capacitance of one bus line in pF.
TIMING DIAGRAMS
Bus Timing
Symbol
Parameter
Min.
Max.
Units
fSCL
SCL Clock Frequency
400
kHz
tIN
Pulse width Suppression Time at inputs
50(1)
ns
tAA
SCL LOW to SDA Data Out Valid
0.1
0.9
µs
tBUF
Time the bus must be free before a new transmission can start
1.3
µs
tLOW
Clock LOW Time
1.3
µs
tHIGH
Clock HIGH Time
0.6
µs
tSU:STA
Start Condition Setup Time
0.6
µs
tHD:STA
Start Condition Hold Time
0.6
µs
tSU:DAT
Data In Setup Time
100
ns
tHD:DAT
Data In Hold Time
0
µs
tSU:STO
Stop Condition Setup Time
0.6
µs
tDH
Data Output Hold Time
50
ns
tR
SDA and SCL Rise Time
20 +.1Cb(2)
300
ns
tF
SDA and SCL Fall Time
20 +.1Cb(2)
300
ns
Cb
Capacitive load for each bus line
400
pF
tSU:STO
tDH
tHIGH
tSU:STA
tHD:STA
tHD:DAT
tSU:DAT
SCL
SDA IN
SDA OUT
tF
tLOW
tBUF
tAA
tR
X1227


유사한 부품 번호 - X1227S8Z-2.7

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
X1227S8Z-2.7 INTERSIL-X1227S8Z-2.7 Datasheet
405Kb / 28P
   2-Wire??RTC Real TimeClock/Calendar/ CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1227S8Z-2.7 RENESAS-X1227S8Z-2.7 Datasheet
1Mb / 28P
   2-Wire??RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1227S8Z-2.7A INTERSIL-X1227S8Z-2.7A Datasheet
405Kb / 28P
   2-Wire??RTC Real TimeClock/Calendar/ CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1227S8Z-2.7A RENESAS-X1227S8Z-2.7A Datasheet
1Mb / 28P
   2-Wire??RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
More results

유사한 설명 - X1227S8Z-2.7

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
X1227 INTERSIL-X1227_06 Datasheet
405Kb / 28P
   2-Wire??RTC Real TimeClock/Calendar/ CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1227 RENESAS-X1227 Datasheet
1Mb / 28P
   2-Wire??RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1288 INTERSIL-X1288 Datasheet
428Kb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1288 RENESAS-X1288 Datasheet
1Mb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1288 XICOR-X1288 Datasheet
560Kb / 31P
   2-Wire RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1286 RENESAS-X1286 Datasheet
1Mb / 25P
   2-Wire??RTC, 256k (32k x 8) Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1228 RENESAS-X1228 Datasheet
1Mb / 29P
   4K (512 x 8), 2-Wire ??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1228 XICOR-X1228 Datasheet
569Kb / 31P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1228 INTERSIL-X1228 Datasheet
430Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1227 XICOR-X1227 Datasheet
442Kb / 28P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com