전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

A19A-W2SS1612-C8 데이터시트(PDF) 17 Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.

부품명 A19A-W2SS1612-C8
상세설명  The white light of this light emitting diode is formed by mixing light from a blue light chip
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  REFOND [SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.]
홈페이지  http://www.refond.com/
Logo REFOND - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.

A19A-W2SS1612-C8 데이터시트(HTML) 17 Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.

Back Button A19A-W2SS1612-C8 Datasheet HTML 13Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. A19A-W2SS1612-C8 Datasheet HTML 14Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. A19A-W2SS1612-C8 Datasheet HTML 15Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. A19A-W2SS1612-C8 Datasheet HTML 16Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. A19A-W2SS1612-C8 Datasheet HTML 17Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. A19A-W2SS1612-C8 Datasheet HTML 18Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. A19A-W2SS1612-C8 Datasheet HTML 19Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. A19A-W2SS1612-C8 Datasheet HTML 20Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. A19A-W2SS1612-C8 Datasheet HTML 21Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
REFOND:WI-E-045
A/3
REV:E/1
Tel: +86-755-66839118
Fax:+86-755-66839300
E-mail:sales@refond.com
Web: www.refond.com
PAGE:17
TG-201712120857EP
High Temperature
High Humidity
Life Test
JESD22-A101
60
/ 90%RH
Tc=85
IF=450mA
1000hrs.
10pcs.
0/1
Temperature
Humidity Storage
JEITA ED-4701
100 103
Ta=85
RH=85%
1000hrs.
10pcs.
0/1
2.5 Criteria For Judging Damage
Table 2-4 Criteria For Judging Damage
Test Items
Symbol
Test Condition
Criteria For Judgement
Min.
Max.
Forward Voltage
VF
IF=450mA
-
U.S.L*)x1.1
High Temperature
High Humidity Life Test
/
IF=450mA
No open circuit, shortcircuit or
Flicke
,
Luminous Flux
Ф
IF=450mA
L.S.L*)x0.7
-
Notes
1.U.S.L: Upper standard level
L.S.L: Lower standard level
2. The above reliability tests is based on the verification of a single/strip LED of Refond's existing experimental
platform, the reliability experiment was taken under good heat dissipation conditions. when customers applies
the LED to the series and parallel circuit, should take consideration of all the factors such as the current,


유사한 부품 번호 - A19A-W2SS1612-C8

제조업체부품명데이터시트상세설명
logo
SHENZHEN REFOND OPTOELE...
A19A-W2SS2312-C7 REFOND-A19A-W2SS2312-C7 Datasheet
1Mb / 23P
   The white light of this light emitting diode is formed by mixing light from a blue light chip
A19A-W2SS3913-C7 REFOND-A19A-W2SS3913-C7 Datasheet
1Mb / 23P
   The white light of this light emitting diode is formed by mixing light from a blue light chip
More results

유사한 설명 - A19A-W2SS1612-C8

제조업체부품명데이터시트상세설명
logo
SHENZHEN REFOND OPTOELE...
A19A-W2SS3913-C7 REFOND-A19A-W2SS3913-C7 Datasheet
1Mb / 23P
   The white light of this light emitting diode is formed by mixing light from a blue light chip
A19A-W2SS2312-C7 REFOND-A19A-W2SS2312-C7 Datasheet
1Mb / 23P
   The white light of this light emitting diode is formed by mixing light from a blue light chip
A28B-W2SS4712-C7 REFOND-A28B-W2SS4712-C7 Datasheet
1Mb / 23P
   The white light of this light emitting diode is formed by mixing light from a blue light chip
RT-C13A-W2ET0412-P6 REFOND-RT-C13A-W2ET0412-P6 Datasheet
2Mb / 23P
   The white light of this light emitting diode is formed by mixing light from a blue light chip Size
logo
KODENSHI_AUK CORP.
KLP-343W KODENSHI-KLP-343W Datasheet
177Kb / 2P
   White Light Emitting Diode
KLP-563W KODENSHI-KLP-563W Datasheet
167Kb / 2P
   White Light Emitting Diode
logo
Roithner LaserTechnik G...
B3B-440-LBS ROITHNER-B3B-440-LBS Datasheet
331Kb / 2P
   White Light Emitting Diode
logo
KODENSHI_AUK CORP.
KLB-16WC KODENSHI-KLB-16WC Datasheet
184Kb / 2P
   White Light Emitting Diode(InGaN)
KLP-32W KODENSHI-KLP-32W Datasheet
159Kb / 2P
   Light Emitting Diode(White Color)
logo
Roithner LaserTechnik G...
ELD-450-525 ROITHNER-ELD-450-525 Datasheet
264Kb / 1P
   BLUE Light Emitting Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com