전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC74VCXHR162245FT 데이터시트(PDF) 5 Page - Toshiba Semiconductor

부품명 TC74VCXHR162245FT
상세설명  Low-Voltage 16-Bit Bus Transceiver with Bushold
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VCXHR162245FT 데이터시트(HTML) 5 Page - Toshiba Semiconductor

  TC74VCXHR162245FT Datasheet HTML 1Page - Toshiba Semiconductor TC74VCXHR162245FT Datasheet HTML 2Page - Toshiba Semiconductor TC74VCXHR162245FT Datasheet HTML 3Page - Toshiba Semiconductor TC74VCXHR162245FT Datasheet HTML 4Page - Toshiba Semiconductor TC74VCXHR162245FT Datasheet HTML 5Page - Toshiba Semiconductor TC74VCXHR162245FT Datasheet HTML 6Page - Toshiba Semiconductor TC74VCXHR162245FT Datasheet HTML 7Page - Toshiba Semiconductor TC74VCXHR162245FT Datasheet HTML 8Page - Toshiba Semiconductor TC74VCXHR162245FT Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TC74VCXHR162245FT
2001-10-16
5
Electrical Characteristics
DC Characteristics (Ta
==== ----40 to 85°C, 2.7 V <<<< VCC <<<<==== 3.6 V)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
H-level
VIH
¾
2.7 to 3.6
2.0
¾
Input voltage
L-level
VIL
¾
2.7 to 3.6
¾
0.8
V
IOH = -100 mA
2.7 to 3.6
VCC
- 0.2
¾
IOH = -6 mA
2.7
2.2
¾
IOH = -8 mA
3.0
2.4
¾
H-level
VOH
VIN = VIH or VIL
IOH = -12 mA
3.0
2.2
¾
IOL = 100 mA
2.7 to 3.6
¾
0.2
IOL = 6 mA
2.7
¾
0.4
IOL = 8 mA
3.0
¾
0.5
Output voltage
L-level
VOL
VIN = VIH or VIL
IOL = 12 mA
3.0
¾
0.8
V
Input leakage current
(DIR, OE )
IIN
VIN = 0 to 3.6 V
2.7 to 3.6
¾
±5.0
mA
VIN = 0.8 V
3.0
75
¾
Bushold input minimum drive
hold current
II (HOLD)
VIN = 2.0 V
3.0
-75
¾
mA
(Note 13)
3.6
¾
450
Bushold input over-drive current
to change state
II (OD)
(Note 14)
3.6
¾
-450
mA
3-state output OFF state current
IOZ
VIN = VIH or VIL
VOUT = VCC or GND
2.7 to 3.6
¾
±10.0
mA
Quiescent supply current
ICC
VIN = VCC or GND
2.7 to 3.6
¾
20.0
mA
Increase in ICC per input
DICC
VIH = VCC - 0.6 V
2.7 to 3.6
¾
750
mA
Note 13: An external driver must source at least the specified current to switch from LOW-to-HIGH.
Note 14: An external driver must sink at least the specified current to switch from HIGH-to-LOW.


유사한 부품 번호 - TC74VCXHR162245FT

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74VCXHR162245FT TOSHIBA-TC74VCXHR162245FT Datasheet
199Kb / 11P
   Low-Voltage 16-Bit Bus Transceiver with Bushold
TC74VCXHR162245FT TOSHIBA-TC74VCXHR162245FT_07 Datasheet
199Kb / 11P
   Low-Voltage 16-Bit Bus Transceiver with Bushold
More results

유사한 설명 - TC74VCXHR162245FT

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74VCXHR162245FT TOSHIBA-TC74VCXHR162245FT_07 Datasheet
199Kb / 11P
   Low-Voltage 16-Bit Bus Transceiver with Bushold
TC74VCXH16245FT TOSHIBA-TC74VCXH16245FT Datasheet
190Kb / 11P
   Low-Voltage 16-Bit Bus Transceiver with Bushold
TC74VCXH16652FT TOSHIBA-TC74VCXH16652FT Datasheet
238Kb / 15P
   Low-Voltage 16-Bit Bus Transceiver/Register with Bushold
TC74VCXH16646FT TOSHIBA-TC74VCXH16646FT_07 Datasheet
239Kb / 15P
   Low-Voltage 16-Bit Bus Transceiver/Register with Bushold
TC74VCXHR162652FT TOSHIBA-TC74VCXHR162652FT Datasheet
245Kb / 15P
   Low-Voltage 16-Bit Bus Transceiver/Register with Bushold
TC74VCXH16646FT TOSHIBA-TC74VCXH16646FT Datasheet
198Kb / 15P
   Low-Voltage 16-Bit Bus Transceiver/Register with Bushold
TC74VCXH16244FT TOSHIBA-TC74VCXH16244FT_07 Datasheet
205Kb / 12P
   Low-Voltage 16-Bit Bus Buffer with Bushold
TC74VCXH162244FT TOSHIBA-TC74VCXH162244FT Datasheet
211Kb / 12P
   Low-Voltage 16-Bit Bus Buffer with Bushold
logo
Fairchild Semiconductor
74LCXH16245 FAIRCHILD-74LCXH16245 Datasheet
93Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with Bushold
74LCXH16245 FAIRCHILD-74LCXH16245_05 Datasheet
98Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with Bushold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com