전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC7447A 데이터시트(PDF) 1 Page - Freescale Semiconductor, Inc

부품명 MC7447A
상세설명  PowerPC microprocessor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC7447A 데이터시트(HTML) 1 Page - Freescale Semiconductor, Inc

  MC7447A Datasheet HTML 1Page - Freescale Semiconductor, Inc MC7447A Datasheet HTML 2Page - Freescale Semiconductor, Inc MC7447A Datasheet HTML 3Page - Freescale Semiconductor, Inc MC7447A Datasheet HTML 4Page - Freescale Semiconductor, Inc MC7447A Datasheet HTML 5Page - Freescale Semiconductor, Inc MC7447A Datasheet HTML 6Page - Freescale Semiconductor, Inc MC7447A Datasheet HTML 7Page - Freescale Semiconductor, Inc MC7447A Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
This document describes part-number-specific changes to recommended operating conditions
and revised electrical specifications, as applicable, from those described in the general
MPC7447A RISC Microprocessor Hardware Specifications. The MPC7447A is a PowerPC™
microprocessor.
Specifications provided in this document supersede those in the MPC7447A RISC
Microprocessor Hardware Specifications, Rev. 0 or later, for the part numbers listed in
Table A only. Specifications not addressed herein are unchanged.
Note that headings and table numbers in this document are not consecutively numbered. They
are intended to correspond to the heading or table affected in the general hardware
specification.
Part numbers addressed in this document are listed in Table A.
Table A. Part Numbers Addressed by this Data Sheet
Motorola
Part Number
Operating Conditions
Significant Differences from
Hardware Specification
CPU
Frequency
(MHz)
VDD
Tj
(°C)
PPC7447AHX1000NB
1000
1.1 V ± 50 mV 0 to 105 Modified core frequency and
voltage to reduce power
consumption, modified processor
bus clock frequency and AC timing.
PPC7447AHX1167NB
1167
Note: The P prefix in a Motorola part number designates a “Pilot Production Prototype” as defined by
Motorola SOP 3-13. These parts have only preliminary reliability and characterization data. Before pilot
production prototypes may be shipped, written authorization from the customer must be on file in the
applicable sales office acknowledging the qualification status and the fact that product changes may
still occur while shipping pilot production prototypes.
Advance Information
MPC7447ANXPNS
Rev. 0, 2/2004
MPC7447A Part Number
Specification for the
MC7447AnnnnNx Series
Motorola Part
Numbers Affected:
MC7447AHX1000NB
MC7447AHX1167NB
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


유사한 부품 번호 - MC7447A

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
MC7447AHX1000LB NXP-MC7447AHX1000LB Datasheet
1Mb / 56P
   RISC Microprocessor Hardware Specifications
Rev. 5, 01/2006
MC7447AHX1000NB NXP-MC7447AHX1000NB Datasheet
1Mb / 56P
   RISC Microprocessor Hardware Specifications
Rev. 5, 01/2006
MC7447AHX1000NB NXP-MC7447AHX1000NB Datasheet
129Kb / 8P
   Hardware Specification Addendum for the MC7447AxxnnnnNx Series
Rev. 3, 09/2005
MC7447AHX1167NB NXP-MC7447AHX1167NB Datasheet
1Mb / 56P
   RISC Microprocessor Hardware Specifications
Rev. 5, 01/2006
MC7447AHX1167NB NXP-MC7447AHX1167NB Datasheet
129Kb / 8P
   Hardware Specification Addendum for the MC7447AxxnnnnNx Series
Rev. 3, 09/2005
More results

유사한 설명 - MC7447A

제조업체부품명데이터시트상세설명
logo
ATMEL Corporation
PC7447A ATMEL-PC7447A Datasheet
595Kb / 44P
   PowerPC RISC microprocessor
logo
Freescale Semiconductor...
MPC821 FREESCALE-MPC821 Datasheet
975Kb / 12P
   PowerPC Personal Syetems Microprocessor
logo
Motorola, Inc
MPC603E7TEC MOTOROLA-MPC603E7TEC Datasheet
551Kb / 36P
   PowerPC 603e RISC Microprocessor
MPC603E MOTOROLA-MPC603E Datasheet
132Kb / 31P
   PowerPC 603e RISC Microprocessor
logo
ATMEL Corporation
PC7457 ATMEL-PC7457 Datasheet
522Kb / 66P
   PowerPC 7457 RISC Microprocessor
logo
List of Unclassifed Man...
PC7410 ETC2-PC7410 Datasheet
1Mb / 57P
   PowerPC 7410 RISC Microprocessor
logo
ATMEL Corporation
PC755 ATMEL-PC755 Datasheet
1Mb / 50P
   PowerPC 755/745 RISC Microprocessor
PC7410 ATMEL-PC7410 Datasheet
692Kb / 54P
   PowerPC 7410 RISC Microprocessor Product Specification
logo
NXP Semiconductors
MPC604E NXP-MPC604E Datasheet
481Kb / 34P
   PowerPC 604eTM RISC Microprocessor Technical Summary
REV 1
MPC602EC NXP-MPC602EC Datasheet
440Kb / 26P
   PowerPC 602TM RISC Microprocessor Hardware Specification
5/96
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com