전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BZX884 데이터시트(PDF) 8 Page - NXP Semiconductors

부품명 BZX884
상세설명  Voltage regulator diodes
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZX884 데이터시트(HTML) 8 Page - NXP Semiconductors

Back Button BZX884 Datasheet HTML 2Page - NXP Semiconductors BZX884 Datasheet HTML 3Page - NXP Semiconductors BZX884 Datasheet HTML 4Page - NXP Semiconductors BZX884 Datasheet HTML 5Page - NXP Semiconductors BZX884 Datasheet HTML 6Page - NXP Semiconductors BZX884 Datasheet HTML 7Page - NXP Semiconductors BZX884 Datasheet HTML 8Page - NXP Semiconductors BZX884 Datasheet HTML 9Page - NXP Semiconductors BZX884 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
2004 Mar 26
8
Philips Semiconductors
Product specification
Voltage regulator diodes
BZX884 series
PACKAGE OUTLINE
UNIT
A1
max.
A(1)
be1
L
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.50
0.46
0.55
0.47
0.03
0.62
0.55
0.65
DIMENSIONS (mm are the original dimensions)
Notes
1. Including plating thickness
2. The marking bar indicates the cathode
0.30
0.22
SOD882
03-04-16
03-04-17
DE
1.02
0.95
L
E
(2)
2
1
b
A1
A
D
L
Leadless ultra small plastic package; 2 terminals; body 1.0 x 0.6 x 0.5 mm
SOD882
0
0.5
1 mm
scale
e1


유사한 부품 번호 - BZX884

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
BZX884-B10 NEXPERIA-BZX884-B10 Datasheet
300Kb / 13P
   Voltage regulator diodes
Rev. 5 - 14 December 2020
BZX884-B11 NEXPERIA-BZX884-B11 Datasheet
300Kb / 13P
   Voltage regulator diodes
Rev. 5 - 14 December 2020
BZX884-B12 NEXPERIA-BZX884-B12 Datasheet
300Kb / 13P
   Voltage regulator diodes
Rev. 5 - 14 December 2020
BZX884-B13 NEXPERIA-BZX884-B13 Datasheet
300Kb / 13P
   Voltage regulator diodes
Rev. 5 - 14 December 2020
BZX884-B15 NEXPERIA-BZX884-B15 Datasheet
300Kb / 13P
   Voltage regulator diodes
Rev. 5 - 14 December 2020
More results

유사한 설명 - BZX884

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com