전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC33065P-L 데이터시트(PDF) 11 Page - ON Semiconductor

부품명 MC33065P-L
상세설명  HIGH PERFORMANCE DUAL CHANNEL CURRENT MODE CONTROLLERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33065P-L 데이터시트(HTML) 11 Page - ON Semiconductor

Back Button MC33065P-L Datasheet HTML 6Page - ON Semiconductor MC33065P-L Datasheet HTML 7Page - ON Semiconductor MC33065P-L Datasheet HTML 8Page - ON Semiconductor MC33065P-L Datasheet HTML 9Page - ON Semiconductor MC33065P-L Datasheet HTML 10Page - ON Semiconductor MC33065P-L Datasheet HTML 11Page - ON Semiconductor MC33065P-L Datasheet HTML 12Page - ON Semiconductor MC33065P-L Datasheet HTML 13Page - ON Semiconductor MC33065P-L Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
MC34065–H, L MC33065–H, L
11
MOTOROLA ANALOG IC DEVICE DATA
Figure 25. Bipolar Transistor Drive
Figure 26. Isolated MOSFET Drive
Figure 27. Dual Charge Pump Converter
The totem–pole outputs can furnish negative base current for enhanced
transistor turn–off, with the addition of capacitor C1.
IB
+
0
Base Charge
Removal
Vin
C1
RS
+
Q1
+
_
+
+
+
5.0Vref
S
R
Q
VCC
Vin
16
PWM
Latch 1
7
6
D1
NP
NS
C
R
Isolation
Boundary
I
pk +
V
(Pin 6) *
1.4
3R
S
N
P
N
S
The capacitor’s equivalent series resistance must limit the Drive Output current to 400 mA. An additional series resistor may be required
when using tantalum or other low ESR capacitors. The positive output can provide excellent line and load regulation by connecting the
R2/R1 resistor divider as shown.
Output Load Regulation
IO (mA) +VO (V) –VO (V)
0
1.0
5.0
10
50
28.43
27.72
27.04
26.20
20.52
–13.89
–12.90
–12.25
–11.44
–5.80
+
+
_
+
_
+
+
+
+
+
+
+
+
+
15
1
3
2
4
5
14
13
12
1.0nF
12k
2.5V
R
R
Bias
Osc.
5.0Vref
20k
1.0mA
1.0mA
R
2R
1.0V
EA2
89
S
R
R
Q
PWM
Latch 2
S
Q
R
PWM
Latch 1
R
16
VCC = 15V
+
47
27
10
7
47
6
10
11
47
R2
R1
+VO ≈ 2.0 VCC
–VO ≈ –VCC
1N5819
1N5819
2R
250
µA
10
10
10
10
27
10
Connect to Pin 4 for
closed–loop regulation.
) V
O +
2.5
R
2
R
1
) 1
EA1
1.0V


유사한 부품 번호 - MC33065P-L

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC33065P-L ONSEMI-MC33065P-L Datasheet
571Kb / 18P
   High Performance Dual Channel Current Mode Controllers
July, 2006 ??Rev. 2
More results

유사한 설명 - MC33065P-L

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC34065-H ONSEMI-MC34065-H_06 Datasheet
571Kb / 18P
   High Performance Dual Channel Current Mode Controllers
July, 2006 ??Rev. 2
logo
Motorola, Inc
UC3842B MOTOROLA-UC3842B Datasheet
401Kb / 16P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Freescale Semiconductor...
MC34129EF FREESCALE-MC34129EF Datasheet
444Kb / 16P
   high performance current mode controllers
logo
ON Semiconductor
UC3844BNG ONSEMI-UC3844BNG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BDR2G ONSEMI-UC3845BDR2G Datasheet
387Kb / 19P
   High Performance Current Mode Controllers
December, 2012 ??Rev. 11
UC3845BVDG ONSEMI-UC3845BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BVDR2G ONSEMI-UC3845BVDR2G Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3844BVDG ONSEMI-UC3844BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
logo
Unisonic Technologies
UC3842B UTC-UC3842B_08 Datasheet
518Kb / 11P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Motorola, Inc
UC3844 MOTOROLA-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com