전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI-3011ZF 데이터시트(PDF) 5 Page - Allegro MicroSystems

부품명 SI-3011ZF
상세설명  HIgh-Current, Low-Dropout, 1.1~5V Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ALLEGRO [Allegro MicroSystems]
홈페이지  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SI-3011ZF 데이터시트(HTML) 5 Page - Allegro MicroSystems

  SI-3011ZF Datasheet HTML 1Page - Allegro MicroSystems SI-3011ZF Datasheet HTML 2Page - Allegro MicroSystems SI-3011ZF Datasheet HTML 3Page - Allegro MicroSystems SI-3011ZF Datasheet HTML 4Page - Allegro MicroSystems SI-3011ZF Datasheet HTML 5Page - Allegro MicroSystems SI-3011ZF Datasheet HTML 6Page - Allegro MicroSystems SI-3011ZF Datasheet HTML 7Page - Allegro MicroSystems SI-3011ZF Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SI-3011ZF
High-Current,
Low-Dropout,
1.1~5 V Regulator
www.allegromicro.com
Linear
Regulators
5
APPLICATIONS INFORMATION
Input Capacitor (C
I, approximately 10 µF). This is
necessary either when the input line includes inductance or
when the wiring is long.
Output Capacitor (C
O, > 47 µF). This device is not
designed for a use with a very low ESR output capacitor
such as a ceramic capacitor. Output oscillation may occur
with that kind of capacitor.
Output Voltage Adjustable Resistors (R1 and R2).
The output voltage is adjusted by R1 and R2. 10 k
Ω or
11 k
Ω for R2 is recommended.
R1 = (V
O – Vref)/(Vref/R2)
For an output voltage of 1.8 V or less, add a 10 k
Ω resistor
between ADJ and the junction of R1 and R2.
Determination of DC Input Voltage. The minimum
input voltage V
I(min) should be higher than the sum of the
fixed output voltage and the maximum rated dropout
voltage. If setting the output voltage lower than 2.0 V, the
minimum input voltage should be more than 2.4 V.
Overcurrent Protection. The SI-3000ZD series has a
built-in fold-back type overcurrent protection circuit, which
limits the output current at a start-up mode. It thus cannot
be used in applications that require current at the start-up
mode such as:
(1) constant-current load,
(2) power supply with positive and negative outputs to
common load (a center-tap type power supply), or
(3) raising the output voltage by putting a diode or a
resistor between the device ground and system ground.
Thermal Protection. Circuitry turns off the pass
transistor when the junction temperature rises above 135°C.
It is intended only to protect the device from failures due to
excessive junction temperatures and should not imply that
output short circuits or continuous overloads are permitted.
Heat Radiation and Reliability. The reliability of the
IC is directly related to the junction temperature (T
J) in its
operation. Accordingly, careful consideration should be
given to heat dissipation. The graph on page 2 illustrates
the effect of thermal resistance on the allowable package
power dissipation.
When mounting to a heat sink, apply silicone grease (Shin-
Etsu Chemical G746, Dow Corning Toray Silicone SC102,
or Toshiba Silicone SY6260). Recommended mounting
hardware torque: 0.588 ~ 0.686 Nm or 6.0 ~ 7.0 kgf•cm
(4.34 ~ 5.06 lbf•ft).
The junction temperature (T
J) can be determined from
either of the following equations:
T
J = (PD × R
θJA) + TA
or
T
J = (PD × R
θJC) + TC
where P
D = IO × (VI – VO) and
RθJC = 5°C/W.
Parallel Operation. Parallel operation to increase load
current is not permitted.


유사한 부품 번호 - SI-3011ZF

제조업체부품명데이터시트상세설명
logo
Allegro MicroSystems
SI-3011ZF ALLEGRO-SI-3011ZF Datasheet
209Kb / 8P
   High-Current, Low-Dropout, 1.1~5 V Regulato
logo
Sanken electric
SI-3011ZF SANKEN-SI-3011ZF Datasheet
223Kb / 9P
   High-Current, Low-Dropout, 1.1 to 5 V Regulator
logo
Allegro MicroSystems
SI-3011ZFE ALLEGRO-SI-3011ZFE Datasheet
443Kb / 2P
   5-Terminal, Low Dropout Voltage Linear Regulator ICs
logo
Sanken electric
SI-3011ZFE SANKEN-SI-3011ZFE Datasheet
443Kb / 2P
   5-Terminal Low Dropout Voltage Linear Regulator ICs
More results

유사한 설명 - SI-3011ZF

제조업체부품명데이터시트상세설명
logo
Sanken electric
SI-3011ZF SANKEN-SI-3011ZF Datasheet
223Kb / 9P
   High-Current, Low-Dropout, 1.1 to 5 V Regulator
logo
Microsemi Corporation
LX8940 MICROSEMI-LX8940 Datasheet
137Kb / 4P
   5V LOW DROPOUT REGULATOR
LX8940 MICROSEMI-LX8940_05 Datasheet
211Kb / 6P
   5V Low Dropout Regulator
logo
Allegro MicroSystems
SI-3011ZF ALLEGRO-SI-3011ZF Datasheet
209Kb / 8P
   High-Current, Low-Dropout, 1.1~5 V Regulato
logo
Maxim Integrated Produc...
MAX667 MAXIM-MAX667 Datasheet
78Kb / 8P
   5V/Programmable Low-Dropout Voltage Regulator
Rev 3; 10/94
logo
ON Semiconductor
CS8164 ONSEMI-CS8164 Datasheet
83Kb / 8P
   8V/5V Low Dropout Dual Regulator
December, 2001 - Rev. 4
logo
Maxim Integrated Produc...
MAX667 MAXIM-MAX667_08 Datasheet
163Kb / 9P
   5V/Programmable Low-Dropout Voltage Regulator
Rev 4; 9/08
logo
Global Mixed-mode Techn...
G98MXX GMT-G98MXX Datasheet
77Kb / 1P
   5V~12V 1A Low Dropout Regulator
logo
Cherry Semiconductor Co...
CS8135 CHERRY-CS8135 Datasheet
180Kb / 8P
   5V, 5V Low Dropout Dual Regulator with /ENABLE RESET
logo
Sipex Corporation
SPX29300 SIPEX-SPX29300_06 Datasheet
293Kb / 11P
   3A High Current, Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com