전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SPI-8002TW 데이터시트(PDF) 4 Page - Allegro MicroSystems

부품명 SPI-8002TW
상세설명  Dual 1.5 A, DC/DC Step-Down Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ALLEGRO [Allegro MicroSystems]
홈페이지  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SPI-8002TW 데이터시트(HTML) 4 Page - Allegro MicroSystems

  SPI-8002TW Datasheet HTML 1Page - Allegro MicroSystems SPI-8002TW Datasheet HTML 2Page - Allegro MicroSystems SPI-8002TW Datasheet HTML 3Page - Allegro MicroSystems SPI-8002TW Datasheet HTML 4Page - Allegro MicroSystems SPI-8002TW Datasheet HTML 5Page - Allegro MicroSystems SPI-8002TW Datasheet HTML 6Page - Allegro MicroSystems SPI-8002TW Datasheet HTML 7Page - Allegro MicroSystems SPI-8002TW Datasheet HTML 8Page - Allegro MicroSystems SPI-8002TW Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SPI-8002TW
Dual 1.5 A, DC/DC
Step-Down Converter
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036
Switching
Regulators
4
TYPICAL CHARACTERISTICS
(TA = 25°C)
Efficiency
Efficiency
Load Regulation
Low-Voltage Behavior
Load Regulation


유사한 부품 번호 - SPI-8002TW

제조업체부품명데이터시트상세설명
logo
Sanken electric
SPI-8002TW SANKEN-SPI-8002TW Datasheet
474Kb / 4P
   2-Output Step-down Switching Mode Regulator ICs
SPI-8002TW SANKEN-SPI-8002TW Datasheet
117Kb / 4P
   2-Output, Step-down Switching Mode
SPI-8002TW SANKEN-SPI-8002TW Datasheet
89Kb / 4P
   2-Output, Step-down Switching Mode
More results

유사한 설명 - SPI-8002TW

제조업체부품명데이터시트상세설명
logo
Allegro MicroSystems
SPI-8001TW ALLEGRO-SPI-8001TW Datasheet
427Kb / 10P
   Dual 1.5 A, DC/DC Step-Down Converter
SI-8033JD ALLEGRO-SI-8033JD Datasheet
546Kb / 10P
   Step-Down to 3.3 V, 1.5 A, DC/DC Converter
SI-8120JD ALLEGRO-SI-8120JD Datasheet
574Kb / 10P
   Step-Down to 12.0 V, 1.5 A, DC/DC Converter
SI-8120JF ALLEGRO-SI-8120JF Datasheet
363Kb / 9P
   Step-Down to 12.0 V, 1.5 A, DC/DC Converter
SI-8025JF ALLEGRO-SI-8025JF Datasheet
320Kb / 9P
   Step-Down to 2.5 V, 1.5 A, DC/DC Converter
SI-8090JF ALLEGRO-SI-8090JF Datasheet
326Kb / 9P
   Step-Down to 9.0 V, 1.5 A, DC/DC Converter
SI-8050JF ALLEGRO-SI-8050JF Datasheet
326Kb / 9P
   Step-Down to 5.0 V, 1.5 A, DC/DC Converter
SI-8033JF ALLEGRO-SI-8033JF Datasheet
335Kb / 9P
   Step-Down to 3.3 V, 1.5 A, DC/DC Converter
logo
Sanken electric
SI-8025JF SANKEN-SI-8025JF Datasheet
319Kb / 9P
   Step-Down to 2.5 V, 1.5 A, DC/DC Converter
logo
Allegro MicroSystems
SI-8050JD ALLEGRO-SI-8050JD Datasheet
538Kb / 10P
   Step-Down to 5.0 V, 1.5 A, DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com