전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC184LC 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 BC184LC
상세설명  Silicon NPN Small Signal Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BC184LC 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  BC184LC Datasheet HTML 1Page - Fairchild Semiconductor BC184LC Datasheet HTML 2Page - Fairchild Semiconductor BC184LC Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A1, August 2002
Absolute Maximum Ratings T
C=25°C unless otherwise noted
Electrical Characteristics T
C=25°C unless otherwise noted
Notes:
1. These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
2. These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
3. These ratings are based on a maximum junction temperature of 150degrees C.
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
45
V
VCEO
Collector-Emitter Voltage
30
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current (DC)
200
mA
PC
Collector Dissipation (Ta=25°C) (Note 2, 3)
625
mW
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
- 55 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
BVCBO
Collector-Base Voltage
IC = 10µA45
V
BVCEO
Collector-Emitter Voltage
IC = 2mA
30
V
BVEBO
Emitter-Base Voltage
IE = 10µA5
V
ICBO
Collector Cut-off Current
VCB = 30V
15
nA
IEBO
Emitter Cut-off Current
VEB = 3V
15
nA
hFE
DC Current Gain
VCE = 5V, IC = 10µA
VCE = 5V, IC = 2mA
VCE = 5V, IC = 100mA
100
250
130
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 10mA, IB = 0.5mA
IC = 100mA, IB = 5mA
0.25
0.6
V
VBE(sat)
Base-Emitter Saturation Voltage
IC = 100mA, IB = 5mA
1.2
V
VBE(on)
Base-Emitter On Voltage
VCE = 5V, IC = 2mA
0.55
0.7
V
C
OB
Output Capacitance
VCE = 10V, f = 1MHz
5
pF
fT
Current gain Bandwidth Product
VCE = 5V, IC = 10mA
f = 100MHz
150
MHz
hFE
Small Signal Current Gain
VCE = 5V, IC = 2mA
f = 1KHz
450
900
NF
Noise Figure
VCE = 5V, IC = 200mA
R
G = 2KΩ, f = 1KHz
4dB
BC184LC
Silicon NPN Small Signal Transistor (Note 1)
•BVCEO = 30V (Min.)
•hFE = 250 (Min.) @VCE = 5.0V, IC = 2mA
1. Emitter 2. Collector 3. Base
TO-92
1


유사한 부품 번호 - BC184LC

제조업체부품명데이터시트상세설명
logo
Continental Device Indi...
BC184LC CDIL-BC184LC Datasheet
147Kb / 4P
   SILICON PLANAR EPITAXIAL AMPLIFIER TRANSISTORS
logo
New Jersey Semi-Conduct...
BC184LC NJSEMI-BC184LC Datasheet
206Kb / 3P
   NPN SILICON PLANAR EPITAXIAL AMPLIFIER TRANSISTORS
More results

유사한 설명 - BC184LC

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
BC184L FAIRCHILD-BC184L Datasheet
23Kb / 3P
   SILICON NPN SMALL SIGNAL TRANSISTOR
BC184C FAIRCHILD-BC184C Datasheet
25Kb / 3P
   Silicon NPN Small Signal Transistor
BC184L FAIRCHILD-BC184L Datasheet
25Kb / 3P
   Silicon NPN Small Signal Transistor
logo
Seme LAB
2N2857CSM SEME-LAB-2N2857CSM_10 Datasheet
581Kb / 4P
   SILICON RF SMALL SIGNAL NPN TRANSISTOR
logo
Diodes Incorporated
ZTX341 DIODES-ZTX341 Datasheet
59Kb / 2P
   NPN SILICON PLANAR SMALL SIGNAL TRANSISTOR
logo
Seme LAB
2N2857C1 SEME-LAB-2N2857C1_10 Datasheet
202Kb / 4P
   SILICON RF SMALL SIGNAL NPN TRANSISTOR
logo
Diodes Incorporated
ZTX300 DIODES-ZTX300 Datasheet
52Kb / 2P
   NPN SILICON PLANAR SMALL SIGNAL TRANSISTOR
logo
Zetex Semiconductors
ZTX300 ZETEX-ZTX300 Datasheet
48Kb / 2P
   NPN SILICON PLANAR SMALL SIGNAL TRANSISTOR
ZTX341 ZETEX-ZTX341 Datasheet
55Kb / 2P
   NPN SILICON PLANAR SMALL SIGNAL TRANSISTOR
logo
Seme LAB
2N2857C1 SEME-LAB-2N2857C1 Datasheet
206Kb / 4P
   SILICON RF SMALL SIGNAL NPN TRANSISTOR
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com