전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN5018BMTCX 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 FAN5018BMTCX
상세설명  6-Bit VID Controller 2-4 Phase VR10.X Controller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5018BMTCX 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  FAN5018BMTCX Datasheet HTML 1Page - Fairchild Semiconductor FAN5018BMTCX Datasheet HTML 2Page - Fairchild Semiconductor FAN5018BMTCX Datasheet HTML 3Page - Fairchild Semiconductor FAN5018BMTCX Datasheet HTML 4Page - Fairchild Semiconductor FAN5018BMTCX Datasheet HTML 5Page - Fairchild Semiconductor FAN5018BMTCX Datasheet HTML 6Page - Fairchild Semiconductor FAN5018BMTCX Datasheet HTML 7Page - Fairchild Semiconductor FAN5018BMTCX Datasheet HTML 8Page - Fairchild Semiconductor FAN5018BMTCX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
FAN5018B
PRODUCT SPECIFICATION
4
REV. 1.0.0 Jul/15/05
Absolute Maximum Ratings
Absolute maximum ratings are the values beyond which the device may be damaged or have its useful life impaired. Func-
tional operation under these conditions is not implied.
Thermal Information
Recommended Operating Conditions (See Figure 8)
Note:
1:
θJA is defined as 1 oz. copper PCB with 1 in2 pad.
Parameter
Min.
Max.
Units
Supply Voltage: VCC to GND
-0.3
+15
V
Voltage on FBRTN pin
-0.3
+0.3
V
Voltage on SW1-SW4 (<250ns duration)
-5
+25
V
Voltage on SW1-SW4 (>=250ns duration)
-0.3
+15
V
Voltage on RAMPADJ, CSSUM
-0.3
VCC+0.3
V
Voltage on any other pin
-0.3
+5.5
V
Parameter
Min.
Typ
Max.
Units
Operating Junction Temperature (TJ)0
+150
°C
Storage Temperature
–65
+150
°C
Lead Soldering Temperature, 10 seconds
+300
°C
Vapor Phase, 60 seconds
+215
°C
Infrared, 15 seconds
+220
°C
Power Dissipation (PD) @ TA = 25°C
2
W
Thermal Resistance (
θJA) (See Note 1)
50
°C/W
Parameter
Conditions
Min.
Typ.
Max.
Units
Supply Voltage VCC
VCC to GND
10.2
12
13.8
V
Ambient Operating Temperature
0
+85
°C
Operating Junction Temperature (TJ)
0
+125


유사한 부품 번호 - FAN5018BMTCX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN5019 FAIRCHILD-FAN5019 Datasheet
781Kb / 30P
   6-Bit VID Controller 2-4 Phase VRM10.X Controller
FAN5019B FAIRCHILD-FAN5019B Datasheet
508Kb / 30P
   6-Bit VID Controller 2-4 Phase VR10.X Controller
FAN5019BMTCX FAIRCHILD-FAN5019BMTCX Datasheet
508Kb / 30P
   6-Bit VID Controller 2-4 Phase VR10.X Controller
FAN5019MTC FAIRCHILD-FAN5019MTC Datasheet
781Kb / 30P
   6-Bit VID Controller 2-4 Phase VRM10.X Controller
FAN5019MTCX FAIRCHILD-FAN5019MTCX Datasheet
781Kb / 30P
   6-Bit VID Controller 2-4 Phase VRM10.X Controller
More results

유사한 설명 - FAN5018BMTCX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN5019B FAIRCHILD-FAN5019B Datasheet
508Kb / 30P
   6-Bit VID Controller 2-4 Phase VR10.X Controller
FAN5019 FAIRCHILD-FAN5019 Datasheet
781Kb / 30P
   6-Bit VID Controller 2-4 Phase VRM10.X Controller
FAN53168 FAIRCHILD-FAN53168 Datasheet
397Kb / 28P
   6-Bit VID Controlled 2-4 Phase DC-DC Controller
FAN53180 FAIRCHILD-FAN53180 Datasheet
851Kb / 28P
   6-Bit VID Controlled 2-4 Phase DC-DC Controller
logo
Intersil Corporation
ISL6556A INTERSIL-ISL6556A Datasheet
702Kb / 24P
   Optimized Multi-Phase PWM Controller with 6-Bit DAC for VR10.X Application
logo
STMicroelectronics
L6710 STMICROELECTRONICS-L6710 Datasheet
1Mb / 34P
   6 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER WITH DYNAMIC VID MANAGEMENT
March 2004
logo
Renesas Technology Corp
ISL6556A RENESAS-ISL6556A Datasheet
1Mb / 24P
   Optimized Multiphase PWM Controller with 6-Bit DAC for VR10.X Application
logo
Maxim Integrated Produc...
MAX8720 MAXIM-MAX8720 Datasheet
987Kb / 31P
   Dynamically Adjustable 6-Bit VID Step-Down Controller
Rev 1; 8/04
logo
Analog Devices
ADP3194 AD-ADP3194 Datasheet
649Kb / 32P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
ADP3180 AD-ADP3180 Datasheet
529Kb / 20P
   6-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com