전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL3873AIK 데이터시트(PDF) 4 Page - Intersil Corporation

부품명 ISL3873AIK
상세설명  Wireless LAN Integrated Medium Access Controller with Baseband Processor
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3873AIK 데이터시트(HTML) 4 Page - Intersil Corporation

  ISL3873AIK Datasheet HTML 1Page - Intersil Corporation ISL3873AIK Datasheet HTML 2Page - Intersil Corporation ISL3873AIK Datasheet HTML 3Page - Intersil Corporation ISL3873AIK Datasheet HTML 4Page - Intersil Corporation ISL3873AIK Datasheet HTML 5Page - Intersil Corporation ISL3873AIK Datasheet HTML 6Page - Intersil Corporation ISL3873AIK Datasheet HTML 7Page - Intersil Corporation ISL3873AIK Datasheet HTML 8Page - Intersil Corporation ISL3873AIK Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
4
MAC Radio Interface and General Purpose Port Pins
PIN NAME
PIN I/O TYPE
DESCRIPTION OF FUNCTION
(IF OTHER THAN I/O PORT)
PJ4
CMOS BiDir, 2mA
PE1
PJ5
CMOSBiDir,2mA,50K Pull Up
LE_IF
PJ6
CMOS BiDir, 2mA
LED1
PJ7
CMOS BiDir, 2mA, 50K Pull Up
RADIO_PE
PK0
CMOSBiDir,2mA,ST, 50K Pull Down
LE_RF
PK1
CMOS BiDir, 2mA, 50K Pull Down
SYNTHCLK
PK2
CMOS BiDir, 2mA, 50K Pull Down
SYNTHDATA
PK3
CMOS BiDir, 2mA
PA_PE
PK4
CMOS BiDir, 2mA
PE2
PK7
CMOS BiDir, 2mA
CAL_EN
PL3
CMOS BiDir, 2mA
TR_SW_BAR
PL7
CMOSBiDir,2mA,Pull Down
TR_SW
SERIAL EEPROM PORT PINS
PIN NAME
PIN I/O TYPE
DESCRIPTION
PJ0
CMOS BiDir
SCLK, Serial Clock
PJ1
CMOS BiDir, 50K Pull Down
SD, Serial Data Out
PJ2
CMOS BiDir, 50K Pull Down
MISO, Serial Data IN
TCLKIN (CS_)
CMOS BiDir
CS_, Chip Select
Clocks Port Pins
PIN NAME
PIN I/O TYPE
DESCRIPTION
CLKIN
CMOS Input, 50K Pull Down
External Clock Input to MCLK prescaler (at >= 2X Desired MCLK
Frequency, Typically 44-48MHz)
XTALIN
Analog Input
32.768kHz Crystal Input
XTALOUT
CMOS Output, 2mA
32.768kHz Crystal Output
CLKOUT
CMOS, TS Output, 2mA
Internal Clock Output (Selectable as MCLK, TCLK, or TOUT0)
BBP_CLK
Input
Baseband Processor Clock. The nominal frequency for this clock is
44MHz. This is used internally to generate divide by 2 and 4 for the
transceiver clock
Baseband Processor Receiver Port Pins
PIN NAME
PIN I/O TYPE
DESCRIPTION
RX_IF_AGC
O
Analog drive to the IF AGC control
RX_RF_AGC
O
Drive to the RF AGC stage attenuator. CMOS digital
RX_IF_DET
I
Analog input to the receive power A/D converter for AGC control
RXI,
±
I
Analog input to the internal 6-bit A/D of the In-phase received data. Balanced differential 10+/11-
RXQ,
±
I
Analog input to the internal 6-bit A/D of the Quadrature received data. Balanced differential 13+/14-
Baseband Processor Transmitter Port Pins
PIN NAME
PIN I/O TYPE
DESCRIPTION
TX_AGC_IN
I
Input to the transmit power A/D converter for transmit AGC control
TX_IF_AGC
O
Analog drive to the transmit IF power control
TXI
±
O
TX Spread baseband I digital output data. Data is output at the chip rate. Balanced differential 23+/24-
TXQ
±
O
TX Spread baseband Q digital output data. Data is output at the chip rate. Balanced differential
29+/30-
ISL3873A


유사한 부품 번호 - ISL3873AIK

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL3873 INTERSIL-ISL3873 Datasheet
215Kb / 31P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
ISL3873IK INTERSIL-ISL3873IK Datasheet
215Kb / 31P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
ISL3873IK96 INTERSIL-ISL3873IK96 Datasheet
215Kb / 31P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
More results

유사한 설명 - ISL3873AIK

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL3873 INTERSIL-ISL3873 Datasheet
215Kb / 31P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
ISL3871A INTERSIL-ISL3871A Datasheet
37Kb / 1P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
ISL3880 INTERSIL-ISL3880 Datasheet
113Kb / 1P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
ISL3871IK18 INTERSIL-ISL3871IK18 Datasheet
28Kb / 1P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
ISL3886 INTERSIL-ISL3886 Datasheet
43Kb / 1P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
logo
International Rectifier
ISL3893 IRF-ISL3893 Datasheet
108Kb / 1P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
logo
Intersil Corporation
ISL3874 INTERSIL-ISL3874 Datasheet
390Kb / 33P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor with Mini-PCI
HFA3841 INTERSIL-HFA3841 Datasheet
211Kb / 27P
   Wireless LAN Medium Access Controller
January 2000
HFA3842 INTERSIL-HFA3842 Datasheet
512Kb / 26P
   Wireless LAN Medium Access Controller
logo
OKI electronic componet...
MSM7712 OKI-MSM7712 Datasheet
157Kb / 20P
   Wireless LAN Baseband Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com