전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN5019BMTCX 데이터시트(PDF) 8 Page - Fairchild Semiconductor

부품명 FAN5019BMTCX
상세설명  6-Bit VID Controller 2-4 Phase VR10.X Controller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5019BMTCX 데이터시트(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN5019BMTCX Datasheet HTML 4Page - Fairchild Semiconductor FAN5019BMTCX Datasheet HTML 5Page - Fairchild Semiconductor FAN5019BMTCX Datasheet HTML 6Page - Fairchild Semiconductor FAN5019BMTCX Datasheet HTML 7Page - Fairchild Semiconductor FAN5019BMTCX Datasheet HTML 8Page - Fairchild Semiconductor FAN5019BMTCX Datasheet HTML 9Page - Fairchild Semiconductor FAN5019BMTCX Datasheet HTML 10Page - Fairchild Semiconductor FAN5019BMTCX Datasheet HTML 11Page - Fairchild Semiconductor FAN5019BMTCX Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
FAN5019B
PRODUCT SPECIFICATION
8
REV. 1.0.0 Jul/15/05
Internal Block Diagram
Phase
Current
Balancing
Circuit
VID
DAC
REF
Current
Limit
Circuit
Oscillator
UVLO
Shutdown
& Bias
11
28
19
13
14
CMP
Soft
Start
2/3/4 Phase Driver
Logic
EN
RESET
SET
RESET
RESET
RESET
CURRENT
LIMIT
CROWBAR
12
CMP
CMP
CMP
CSA
Error
Amp
24
25
26
27
20
21
22
23
+
-
15
7
6
5
4
3
2
1
18
16
17
10
EN
8
9
DELAY
VID4 VID3 VID2
VID1 VID0 VID5
COMP
PWRGD
EN
RT
FBRTN
FB
RAMPADJ
CSCOMP
CSSUM
VCC
SW2
SW3
PWM3
PWM4
PWM1
GND
ILIMIT
CSREF
SW1
PWM2
SW4
Delay
CMP
CMP
DAC
-250mV
CSREF
DAC
+150mV
2K
3.75V
Sel VRM9 Table


유사한 부품 번호 - FAN5019BMTCX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN5019 FAIRCHILD-FAN5019 Datasheet
781Kb / 30P
   6-Bit VID Controller 2-4 Phase VRM10.X Controller
FAN5019MTC FAIRCHILD-FAN5019MTC Datasheet
781Kb / 30P
   6-Bit VID Controller 2-4 Phase VRM10.X Controller
FAN5019MTCX FAIRCHILD-FAN5019MTCX Datasheet
781Kb / 30P
   6-Bit VID Controller 2-4 Phase VRM10.X Controller
More results

유사한 설명 - FAN5019BMTCX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN5018B FAIRCHILD-FAN5018B Datasheet
509Kb / 30P
   6-Bit VID Controller 2-4 Phase VR10.X Controller
FAN5019 FAIRCHILD-FAN5019 Datasheet
781Kb / 30P
   6-Bit VID Controller 2-4 Phase VRM10.X Controller
FAN53168 FAIRCHILD-FAN53168 Datasheet
397Kb / 28P
   6-Bit VID Controlled 2-4 Phase DC-DC Controller
FAN53180 FAIRCHILD-FAN53180 Datasheet
851Kb / 28P
   6-Bit VID Controlled 2-4 Phase DC-DC Controller
logo
Intersil Corporation
ISL6556A INTERSIL-ISL6556A Datasheet
702Kb / 24P
   Optimized Multi-Phase PWM Controller with 6-Bit DAC for VR10.X Application
logo
STMicroelectronics
L6710 STMICROELECTRONICS-L6710 Datasheet
1Mb / 34P
   6 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER WITH DYNAMIC VID MANAGEMENT
March 2004
logo
Renesas Technology Corp
ISL6556A RENESAS-ISL6556A Datasheet
1Mb / 24P
   Optimized Multiphase PWM Controller with 6-Bit DAC for VR10.X Application
logo
Maxim Integrated Produc...
MAX8720 MAXIM-MAX8720 Datasheet
987Kb / 31P
   Dynamically Adjustable 6-Bit VID Step-Down Controller
Rev 1; 8/04
logo
Analog Devices
ADP3194 AD-ADP3194 Datasheet
649Kb / 32P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
ADP3180 AD-ADP3180 Datasheet
529Kb / 20P
   6-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com