전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN5069 데이터시트(PDF) 11 Page - Fairchild Semiconductor

부품명 FAN5069
상세설명  PWM and LDO Controller Combo
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5069 데이터시트(HTML) 11 Page - Fairchild Semiconductor

Back Button FAN5069 Datasheet HTML 7Page - Fairchild Semiconductor FAN5069 Datasheet HTML 8Page - Fairchild Semiconductor FAN5069 Datasheet HTML 9Page - Fairchild Semiconductor FAN5069 Datasheet HTML 10Page - Fairchild Semiconductor FAN5069 Datasheet HTML 11Page - Fairchild Semiconductor FAN5069 Datasheet HTML 12Page - Fairchild Semiconductor FAN5069 Datasheet HTML 13Page - Fairchild Semiconductor FAN5069 Datasheet HTML 14Page - Fairchild Semiconductor FAN5069 Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
www.fairchildsemi.com
FAN5069 Rev. 1.1.0
Oscillator Clock Frequency (PWM)
The clock frequency on the oscillator is set using an external
resistor, connected between R(T) pin and ground. The fre-
quency follows the graph as shown in Figure 18. The minimum
clock frequency is 200KHz which is when R(T) pin is left open.
Select the value of R(T) as shown in the equation below. This
equation is valid for all FOSC > 200kHz.
(EQ. 2)
Where FOSC is in Hz.
For example for FOSC = 300kHz, R(T) = 50KΩ.
RRAMP Selection and Feed Forward Operation
The FAN5069 provides for feed forward function through RRAMP.
The value of RRAMP effectively changes the slope of the internal
ramp keeping the gain of the modulator constant for changes in
input voltage. RRAMP also affects the current limit as explained
in the later sections. The minimum value recommended to use
for RRAMP is 400KΩ at maximum input voltage of 24V. For other
input voltages (E.g. 8V), calculate RRAMP resistor using the fol-
lowing equation:
(EQ. 3)
Gate Drive Section
The adaptive gate control logic translates the internal PWM
control signal into the MOSFET gate drive signals and provides
necessary amplification, level shifting, and shoot-through pro-
tection. Also, it has functions that help optimize the IC perfor-
mance over a wide range of operating conditions. Since the
MOSFET switching time can vary dramatically from device to
device and with the input voltage, the gate control logic provides
adaptive dead time by monitoring the gate-to-source voltages of
both upper and lower MOSFETs. The lower MOSFET drive is
not turned on until the gate-to-source voltage of the upper MOS-
FET has decreased to less than approximately 1V. Similarly, the
upper MOSFET is not turned on until the gate-to-source voltage
of the lower MOSFET has decreased to less than approximately
1V. This allows a wide variety of upper and lower MOSFETs to
be used without a concern for simultaneous conduction, or
shoot-through.
A low impedance path between the driver pin and the MOSFET
gate is recommended for the adaptive dead-time circuit to work
properly. Any delay along this path reduces the delay generated
by the adaptive dead-time circuit thereby increasing the
chances for shoot-through.
Protection
In the FAN5069, the converter is protected against extreme over
load, short circuit, over voltage, and under voltage conditions.
All of these extreme conditions generate an internal “fault latch”
which shuts down the converter. For all fault conditions both the
high-side and the low-side drives are off except in the case of
OVP where the low-side MOSFET is turned on until the voltage
on the FB pin goes below 0.4V. The fault latch can be reset
either by toggling the EN pin or recycling VCC to the chip.
Over Current Limit (PWM)
The PWM converter is protected against overloading through a
cycle-by-cycle current limit set by selecting RILIM resistor. An
internal 10µA current source sets the threshold voltage for the
output of the summing amplifier. When the summing amplifier
output exceeds this threshold level, the current limit comparator
trips and the PWM starts skipping pulses. If the current limit trip-
ping occurs for 16 continuous clock cycles, a fault latch is set
and the controller shuts down the converter. This shut down fea-
ture is disabled during the start-up until the voltage on the SS
capacitor crosses 1.2V.
To achieve current limit, the FAN5069 monitors the inductor cur-
rent during the OFF time by monitoring and holding the voltage
across the lower MOSFET. The voltage across the lower MOS-
FET is sensed between the PGND and the SW pins.
The output of the summing amplifier is a function of the inductor
current, RDS_ON of the bottom FET and the gain of the current
sense amplifier. With the RDS_ON method of current sensing,
the current limit can vary widely from unit to unit. RDS_ON not
only varies from unit to unit, but also has a typical junction tem-
perature coefficient of about 0.4%/°C (consult the MOSFET
datasheet for actual values). Hence, the set point of the actual
current limit decreases in proportion to increase in MOSFET die
temperature. A factor of 1.6 in the current limit set point typically
compensates for all MOSFET RDS_ON variations, assuming the
MOSFET's heat sinking will keep its operating die temperature
below 125°C.
For more accurate current limit setting, use resistor sensing. In
a resistor sensing scheme, an appropriate current sense resis-
tor is connected between the source terminal of the bottom
MOSFET and PGND.
Set the current limit by selecting RILIM as follows:
(EQ. 4)
Where
RILIM is in KΩ, IMAX is the maximum load current.
K1 is a constant to compensate for the variation of MOSFET
RDS_ON. Typically, this value is 1.6.
With K1=1.6, IMAX=10A, RDS_ON=7mΩ, VIN=24V, VOUT=1.5V,
FSW = 300KHz, and RRAMP=400KΩ, RILIM equals 168.18 KΩ.
Auto Restart (PWM)
The FAN5069 supports two modes of response when the inter-
nal fault latch is set. The user can configure it to keep the power
supply latched in the OFF state OR in the Auto Restart mode.
When the EN pin is tied to VCC, the power supply is latched
OFF. When the EN pin is terminated with a 100nF to GND, the
power supply is in Auto Restart mode. The table below
describes the relationship between PWM restart and setting on
EN pin. Do not leave the EN pin open without any capacitor.
RT
()
510
9
×
F
OSC
200
103
×
()
----------------------------------------------------
Ω
=
R
RAMP
V
IN
1.8
55
10
6
×
-------------------------
=
EN Pin
PWM/Restart
Pull to GND
OFF
VCC
No restart after fault
Cap to GND
Restart after
TDELAY (Sec.) =
Where C is in
μF
R
ILIM
128
K1
I
×
MAX
R
DS ON
×
0.0625
--------------------------------------------------------------
1
1.8
V
IN
----------
⎝⎠
⎛⎞
V
OUT
33.2
1011
×
×
F
SW
R
RAMP
×
-------------------------------------------------------
×
⎝⎠
⎜⎟
⎛⎞
++
K
Ω
=
0.85
C
×


유사한 부품 번호 - FAN5069

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN5069 FAIRCHILD-FAN5069 Datasheet
621Kb / 22P
   PWM and LDO Controller Combo
FAN5069 FAIRCHILD-FAN5069 Datasheet
621Kb / 22P
   PWM and LDO Controller Combo
FAN5069EMTCX FAIRCHILD-FAN5069EMTCX Datasheet
621Kb / 22P
   PWM and LDO Controller Combo
FAN5069EMTCX FAIRCHILD-FAN5069EMTCX Datasheet
621Kb / 22P
   PWM and LDO Controller Combo
FAN5069MTCX FAIRCHILD-FAN5069MTCX Datasheet
621Kb / 22P
   PWM and LDO Controller Combo
More results

유사한 설명 - FAN5069

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN5069 FAIRCHILD-FAN5069_06 Datasheet
621Kb / 22P
   PWM and LDO Controller Combo
FAN5069 FAIRCHILD-FAN5069_08 Datasheet
621Kb / 22P
   PWM and LDO Controller Combo
logo
International Rectifier
IRU3048 IRF-IRU3048 Datasheet
154Kb / 18P
   DUAL SYNCHRONOUS PWM CONTROLLER CIRCUITRY AND LDO CONTROLLER
logo
Advanced Power Electron...
APU3048 A-POWER-APU3048 Datasheet
189Kb / 15P
   DUAL SYNCHRONOUS PWM CONTROLLER CIRCUITRY AND LDO CONTROLLER
logo
Microsemi Corporation
NX2139A MICROSEMI-NX2139A Datasheet
857Kb / 21P
   SINGLE CHANNEL MOBILE PWM AND LDO CONTROLLER
logo
Fairchild Semiconductor
FAN5099 FAIRCHILD-FAN5099 Datasheet
1,018Kb / 24P
   Wide Frequency Synchronous Buck PWM AND LDO Controller
logo
Micro Linear Corporatio...
ML4819 MICRO-LINEAR-ML4819 Datasheet
290Kb / 15P
   Power Factor and PWM Controller Combo
logo
International Rectifier
IRU3046 IRF-IRU3046 Datasheet
163Kb / 20P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
IRU3047 IRF-IRU3047 Datasheet
141Kb / 19P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
logo
Microsemi Corporation
LX2750 MICROSEMI-LX2750 Datasheet
394Kb / 11P
   SINGLE INPUT SUPPLY PWM CONTROLLER WITH LDO CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com