전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC74AC132 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 MC74AC132
상세설명  Quad 2?묲nput NAND Schmitt Trigger
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC132 데이터시트(HTML) 1 Page - ON Semiconductor

  MC74AC132 Datasheet HTML 1Page - ON Semiconductor MC74AC132 Datasheet HTML 2Page - ON Semiconductor MC74AC132 Datasheet HTML 3Page - ON Semiconductor MC74AC132 Datasheet HTML 4Page - ON Semiconductor MC74AC132 Datasheet HTML 5Page - ON Semiconductor MC74AC132 Datasheet HTML 6Page - ON Semiconductor MC74AC132 Datasheet HTML 7Page - ON Semiconductor MC74AC132 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2006
October, 2006 − Rev. 7
1
Publication Order Number:
MC74AC132/D
MC74AC132, MC74ACT132
Quad 2−Input NAND Schmitt
Trigger
The MC74AC/74ACT132 contains four 2−input NAND gates
which are capable of transforming slowly changing input signals into
sharply defined, jitter−free output signals. In addition, they have
greater noise margin than conventional NAND gates.
Each circuit contains a 2−input Schmitt trigger. The Schmitt trigger
uses positive feedback to effectively speed−up slow input transitions,
and provide different input threshold voltages for positive and
negative-going transitions. This hysteresis between the positive−going
and negative−going input threshold is determined by resistor ratios
and is essentially insensitive to temperature and supply voltage
variations.
Features
Schmitt Trigger Inputs
Outputs Source/Sink 24 mA
′ACT132 Has TTL Compatible Inputs
Pb−Free Packages are Available
13
14
12
11
10
9
8
2
1
34567
GND
VCC
Figure 1. Pinout; 14−Lead Packages Conductors
(Top View)
FUNCTION TABLE
Inputs
Output
A
B
Y
L
L
H
L
H
H
H
L
H
H
H
L
H = HIGH Voltage Level
L = LOW Voltage Level
SOEIAJ−14
M SUFFIX
CASE 965
1
14
SOIC−14
D SUFFIX
CASE 751A
1
14
1
14
PDIP−14
N SUFFIX
CASE 646
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION


유사한 부품 번호 - MC74AC132

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC74AC132 ONSEMI-MC74AC132 Datasheet
74Kb / 6P
   Quad 2-Input NAND Schmitt Trigger
January, 2015 ??Rev. 8
MC74AC132DG ONSEMI-MC74AC132DG Datasheet
74Kb / 6P
   Quad 2-Input NAND Schmitt Trigger
January, 2015 ??Rev. 8
MC74AC132DR2G ONSEMI-MC74AC132DR2G Datasheet
74Kb / 6P
   Quad 2-Input NAND Schmitt Trigger
January, 2015 ??Rev. 8
MC74AC132 ONSEMI-MC74AC132_15 Datasheet
74Kb / 6P
   Quad 2-Input NAND Schmitt Trigger
January, 2015 ??Rev. 8
More results

유사한 설명 - MC74AC132

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC74VHCT132A ONSEMI-MC74VHCT132A_06 Datasheet
101Kb / 6P
   Quad 2?묲nput NAND Schmitt Trigger
January, 2006 ??Rev. 4
MC14093B ONSEMI-MC14093B_06 Datasheet
160Kb / 9P
   Quad 2?묲nput NAND Schmitt Trigger
October, 2006 ??Rev. 7
MC74VHC132 ONSEMI-MC74VHC132 Datasheet
100Kb / 6P
   Quad 2?묲nput NAND Schmitt Trigger
December, 2005 ??Rev. 3
logo
Leshan Radio Company
L74VHC1G132 LRC-L74VHC1G132 Datasheet
179Kb / 6P
   2?묲nput NAND Schmitt Trigger
logo
List of Unclassifed Man...
GD4093B ETC1-GD4093B Datasheet
180Kb / 2P
   QUAD 2 - INPUT NAND SCHMITT TRIGGER
logo
Texas Instruments
54F132 TI1-54F132 Datasheet
360Kb / 10P
[Old version datasheet]   Quad 2-Input NAND Schmitt Trigger
logo
ON Semiconductor
MC74VHCT132A ONSEMI-MC74VHCT132A_14 Datasheet
97Kb / 6P
   Quad 2-Input NAND Schmitt Trigger
October, 2014 ??Rev. 6
logo
NXP Semiconductors
74LVC132A PHILIPS-74LVC132A Datasheet
89Kb / 15P
   Quad 2-input NAND Schmitt trigger
Rev. 01-15 December 2006
74LV132 PHILIPS-74LV132_15 Datasheet
115Kb / 17P
   Quad 2-input NAND Schmitt trigger
Rev. 05-2 July 2009
logo
ON Semiconductor
MM74HC132 ONSEMI-MM74HC132 Datasheet
251Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
February 2008 Rev. 1.3.0
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com