전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FC1703 데이터시트(PDF) 2 Page - List of Unclassifed Manufacturers

부품명 FC1703
상세설명  Receiver RFIC for Dual-Band Triple Mode
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

FC1703 데이터시트(HTML) 2 Page - List of Unclassifed Manufacturers

  FC1703 Datasheet HTML 1Page - List of Unclassifed Manufacturers FC1703 Datasheet HTML 2Page - List of Unclassifed Manufacturers FC1703 Datasheet HTML 3Page - List of Unclassifed Manufacturers FC1703 Datasheet HTML 4Page - List of Unclassifed Manufacturers FC1703 Datasheet HTML 5Page - List of Unclassifed Manufacturers FC1703 Datasheet HTML 6Page - List of Unclassifed Manufacturers FC1703 Datasheet HTML 7Page - List of Unclassifed Manufacturers FC1703 Datasheet HTML 8Page - List of Unclassifed Manufacturers FC1703 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
FC1703
Receiver RFIC for Dual-Band Triple Mode
2 / 17
Last Update 03/28/03
Future
Communications
Integrated circuit Inc.
PIN DESCRIPTIONS
Pin
Function
Description
Note
1
PLNA_IN
High-Band RF Input. Requires a blocking capacitor which may be used
as part of the input matching network
2
RLNA
LNA Bias-Setting Resistor Connection
3
SEL1
Control Pin. See Truth Table for Mode Select Pin.
4
RCMIX
Cellular Mixer Bias-Setting Resistor Connection
5
CLNA_GND
Ground Reference for Cellular LNA. This pin should be connected to
GND through 0 ohm.
6
CLNA_IN
Low -Band RF Input. Requires a blocking capacitor which may be used
as part of the input matching network
7
CLNA_OUT
Low -Band LNA Output Port. Connect a pull-up inductor to Vcc and an
external series blocking capacitor which may be used as a part of the
output matching network
8
LO/2
LO Divider-Select Input. LOW disables LO divider, HIGH selects divider
in cellular and FM modes. See Truth Table for Mode Select Pin.
9
CMIX_GND
Ground Reference for Cellular Mixer. This pin should be connected to
GND through 0 ohm.
10
CMIX_IN
Low -Band Mixer Input. Requires a blocking capacitor which may be
used as part of the input matching network.
11
VDD_LO
Power Supply Pin for LO.
12
LO_IN
LO Input Port. Requires an external DC blocking capacitor.
13
LO_OUT
LO Buffer Output Port.
14
CDMA_IFB
Mixer IFB Output.
15
CDMA_IF
Mixer IF Output. Pin14 and 15 are matched at 50 ohm in EV Board. But
they can be matched at differential 1000ohm.
16
BufferEn
LO Output Buffer Enable. Drive BufferEn HIGH to power up the LO
output buffer associated with the selected band. See Truth Table for
Mode Select Pin.
17
FM_IFB
FM IFB Output
18
FM_IF
FM IF Output . Pin17 and 18 are matched at 50 ohm in EV Board. But
they can be matched at single-ended 850ohm
19
RPMIX
PCS Mixer Bias Setting Resistor Connection
20
SEL2
Control Pin. See Truth Table for Mode Select Pin.
21
PMIX_IN
High-Band Mixer Input. Requires a blocking capacitor which may be
used as part of the input matching network.
22
VDD
Power Supply Pin.
23
SEL3
Control Pin. See Truth Table for Mode Select Pin.
24
PLNA_OUT
High-Band LNA Output Port. Connect a pull-up inductor to Vcc and an
external series blocking capacitor which may be used as a part of the
output matching network


유사한 부품 번호 - FC1703

제조업체부품명데이터시트상세설명
logo
Cooper Bussmann, Inc.
FC1 COOPER-FC1 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
PREMO CORPORATION S.L
FC1-FC3 PREMO-FC1-FC3 Datasheet
137Kb / 1P
   Screened Room Filters
logo
Allied Components Inter...
FC10 ALLIED-FC10 Datasheet
382Kb / 1P
   Ferrite Core Chip Inductors
logo
TE Connectivity Ltd
FC10 TEC-FC10 Datasheet
182Kb / 3P
   Single Phase Power Line Filter for Frequency Converters
logo
Allied Components Inter...
FC10-100K-RC ALLIED-FC10-100K-RC Datasheet
381Kb / 1P
   Ferrite Core Chip Inductors
More results

유사한 설명 - FC1703

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TRF1500 TI-TRF1500 Datasheet
233Kb / 17P
[Old version datasheet]   DUAL-BAND/DUAL-MODE PCS RECEIVER
logo
Maxim Integrated Produc...
MAX2306MAX2308-MAX2309 MAXIM-MAX2306MAX2308-MAX2309 Datasheet
197Kb / 20P
   Supports Dual-Band, Triple-Mode Operation
Rev 3; 8/04
logo
National Semiconductor ...
DS8925 NSC-DS8925 Datasheet
311Kb / 16P
   LocalTalk??Dual Driver/Triple Receiver
DS8935 NSC-DS8935 Datasheet
172Kb / 12P
   LocalTalk??Dual Driver/Triple Receiver
logo
Mitel Networks Corporat...
SATURN MITEL-SATURN Datasheet
114Kb / 9P
   CDMA/AMPS dual Band IF Receiver for Digital Phones
logo
United Monolithic Semic...
CHM1270A98F UMS-CHM1270A98F_15 Datasheet
307Kb / 8P
   W-Band Dual Channel Transmitter/Receiver
logo
List of Unclassifed Man...
CME6005 ETC2-CME6005 Datasheet
141Kb / 16P
   Single and dual band receiver IC
logo
Micro Analog systems
MAS9081 MAS-MAS9081 Datasheet
190Kb / 12P
   Dual Band Receiver IC High Sensitivity
logo
Mitel Networks Corporat...
VENUS-L MITEL-VENUS-L Datasheet
86Kb / 7P
   CDMA/AMPS Dual Band RF Receiver
logo
Renesas Technology Corp
P9225-R RENESAS-P9225-R Datasheet
1Mb / 35P
   Dual-Mode Wireless Power Receiver for 5W Applications
November 12, 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com