전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC74AC151D 데이터시트(PDF) 5 Page - ON Semiconductor

부품명 MC74AC151D
상세설명  1?뭥f?? Decoder/Demultiplexer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC151D 데이터시트(HTML) 5 Page - ON Semiconductor

  MC74AC151D Datasheet HTML 1Page - ON Semiconductor MC74AC151D Datasheet HTML 2Page - ON Semiconductor MC74AC151D Datasheet HTML 3Page - ON Semiconductor MC74AC151D Datasheet HTML 4Page - ON Semiconductor MC74AC151D Datasheet HTML 5Page - ON Semiconductor MC74AC151D Datasheet HTML 6Page - ON Semiconductor MC74AC151D Datasheet HTML 7Page - ON Semiconductor MC74AC151D Datasheet HTML 8Page - ON Semiconductor MC74AC151D Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MC74AC151, MC74ACT151
http://onsemi.com
5
AC CHARACTERISTICS (For Figures and Waveforms − See Section 3 of the ON Semiconductor FACT Data Book, DL138/D)
Symbol
Parameter
VCC*
(V)
74AC
74AC
Unit
Fig.
No.
TA = +25°C
CL = 50 pF
TA = −40°C
to +85°C
CL = 50 pF
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
Sn to Z or Z
3.3
3.0
11.5
18.0
3.0
20.0
ns
3−6
5.0
2.5
8.5
13.0
2.0
15.0
tPHL
Propagation Delay
Sn to Z or Z
3.3
2.5
12
18.0
2.5
20.0
ns
3−6
5.0
2.0
8.5
13.0
1.5
15.0
tPLH
Propagation Delay
E to Z or Z
3.3
2.5
8.0
13.0
2.0
14.0
ns
3−6
5.0
2.0
6.0
10.0
1.5
11.0
tPHL
Propagation Delay
E to Z or Z
3.3
1.5
8.5
13.0
1.5
14.0
ns
3−6
5.0
1.5
6.5
10.0
1.5
11.0
tPLH
Propagation Delay
In to Z or Z
3.3
2.5
9.5
14.0
2.0
15.5
ns
3−5
5.0
1.5
7.0
10.5
1.5
11.0
tPHL
Propagation Delay
In to Z or Z
3.3
2.5
9.5
15.0
2.0
16.0
ns
3−5
5.0
1.5
7.0
11.0
1.5
12.0
*Voltage Range 3.3 V is 3.3 V ± 0.3 V
*Voltage Range 5.0 V is 5.0 V ± 0.5 V
DC CHARACTERISTICS
Symbol
Parameter
VCC
(V)
74ACT
74ACT
Unit
Conditions
TA = +25°C
TA =
−40°C to
+85°C
Typ
Guaranteed Limits
VIH
Minimum High Level
Input Voltage
4.5
1.5
2.0
2.0
V
VOUT = 0.1 V
5.5
1.5
2.0
2.0
or VCC − 0.1 V
VIL
Maximum Low Level
Input Voltage
4.5
1.5
0.8
0.8
V
VOUT = 0.1 V
5.5
1.5
0.8
0.8
or VCC − 0.1 V
VOH
Minimum High Level
Output Voltage
4.5
4.49
4.4
4.4
V
IOUT = −50 μA
5.5
5.49
5.4
5.4
V
*VIN = VIL or VIH
4.5
3.86
3.76
IOH
−24 mA
5.5
4.86
4.76
−24 mA
VOL
Maximum Low Level
Output Voltage
4.5
0.001
0.1
0.1
V
IOUT = 50 μA
5.5
0.001
0.1
0.1
V
*VIN = VIL or VIH
4.5
0.36
0.44
IOL
24 mA
5.5
0.36
0.44
24 mA
IIN
Maximum Input
Leakage Current
5.5
±0.1
±1.0
μA
VI = VCC, GND
DICCT
Additional Max. ICC/Input
5.5
0.6
1.5
mA
VI = VCC − 2.1 V
IOLD
†Minimum Dynamic
Output Current
5.5
75
mA
VOLD = 1.65 V Max
IOHD
5.5
−75
mA
VOHD = 3.85 V Min
ICC
Maximum Quiescent
Supply Current
5.5
8.0
80
μA
VIN = VCC or GND
*All outputs loaded; thresholds on input associated with output under test.
†Maximum test duration 2.0 ms, one output loaded at a time.


유사한 부품 번호 - MC74AC151D

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC74AC153 ONSEMI-MC74AC153 Datasheet
180Kb / 12P
   Dual 4?묲nput Multiplexer
March, 2006 ??Rev. 7
MC74AC153 ONSEMI-MC74AC153 Datasheet
100Kb / 9P
   Dual 4-Input Multiplexer
January, 2015 ??Rev. 8
MC74AC153D ONSEMI-MC74AC153D Datasheet
180Kb / 12P
   Dual 4?묲nput Multiplexer
March, 2006 ??Rev. 7
MC74AC153DG ONSEMI-MC74AC153DG Datasheet
100Kb / 9P
   Dual 4-Input Multiplexer
January, 2015 ??Rev. 8
MC74AC153DR2 ONSEMI-MC74AC153DR2 Datasheet
180Kb / 12P
   Dual 4?묲nput Multiplexer
March, 2006 ??Rev. 7
More results

유사한 설명 - MC74AC151D

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC74AC138 ONSEMI-MC74AC138 Datasheet
189Kb / 11P
   1?뭥f?? Decoder/Demultiplexer
March, 2006 ??Rev. 6
MC74HC138A ONSEMI-MC74HC138A_05 Datasheet
116Kb / 10P
   1?뭥f?? Decoder/ Demultiplexer
June, 2005 ??Rev. 9
MC74AC138DG ONSEMI-MC74AC138DG Datasheet
195Kb / 11P
   1?뭥f?? Decoder/Demultiplexer
March, 2006 ??Rev. 6
MC74HC139A ONSEMI-MC74HC139A_05 Datasheet
110Kb / 10P
   Dual 1?뭥f?? Decoder/ Demultiplexer
June, 2005 ??Rev. 9
MC74AC139 ONSEMI-MC74AC139_06 Datasheet
182Kb / 11P
   Dual 1?뭥f?? Decoder/Demultiplexer
March, 2006 ??Rev. 7
MC74AC139DG ONSEMI-MC74AC139DG Datasheet
176Kb / 11P
   Dual 1?뭥f?? Decoder/Demultiplexer
March, 2006 ??Rev. 7
MC14555B ONSEMI-MC14555B_06 Datasheet
96Kb / 6P
   Dual Binary to 1?뭥f?? Decoder/Demultiplexer
June, 2006 ??Rev. 8
74HC138 ONSEMI-74HC138 Datasheet
140Kb / 9P
   1?뭥f?? Decoder/ Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
MC74HCT138A ONSEMI-MC74HCT138A_05 Datasheet
102Kb / 8P
   1?뭥f?? Decoder/ Demultiplexer with LSTTL Compatible Inputs High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 8
NL7SZ19 ONSEMI-NL7SZ19_07 Datasheet
115Kb / 6P
   1?뭪o?? Decoder/Demultiplexer
February, 2007 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com