전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC74AC163 데이터시트(PDF) 5 Page - ON Semiconductor

부품명 MC74AC163
상세설명  Synchronous Presettable Binary Counter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC163 데이터시트(HTML) 5 Page - ON Semiconductor

  MC74AC163 Datasheet HTML 1Page - ON Semiconductor MC74AC163 Datasheet HTML 2Page - ON Semiconductor MC74AC163 Datasheet HTML 3Page - ON Semiconductor MC74AC163 Datasheet HTML 4Page - ON Semiconductor MC74AC163 Datasheet HTML 5Page - ON Semiconductor MC74AC163 Datasheet HTML 6Page - ON Semiconductor MC74AC163 Datasheet HTML 7Page - ON Semiconductor MC74AC163 Datasheet HTML 8Page - ON Semiconductor MC74AC163 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
MC74AC161, MC74ACT161, MC74AC163, MC74ACT163
http://onsemi.com
5
AC CHARACTERISTICS (For Figures and Waveforms − See Section 3 of the ON Semiconductor FACT Data Book, DL138/D)
Symbol
Parameter
VCC*
(V)
74AC161
74AC161
Unit
Fig.
No.
TA = +25°C
CL = 50 pF
TA = −40°C
to +85°C
CL = 50 pF
Min
Typ
Max
Min
Max
fmax
Maximum Count
3.3
70
111
60
MHz
3−3
Frequency
5.0
110
167
95
tPLH
Propagation Delay
3.3
2.0
7.0
12.0
1.5
13.5
ns
3−6
CP to Qn (PE Input HIGH or LOW)
5.0
1.5
5.0
9.0
1.0
9.5
tPHL
Propagation Delay
3.3
1.5
7.0
12.0
1.5
13.0
ns
3−6
CP to Qn (PE Input HIGH or LOW)
5.0
1.5
5.0
9.5
1.5
10.0
tPLH
Propagation Delay
3.3
3.0
9.0
15.0
2.5
16.5
ns
3−6
CP to TC
5.0
2.0
6.0
10.5
1.5
11.5
tPHL
Propagation Delay
3.3
3.5
8.5
14.0
2.5
15.5
ns
3−6
CP to TC
5.0
2.0
6.5
11.0
2.0
11.5
tPLH
Propagation Delay
3.3
2.0
5.5
9.5
1.5
11.0
ns
3−6
CET to TC
5.0
1.5
3.5
6.5
1.0
7.5
tPHL
Propagation Delay
3.3
2.5
6.5
11.0
2.0
12.5
ns
3−6
CET to TC
5.0
2.0
5.0
8.5
1.5
9.5
tPHL
Propagation Delay
3.3
2.0
6.0
12.0
1.5
13.5
ns
3−6
MR to Qn
5.0
1.5
5.5
9.5
1.5
10.0
tPHL
Propagation Delay
3.3
3.5
10.0
15.0
3.0
17.5
ns
3−6
MR to TC
5.0
2.5
8.5
13.0
2.5
13.5
*Voltage Range 3.3 V is 3.3 V ±0.3 V.
*Voltage Range 5.0 V is 5.0 V ±0.5 V.
AC CHARACTERISTICS (For Figures and Waveforms − See Section 3 of the ON Semiconductor FACT Data Book, DL138/D)
Symbol
Parameter
VCC*
(V)
74AC163
74AC163
Unit
Fig.
No.
TA = +25°C
CL = 50 pF
TA = −40°C
to +85°C
CL = 50 pF
Min
Typ
Max
Min
Max
fmax
Maximum Count
3.3
70
95
60
MHz
3−3
Frequency
5.0
110
140
95
tPLH
Propagation Delay
3.3
2.0
7.5
12.5
1.5
13.5
ns
3−6
CP to Qn (PE Input HIGH or LOW)
5.0
1.5
5.5
9.0
1.0
9.5
tPHL
Propagation Delay
3.3
1.5
8.5
12.0
1.5
13.0
ns
3−6
CP to Qn (PE Input HIGH or LOW)
5.0
1.5
6.0
9.5
1.5
10.0
tPLH
Propagation Delay
3.3
3.0
9.5
15.0
2.5
16.5
ns
3−6
CP to TC
5.0
2.0
7.0
10.5
1.5
11.5
tPHL
Propagation Delay
3.3
3.5
11.0
14.0
2.5
15.5
ns
3−6
CP to TC
5.0
2.0
8.0
11.0
2.0
11.5
tPLH
Propagation Delay
3.3
2.0
7.5
9.5
1.5
11.0
ns
3−6
CET to TC
5.0
1.5
5.5
6.5
1.0
7.5
tPHL
Propagation Delay
3.3
2.5
8.5
11.0
2.0
12.5
ns
3−6
CET to TC
5.0
2.0
6.0
8.5
1.5
9.5
*Voltage Range 3.3 V is 3.3 V ±0.3 V.
*Voltage Range 5.0 V is 5.0 V ±0.5 V.


유사한 부품 번호 - MC74AC163

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC74AC163 ONSEMI-MC74AC163 Datasheet
115Kb / 12P
   Synchronous Presettable Binary Counter
January, 2015 ??Rev. 8
MC74AC163DG ONSEMI-MC74AC163DG Datasheet
115Kb / 12P
   Synchronous Presettable Binary Counter
January, 2015 ??Rev. 8
MC74AC163DR2G ONSEMI-MC74AC163DR2G Datasheet
115Kb / 12P
   Synchronous Presettable Binary Counter
January, 2015 ??Rev. 8
More results

유사한 설명 - MC74AC163

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74AC163 FAIRCHILD-74AC163 Datasheet
112Kb / 11P
   Synchronous Presettable Binary Counter
logo
Renesas Technology Corp
HD74ACT161 RENESAS-HD74ACT161 Datasheet
221Kb / 9P
   Synchronous Presettable Binary Counter
logo
Fairchild Semiconductor
74F161A FAIRCHILD-74F161A Datasheet
96Kb / 8P
   Synchronous Presettable Binary Counter
74163 FAIRCHILD-74163 Datasheet
112Kb / 11P
   Synchronous Presettable Binary Counter
logo
AVG Semiconductors(HITE...
DV74ACT163 AVG-DV74ACT163 Datasheet
438Kb / 5P
   Synchronous Presettable Binary counter
logo
ON Semiconductor
MC74AC161 ONSEMI-MC74AC161_15 Datasheet
115Kb / 12P
   Synchronous Presettable Binary Counter
January, 2015 ??Rev. 8
logo
National Semiconductor ...
54AC161 NSC-54AC161 Datasheet
192Kb / 12P
   Synchronous Presettable Binary Counter
logo
Fairchild Semiconductor
74AC161 FAIRCHILD-74AC161_03 Datasheet
155Kb / 11P
   Synchronous Presettable Binary Counter
logo
Hitachi Semiconductor
HD74ACT161 HITACHI-HD74ACT161 Datasheet
70Kb / 14P
   Synchronous Presettable Binary Counter
logo
National Semiconductor ...
54AC163 NSC-54AC163 Datasheet
190Kb / 12P
   Synchronous Presettable Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com