전자부품 데이터시트 검색엔진 |
|
MC74AC138MEL 데이터시트(PDF) 6 Page - ON Semiconductor |
|
MC74AC138MEL 데이터시트(HTML) 6 Page - ON Semiconductor |
6 / 11 page MC74AC138, MC74ACT138 http://onsemi.com 6 AC CHARACTERISTICS (For Figures and Waveforms − See Section 3 of the ON Semiconductor FACT Data Book, DL138/D) Symbol Parameter VCC* (V) 74ACT 74ACT Unit Fig. No. TA = +25°C CL = 50 pF TA = −40°C to +85°C CL = 50 pF Min Typ Max Min Max tPLH Propagation Delay An to On 5.0 1.5 7.0 10.5 1.5 11.5 ns 3−6 tPHL Propagation Delay An to On 5.0 1.5 6.5 10.5 1.5 11.5 ns 3−6 tPLH Propagation Delay E1 or E2 to On 5.0 2.5 8.0 11.5 2.0 12.5 ns 3−6 tPHL Propagation Delay E1 or E2 to On 5.0 2.0 7.5 11.5 2.0 12.5 ns 3−6 tPLH Propagation Delay E3 to On 5.0 2.5 8.0 12.0 2.0 13.0 ns 3−6 tPHL Propagation Delay E3 to On 5.0 2.0 6.5 10.5 1.5 11.5 ns 3−6 *Voltage Range 5.0 V is 5.0 V ± 0.5 V CAPACITANCE Symbol Parameter Value Typ Unit Test Conditions CIN Input Capacitance 4.5 pF VCC = 5.0 V CPD Power Dissipation Capacitance 60 pF VCC = 5.0 V MARKING DIAGRAMS A = Assembly Location WL, L = Wafer Lot YY, Y = Year WW, W = Work Week AC138 AWLYWW MC74AC138N AWLYYWW AC 138 ALYW ACT138 AWLYWW ACT 138 ALYW MC74ACT138N AWLYYWW DIP−16 SO−16 TSSOP−16 EIAJ−16 74AC138 ALYW 74ACT138 ALYW |
유사한 부품 번호 - MC74AC138MEL |
|
유사한 설명 - MC74AC138MEL |