전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM45DL3208GT85IS 데이터시트(PDF) 57 Page - Advanced Micro Devices

부품명 AM45DL3208GT85IS
상세설명  Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM45DL3208GT85IS 데이터시트(HTML) 57 Page - Advanced Micro Devices

Back Button AM45DL3208GT85IS Datasheet HTML 53Page - Advanced Micro Devices AM45DL3208GT85IS Datasheet HTML 54Page - Advanced Micro Devices AM45DL3208GT85IS Datasheet HTML 55Page - Advanced Micro Devices AM45DL3208GT85IS Datasheet HTML 56Page - Advanced Micro Devices AM45DL3208GT85IS Datasheet HTML 57Page - Advanced Micro Devices AM45DL3208GT85IS Datasheet HTML 58Page - Advanced Micro Devices AM45DL3208GT85IS Datasheet HTML 59Page - Advanced Micro Devices AM45DL3208GT85IS Datasheet HTML 60Page - Advanced Micro Devices AM45DL3208GT85IS Datasheet HTML 61Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 66 page
background image
March 12, 2004
Am45DL3208G
55
PR EL I M I N ARY
Pseudo SRAM AC CHARACTERISTICS
Power Up Time
When powering up the SRAM, maintain V
CCs for 100 µs minimum with CE#1s at VIH.
Read Cycle
Notes:
1. CE1#s = OE# = V
IL, CE2s = WE# = VIH, UB#s and/or LB#s = VIL
2. Do not access device with cycle timing shorter than tRC for continuous periods < 10 µs.
Figure 29.
Pseudo SRAM Read Cycle—Address Controlled
Parameter
Symbol
Description
Speed
Unit
70
85
t
RC
Read Cycle Time
Min
70
85
ns
tAA
Address Access Time
Max
70
85
ns
t
CO1, tCO2
Chip Enable to Output
Max
70
85
ns
tOE
Output Enable Access Time
Max
35
40
ns
t
BA
LB#s, UB#s to Access Time
Max
70
85
ns
t
LZ1, tLZ2
Chip Enable (CE1#s Low and CE2s High) to Low-Z
Output
Min
10
ns
t
BLZ
UB#, LB# Enable to Low-Z Output
Min
10
ns
t
OLZ
Output Enable to Low-Z Output
Min
5
ns
t
HZ1, tHZ2
Chip Disable to High-Z Output
Max
25
ns
t
BHZ
UB#s, LB#s Disable to High-Z Output
Max
25
ns
t
OHZ
Output Disable to High-Z Output
Max
25
ns
t
OH
Output Data Hold from Address Change
Min
10
ns
Address
Data Out
Previous Data Valid
Data Valid
tAA
tRC
tOH


유사한 부품 번호 - AM45DL3208GT85IS

제조업체부품명데이터시트상세설명
logo
Analog Power
AM4500C ANALOGPOWER-AM4500C Datasheet
175Kb / 2P
   N & P-Channel 150-V (D-S) MOSFET
logo
AiT Semiconductor Inc.
AM4501 AITSEMI-AM4501 Datasheet
905Kb / 10P
   P & N-CHANNEL
REV1.0
AM4501M8R AITSEMI-AM4501M8R Datasheet
905Kb / 10P
   P & N-CHANNEL
REV1.0
AM4501M8VR AITSEMI-AM4501M8VR Datasheet
905Kb / 10P
   P & N-CHANNEL
REV1.0
logo
Analog Power
AM4502AC ANALOGPOWER-AM4502AC Datasheet
268Kb / 8P
   P & N-Channel 30-V (D-S) MOSFET
More results

유사한 설명 - AM45DL3208GT85IS

제조업체부품명데이터시트상세설명
logo
Advanced Micro Devices
DS42553 AMD-DS42553 Datasheet
955Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
SPANSION
AM41DL3208G SPANSION-AM41DL3208G Datasheet
1Mb / 65P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM42DL6404G SPANSION-AM42DL6404G Datasheet
1,020Kb / 61P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
Advanced Micro Devices
DS42515 AMD-DS42515 Datasheet
830Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42585 AMD-DS42585 Datasheet
958Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42587 AMD-DS42587 Datasheet
958Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42514 AMD-DS42514 Datasheet
832Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM49DL640AG AMD-AM49DL640AG Datasheet
1,005Kb / 65P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
SPANSION
AM42BDS640AG SPANSION-AM42BDS640AG Datasheet
1Mb / 72P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
Advanced Micro Devices
AM41DL6408H AMD-AM41DL6408H Datasheet
1Mb / 66P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42516 AMD-DS42516 Datasheet
953Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com