전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NADB15MF 데이터시트(PDF) 1 Page - Neutrik AG

부품명 NADB15MF
상세설명  15 pole D-SUB feedthrough, male to female
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEUTRIK [Neutrik AG]
홈페이지  https://www.neutrik.us/en-us
Logo NEUTRIK - Neutrik AG

NADB15MF 데이터시트(HTML) 1 Page - Neutrik AG

  NADB15MF Datasheet HTML 1Page - Neutrik AG NADB15MF Datasheet HTML 2Page - Neutrik AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NADB15MF
15 pole D-SUB feedthrough, male to female
Features & Benefits
Ideal for audio networking and integration of
equipment into video systems
NADB15MF
1
/2


유사한 부품 번호 - NADB15MF

제조업체부품명데이터시트상세설명
logo
Neutrik AG
NADB15MF-B NEUTRIK-NADB15MF-B Datasheet
68Kb / 2P
   15 pole D-SUB feedthrough, male to female, black D-shape housing
More results

유사한 설명 - NADB15MF

제조업체부품명데이터시트상세설명
logo
Neutrik AG
NADB15MF-B NEUTRIK-NADB15MF-B Datasheet
68Kb / 2P
   15 pole D-SUB feedthrough, male to female, black D-shape housing
NADB15FF-B NEUTRIK-NADB15FF-B Datasheet
87Kb / 2P
   15 pole D-SUB feedthrough, female to female, black D-shape housing
NADB15FF NEUTRIK-NADB15FF Datasheet
88Kb / 2P
   15 pole D-SUB feedthrough, female to female, D-shape nickel housing
NADB9MF NEUTRIK-NADB9MF Datasheet
90Kb / 2P
   9 pole D-SUB feedthrough, male to female, D-shape nickel housing
NADB9MF-B NEUTRIK-NADB9MF-B Datasheet
88Kb / 2P
   9 pole D-SUB feedthrough, male to female, black D-shape housing
NADB9FF NEUTRIK-NADB9FF Datasheet
68Kb / 2P
   9 pole D-SUB feedthrough, female to female, D-shape nickel housing
NADB9FF-B NEUTRIK-NADB9FF-B Datasheet
67Kb / 2P
   9 pole D-SUB feedthrough, female to female, black D-shape housing
logo
WAGO Kontakttechnik Gmb...
289-714 WAGO-289-714 Datasheet
391Kb / 6P
   Interface module; HD-Sub-D; Male connector; 15-pole
289-713 WAGO-289-713 Datasheet
373Kb / 5P
   Interface module; HD-Sub-D; Female connector; 15-pole
logo
Assmann Electronics Inc...
AK373-R ASSMANN-AK373-R Datasheet
116Kb / 1P
   HD D-Sub 15 Pin Female to HD D-Sub
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com