전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M9F17402 데이터시트(PDF) 3 Page - Schneider Electric

부품명 M9F17402
상세설명  Multi 9 - C60L - MCB - 4P - 2 A - C Curve - 415 V - 25 kA
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SCHNEIDER [Schneider Electric]
홈페이지  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

M9F17402 데이터시트(HTML) 3 Page - Schneider Electric

  M9F17402 Datasheet HTML 1Page - Schneider Electric M9F17402 Datasheet HTML 2Page - Schneider Electric M9F17402 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Product out of China RoHS scope. Substance declaration for your information.
Environmental Disclosure
Product Environmental Profile
Circularity Profile
No need of specific recycling operations
WEEE
The product must be disposed on European Union markets following specific waste collection and
never end up in rubbish bins.
3


유사한 부품 번호 - M9F17402

제조업체부품명데이터시트상세설명
logo
Schneider Electric
M9F17401 SCHNEIDER-M9F17401 Datasheet
120Kb / 2P
   Multi 9 - C60L - MCB - 4P - 1 A - C Curve - 415 V - 25 kA
M9F17403 SCHNEIDER-M9F17403 Datasheet
120Kb / 2P
   Multi 9 - C60L - MCB - 4P - 3 A - C Curve - 415 V - 25 kA
M9F17404 SCHNEIDER-M9F17404 Datasheet
120Kb / 2P
   Multi 9 - C60L - MCB - 4P - 4 A - C Curve - 415 V - 25 kA
M9F17406 SCHNEIDER-M9F17406 Datasheet
128Kb / 3P
   Multi 9 - C60L - MCB - 4P - 6 A - C Curve - 415 V - 25 kA
More results

유사한 설명 - M9F17402

제조업체부품명데이터시트상세설명
logo
Schneider Electric
M9F17425 SCHNEIDER-M9F17425 Datasheet
128Kb / 3P
   Multi 9 - C60L - MCB - 4P - 25 A - C Curve - 415 V - 25 kA
M9F17403 SCHNEIDER-M9F17403 Datasheet
120Kb / 2P
   Multi 9 - C60L - MCB - 4P - 3 A - C Curve - 415 V - 25 kA
M9F17410 SCHNEIDER-M9F17410 Datasheet
128Kb / 3P
   Multi 9 - C60L - MCB - 4P - 10 A - C Curve - 415 V - 25 kA
M9F17401 SCHNEIDER-M9F17401 Datasheet
120Kb / 2P
   Multi 9 - C60L - MCB - 4P - 1 A - C Curve - 415 V - 25 kA
M9F17406 SCHNEIDER-M9F17406 Datasheet
128Kb / 3P
   Multi 9 - C60L - MCB - 4P - 6 A - C Curve - 415 V - 25 kA
M9F17404 SCHNEIDER-M9F17404 Datasheet
120Kb / 2P
   Multi 9 - C60L - MCB - 4P - 4 A - C Curve - 415 V - 25 kA
M9F17420 SCHNEIDER-M9F17420 Datasheet
128Kb / 3P
   Multi 9 - C60L - MCB - 4P - 20 A - C Curve - 415 V - 25 kA
M9F17416 SCHNEIDER-M9F17416 Datasheet
128Kb / 3P
   Multi 9 - C60L - MCB - 4P - 16 A - C Curve - 415 V - 25 kA
M9F17202 SCHNEIDER-M9F17202 Datasheet
105Kb / 3P
   Multi 9 - C60L - MCB - 2P - 2 A - C Curve - 415 V - 25 kA
M9F17302 SCHNEIDER-M9F17302 Datasheet
117Kb / 3P
   Multi 9 - C60L - MCB - 3P - 2 A - C Curve - 415 V - 25 kA
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com