전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MMG3006NT1 데이터시트(PDF) 11 Page - NXP Semiconductors

부품명 MMG3006NT1
상세설명  Heterojunction Bipolar Transistor Technology (InGaP HBT)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMG3006NT1 데이터시트(HTML) 11 Page - NXP Semiconductors

Back Button MMG3006NT1 Datasheet HTML 7Page - NXP Semiconductors MMG3006NT1 Datasheet HTML 8Page - NXP Semiconductors MMG3006NT1 Datasheet HTML 9Page - NXP Semiconductors MMG3006NT1 Datasheet HTML 10Page - NXP Semiconductors MMG3006NT1 Datasheet HTML 11Page - NXP Semiconductors MMG3006NT1 Datasheet HTML 12Page - NXP Semiconductors MMG3006NT1 Datasheet HTML 13Page - NXP Semiconductors MMG3006NT1 Datasheet HTML 14Page - NXP Semiconductors MMG3006NT1 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
MMG3006NT1
11
RF Device Data
NXP Semiconductors
50 OHM TYPICAL CHARACTERISTICS: 1960 MHz
--55
--30
24
Pout, OUTPUT POWER (dBm)
Figure 22. IS--95 Adjacent Channel Power Ratio
versus Output Power
--40
--45
--50
28
26
32
--70
--40
20
Pout, OUTPUT POWER (dBm)
Figure 23. IS--95 Adjacent Channel Power Ratio
versus Output Power
--50
--60
--65
28
26
24
22
28
--65
--30
Pout, OUTPUT POWER (dBm)
Figure 24. Single--Carrier W--CDMA Adjacent
Channel Power Ratio versus Output Power
--35
--40
--50
--60
26
24
22
20
VDC = 5 Vdc, f = 1960 MHz
Single--Carrier W--CDMA, 3.84 MHz Channel Bandwidth
Input Signal PAR = 8.5 dB @ 0.01% Probability(CCDF)
VDC = 5 Vdc, f = 1960 MHz
Single--Carrier IS--95, 9 Channel Forward
750 kHz Measurement Offset
30 kHz Measurement Bandwidth
VDC = 5 Vdc, f = 1960 MHz
Single--Carrier IS--95, 9 Channel Forward
885 kHz Measurement Offset
30 kHz Measurement Bandwidth
TC =--40C
25C
85C
TC =--40C
25C
85C
--30
--35
--45
--55
30
--55
--45
TC =--40C
25C
85C
--35
22
30
32


유사한 부품 번호 - MMG3006NT1

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
MMG3006NT1 FREESCALE-MMG3006NT1 Datasheet
469Kb / 24P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3006NT1 FREESCALE-MMG3006NT1_08 Datasheet
469Kb / 24P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
More results

유사한 설명 - MMG3006NT1

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
MMG3003NT1 FREESCALE-MMG3003NT1_08 Datasheet
410Kb / 18P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3014NT1 FREESCALE-MMG3014NT1 Datasheet
356Kb / 17P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3001NT1 FREESCALE-MMG3001NT1 Datasheet
297Kb / 15P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
logo
NXP Semiconductors
MMG3005NT1 NXP-MMG3005NT1 Datasheet
456Kb / 20P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 9, 10/2014
MMG3012NT1 NXP-MMG3012NT1 Datasheet
423Kb / 14P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 8, 9/2014
MMG3015NT1 NXP-MMG3015NT1 Datasheet
389Kb / 14P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 4, 9/2014
MMZ25332B NXP-MMZ25332B Datasheet
640Kb / 19P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 2, 5/2014
logo
Freescale Semiconductor...
MMG3002NT1 FREESCALE-MMG3002NT1_08 Datasheet
340Kb / 16P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3012NT1 FREESCALE-MMG3012NT1_08 Datasheet
311Kb / 15P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMZ25332BT1 FREESCALE-MMZ25332BT1 Datasheet
570Kb / 19P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com