전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M9F52163 데이터시트(PDF) 2 Page - Schneider Electric

부품명 M9F52163
상세설명  Multi 9 - C60BPR - MCB - 1P - 63 A - C Curve - 240 V - 10 kA - UL 489
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SCHNEIDER [Schneider Electric]
홈페이지  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

M9F52163 데이터시트(HTML) 2 Page - Schneider Electric

  M9F52163 Datasheet HTML 1Page - Schneider Electric M9F52163 Datasheet HTML 2Page - Schneider Electric M9F52163 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CSA
UL
Complementary
[Ue] rated operational voltage
240 V AC 50/60 Hz
415 V AC 50/60 Hz
60 V DC
Magnetic tripping limit
8.5 x In +/- 20 % AC
12 x In +/- 20 % DC
[Ics] rated service breaking capacity
2.25 kA 75 % EN/IEC 60947-2 - 415 V AC
7.5 kA 75 % EN/IEC 60947-2 - 240 V AC
2.25 kA 75 % GB 14048.2 - 415 V AC
7.5 kA 75 % GB 14048.2 - 240 V AC
15 kA 75 % GB 14048.2 - 60 V DC
15 kA 75 % EN/IEC 60947-2 - 60 V DC
[Ui] rated insulation voltage
500 V AC EN/IEC 60947-2
[Uimp] rated impulse withstand voltage
6 kVEN/IEC 60947-2
Contact position indicator
Yes
Control type
Toggle
Local signalling
ON/OFF indication
Mounting mode
Clip-on
Mounting support
DIN rail
9 mm pitches
2
Height
5.00 in (127 mm)
Width
0.71 in (18 mm)
Depth
2.83 in (72 mm)
Color
Grey
Mechanical durability
20000 cycles
Electrical durability
10000 cycles
Provision for padlocking
Padlockable
Connections - terminals
Ring terminal top or bottom)
Tightening torque
17.70 lbf.in (2 N.m) top or bottom
Earth-leakage protection
Without
Environment
IP degree of protection
IP20IEC 60529
IP40 modular enclosure)IEC 60529
Pollution degree
3 EN/IEC 60947-2
Overvoltage category
IV
Tropicalisation
2 IEC 60068-1
Relative humidity
95 % 131 °F (55 °C)
Operating altitude
0...6561.68 ft (0...2000 m)
Ambient air temperature for operation
-22…158 °F (-30…70 °C)
Ambient air temperature for storage
-40…176 °F (-40…80 °C)
Ordering and shipping details
Category
00949 - M9 GEN 2 CB UL489
Discount Schedule
DE2
GTIN
00785901121480
Returnability
No
Country of origin
FR
Offer Sustainability
Sustainable offer status
Green Premium product
REACh Regulation
REACh Declaration
2


유사한 부품 번호 - M9F52163

제조업체부품명데이터시트상세설명
logo
Schneider Electric
M9F52101 SCHNEIDER-M9F52101 Datasheet
83Kb / 3P
   Multi 9 - C60BPR - MCB - 1P - 1 A - C Curve - 277 V - 10 kA - UL 489
M9F52102 SCHNEIDER-M9F52102 Datasheet
83Kb / 3P
   Multi 9 - C60BPR - MCB - 1P - 2 A - C Curve - 277 V - 10 kA - UL 489
M9F52104 SCHNEIDER-M9F52104 Datasheet
83Kb / 3P
   Multi 9 - C60BPR - MCB - 1P - 4 A - C Curve - 277 V - 10 kA - UL 489
M9F52106 SCHNEIDER-M9F52106 Datasheet
83Kb / 3P
   Multi 9 - C60BPR - MCB - 1P - 6 A - C Curve - 277 V - 10 kA - UL 489
M9F52108 SCHNEIDER-M9F52108 Datasheet
83Kb / 3P
   Multi 9 - C60BPR - MCB - 1P - 8 A - C Curve - 277 V - 10 kA - UL 489
More results

유사한 설명 - M9F52163

제조업체부품명데이터시트상세설명
logo
Schneider Electric
M9F53163 SCHNEIDER-M9F53163 Datasheet
83Kb / 3P
   Multi 9 - C60BPR - MCB - 1P - 63 A - D Curve - 240 V - 10 kA - UL 489
M9F54163 SCHNEIDER-M9F54163 Datasheet
83Kb / 3P
   Multi 9 - C60BPR - MCB - 1P - 63 A - Z Curve - 240 V - 10 kA - UL 489
M9F52140 SCHNEIDER-M9F52140 Datasheet
83Kb / 3P
   Multi 9 - C60BPR - MCB - 1P - 40 A - C Curve - 240 V - 10 kA - UL 489
M9F52263 SCHNEIDER-M9F52263 Datasheet
92Kb / 3P
   Multi 9 - C60BPR - MCB - 2P - 63 A - C Curve - 240 V - 10 kA - UL 489
M9F52363 SCHNEIDER-M9F52363 Datasheet
101Kb / 3P
   Multi 9 - C60BPR - MCB - 3P - 63 A - C Curve - 240 V - 10 kA - UL 489
M9F52150 SCHNEIDER-M9F52150 Datasheet
83Kb / 3P
   Multi 9 - C60BPR - MCB - 1P - 50 A - C Curve - 240 V - 10 kA - UL 489
M9F52145 SCHNEIDER-M9F52145 Datasheet
83Kb / 3P
   Multi 9 - C60BPR - MCB - 1P - 45 A - C Curve - 240 V - 10 kA - UL 489
M9F42163 SCHNEIDER-M9F42163 Datasheet
86Kb / 3P
   Multi 9 - C60BP - MCB - 1P - 63 A - C Curve - 240 V - 10 kA - UL 489
M9F52110 SCHNEIDER-M9F52110 Datasheet
83Kb / 3P
   Multi 9 - C60BPR - MCB - 1P - 10 A - C Curve - 277 V - 10 kA - UL 489
M9F53145 SCHNEIDER-M9F53145 Datasheet
83Kb / 3P
   Multi 9 - C60BPR - MCB - 1P - 45 A - D Curve - 240 V - 10 kA - UL 489
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com