전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDS6990AS_NL 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 FDS6990AS_NL
상세설명  Dual 30V N-Channel PowerTrench SyncFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6990AS_NL 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  FDS6990AS_NL Datasheet HTML 1Page - Fairchild Semiconductor FDS6990AS_NL Datasheet HTML 2Page - Fairchild Semiconductor FDS6990AS_NL Datasheet HTML 3Page - Fairchild Semiconductor FDS6990AS_NL Datasheet HTML 4Page - Fairchild Semiconductor FDS6990AS_NL Datasheet HTML 5Page - Fairchild Semiconductor FDS6990AS_NL Datasheet HTML 6Page - Fairchild Semiconductor FDS6990AS_NL Datasheet HTML 7Page - Fairchild Semiconductor FDS6990AS_NL Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©2005 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
March 2005
FDS6990AS Rev. A
FDS6990AS
Dual 30V N-Channel PowerTrench® SyncFET™
Features
■ 7.5 A, 30 V. RDS(ON) = 22 mΩ @ VGS = 10 V
RDS(ON) = 28 mΩ @ VGS = 4.5 V
■ Includes SyncFET Schottky diode
■ Low gate charge (10nC typical)
■ High performance trench technology for extremely low
RDS(ON)
■ High power and current handling capability
Applications
■ DC/DC converter
■ Motor drives
General Description
The FDS6990AS is designed to replace a dual SO-8 MOSFET
and two Schottky diodes in synchronous DC:DC power sup-
plies. This 30V MOSFET is designed to maximize power con-
version efficiency, providing a low RDS(ON) and low gate charge.
Each MOSFET includes integrated Schottky diodes using Fair-
child’s monolithic SyncFET technology. The performance of the
FDS6990AS as the low-side switch in a synchronous rectifier is
similar to the performance of the FDS6990A in parallel with a
Schottky diode.
Absolute Maximum Ratings TA=25°C unless otherwise noted
Package Marking and Ordering Information
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
30
V
VGSS
Gate-Source Voltage
±20
V
ID
Drain Current
– Continuous
(Note 1a)
7.5
A
– Pulsed
20
PD
Power Dissipation for Dual Operation
2
W
Power Dissipation for Single Operation
(Note 1a)
1.6
(Note 1b)
1
(Note 1c)
0.9
TJ, TSTG
Operating and Storage Junction Temperature Range
–55 to +150
°C
Thermal Characteristics
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
78
°C/W
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
40
°C/W
Device Marking
Device
Reel Size
Tape width
Quantity
FDS6990AS
FDS6990AS
13"
12mm
2500 units
FDS6990AS
FDS6990AS_NL (Note 4)
13"
12mm
2500 units
D2
D2
D1
D1
S2
G2
S1
G1
Pin 1
SO-8
4
5
3
6
2
7
1
8
Q1
Q2


유사한 부품 번호 - FDS6990AS_NL

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDS6990AS FAIRCHILD-FDS6990AS_08 Datasheet
899Kb / 8P
   Dual 30V N-Channel PowerTrench SyncFET
More results

유사한 설명 - FDS6990AS_NL

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDS6990AS FAIRCHILD-FDS6990AS_08 Datasheet
899Kb / 8P
   Dual 30V N-Channel PowerTrench SyncFET
FDS6990S FAIRCHILD-FDS6990S Datasheet
86Kb / 6P
   Dual 30V N-Channel PowerTrench SyncFET
FDP6644S FAIRCHILD-FDP6644S Datasheet
160Kb / 6P
   30V N-Channel PowerTrench SyncFET?
FDS6680AS FAIRCHILD-FDS6680AS Datasheet
551Kb / 8P
   30V N-Channel PowerTrench SyncFET
FDS6699S FAIRCHILD-FDS6699S Datasheet
526Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDD6676AS FAIRCHILD-FDD6676AS Datasheet
120Kb / 8P
   30V N-Channel PowerTrench SyncFET
FDS6676S FAIRCHILD-FDS6676S Datasheet
121Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDS7764S FAIRCHILD-FDS7764S Datasheet
127Kb / 7P
   30V N-Channel PowerTrench SyncFET
FDP6670AS FAIRCHILD-FDP6670AS Datasheet
100Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDS6688S FAIRCHILD-FDS6688S Datasheet
164Kb / 6P
   30V N-Channel PowerTrench SyncFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com