전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MW4IC915N 데이터시트(PDF) 1 Page - NXP Semiconductors

부품명 MW4IC915N
상세설명  RF LDMOS Wideband Integrated Power Amplifiers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

MW4IC915N 데이터시트(HTML) 1 Page - NXP Semiconductors

  MW4IC915N Datasheet HTML 1Page - NXP Semiconductors MW4IC915N Datasheet HTML 2Page - NXP Semiconductors MW4IC915N Datasheet HTML 3Page - NXP Semiconductors MW4IC915N Datasheet HTML 4Page - NXP Semiconductors MW4IC915N Datasheet HTML 5Page - NXP Semiconductors MW4IC915N Datasheet HTML 6Page - NXP Semiconductors MW4IC915N Datasheet HTML 7Page - NXP Semiconductors MW4IC915N Datasheet HTML 8Page - NXP Semiconductors MW4IC915N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
MW4IC915NBR1 MW4IC915GNBR1
1
RF Device Data
Freescale Semiconductor
RF LDMOS Wideband Integrated
Power Amplifiers
The MW4IC915NB/GNB wideband integrated circuit is designed for GSM
and GSM EDGE base station applications. It uses Freescale’s newest High
Voltage (26 to 28 Volts) LDMOS IC technology and integrates a multi--stage
structure. Its wideband On--Chip design makes it usable from 750 to 1000 MHz.
The linearity performances cover all modulations for cellular applications: GSM,
GSM EDGE, TDMA, N--CDMA and W--CDMA.
Final Application
• Typical Performance: VDD =26 Volts,IDQ1 =60 mA, IDQ2 = 240 mA,
Pout = 15 Watts CW, Full Frequency Band (860--960 MHz)
Power Gain — 30 dB
Power Added Efficiency — 44%
Driver Application
• Typical GSM/GSM EDGE Performances: VDD =26 Volts,IDQ1 =60 mA,
IDQ2 = 240 mA, Pout = 3 Watts Avg., Full Frequency Band (869--894 MHz
and 921--960 MHz)
Power Gain — 31 dB
Power Added Efficiency — 19%
Spectral Regrowth @ 400 kHz Offset = --65 dBc
Spectral Regrowth @ 600 kHz Offset = --83 dBc
EVM — 1.5%
• Capable of Handling 5:1 VSWR, @ 26 Vdc, 921 MHz, 15 Watts CW
Output Power
Features
• Characterized with Series Equivalent Large--Signal Impedance Parameters
• On--Chip Matching (50 Ohm Input, DC Blocked, >3 Ohm Output)
• Integrated Quiescent Current Temperature Compensation with
Enable/Disable Function
• On--Chip Current Mirror gm Reference FET for Self Biasing Application(1)
• Integrated ESD Protection
• 200°C Capable Plastic Package
• N Suffix Indicates Lead--Free Terminations. RoHS Compliant.
• In Tape and Reel. R1 Suffix = 500 Units, 44 mm Tape Width, 13 inch Reel.
1. Refer to AN1987/D, Quiescent Current Control for the RF Integrated Circuit Device Family. Go to http://www.freescale.com/rf.
Select Documentation/Application Notes -- AN1987.
MW4IC915N
Rev. 8, 3/2011
Freescale Semiconductor
Technical Data
860 -- 960 MHz, 15 W, 26 V
GSM/GSM EDGE, N--CDMA
RF LDMOS WIDEBAND
INTEGRATED POWER AMPLIFIERS
CASE 1329--09
TO--272 WB--16
PLASTIC
MW4IC915NBR1
MW4IC915NBR1
MW4IC915GNBR1
CASE 1329A--04
TO--272 WB--16 GULL
PLASTIC
MW4IC915GNBR1
Figure 1. Functional Block Diagram
Figure 2. Pin Connections
(Top View)
GND
VRD1
RFin
VGS1
GND
VRD2
RFout/
VDS2
GND
VGS2
GND
VRG2
VDS1
VRG1
NC
NC
NC
VGS1
RFin
VDS1
VGS2
VDS2/RFout
Quiescent Current
Temperature Compensation
VRD2
VRG2
2
3
4
5
6
7
8
16
15
14
13
12
9
10
11
1
Note: Exposed backside flag is source
terminal for transistors.
VRD1
VRG1
© Freescale Semiconductor, Inc., 2006, 2011. All rights reserved.


유사한 부품 번호 - MW4IC915N

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MW4IC915NBR1 MOTOROLA-MW4IC915NBR1 Datasheet
334Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
Freescale Semiconductor...
MW4IC915NBR1 FREESCALE-MW4IC915NBR1 Datasheet
686Kb / 20P
   RF LDMOS Wideband Integrated Power Amplifiers
MW4IC915NBR1 FREESCALE-MW4IC915NBR1_06 Datasheet
686Kb / 20P
   RF LDMOS Wideband Integrated Power Amplifiers
More results

유사한 설명 - MW4IC915N

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MW4IC2230 MOTOROLA-MW4IC2230 Datasheet
660Kb / 12P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
Freescale Semiconductor...
MW7IC3825NR1 FREESCALE-MW7IC3825NR1 Datasheet
808Kb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
MDE6IC7120NR1 FREESCALE-MDE6IC7120NR1 Datasheet
512Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MMRF2007N NXP-MMRF2007N Datasheet
403Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 6/2015
MD7IC2012N NXP-MD7IC2012N Datasheet
351Kb / 19P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 4/2013
A2I25H060N NXP-A2I25H060N Datasheet
1Mb / 31P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 1/2016
logo
Freescale Semiconductor...
MD7IC2251N FREESCALE-MD7IC2251N Datasheet
722Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC2725NR1 FREESCALE-MW7IC2725NR1_10 Datasheet
960Kb / 24P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC3825NR1 FREESCALE-MW7IC3825NR1_10 Datasheet
1Mb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MDE6IC7120N NXP-MDE6IC7120N Datasheet
576Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 10/2009
MW4IC2020N NXP-MW4IC2020N Datasheet
693Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 9, 5/2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com