전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MW4IC2230 데이터시트(PDF) 8 Page - NXP Semiconductors

부품명 MW4IC2230
상세설명  RF LDMOS Wideband Integrated Power Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

MW4IC2230 데이터시트(HTML) 8 Page - NXP Semiconductors

Back Button MW4IC2230 Datasheet HTML 4Page - NXP Semiconductors MW4IC2230 Datasheet HTML 5Page - NXP Semiconductors MW4IC2230 Datasheet HTML 6Page - NXP Semiconductors MW4IC2230 Datasheet HTML 7Page - NXP Semiconductors MW4IC2230 Datasheet HTML 8Page - NXP Semiconductors MW4IC2230 Datasheet HTML 9Page - NXP Semiconductors MW4IC2230 Datasheet HTML 10Page - NXP Semiconductors MW4IC2230 Datasheet HTML 11Page - NXP Semiconductors MW4IC2230 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
RF Device Data
Freescale Semiconductor
MW4IC2230MBR1 MW4IC2230GMBR1
VDD = 28 V, IDQ1 = 60 mA, IDQ2 = 350 mA, IDQ3 = 265 mA, Pout = 26 dBm
Figure 12. Series Equivalent Input and Load Impedance
Zo = 50 Ω
f = 2050 MHz
f = 2230 MHz
f
MHz
Zin
Ω
2050
2110
2140
42.18 + j1.49
41.06 - j1.30
40.49 - j2.42
Zload*
Zin
= Device input impedance as measured from
gate to ground.
Zload = Test circuit impedance as measured
from drain to ground.
2170
2230
40.05 - j3.45
39.29 - j6.31
Z in
Z load
Device
Under
Test
Output
Matching
Network
Zload
Ω
8.52 - j0.46
8.58 - j0.20
8.63 - j0.09
8.69 - j0.01
8.81 + j0.04
f = 2050 MHz
f = 2230 MHz
Zin*


유사한 부품 번호 - MW4IC2230

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MW4IC2230 MOTOROLA-MW4IC2230 Datasheet
660Kb / 12P
   RF LDMOS Wideband Integrated Power Amplifiers
MW4IC2230GMBR1 MOTOROLA-MW4IC2230GMBR1 Datasheet
660Kb / 12P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
Freescale Semiconductor...
MW4IC2230GNBR1 FREESCALE-MW4IC2230GNBR1 Datasheet
702Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
Motorola, Inc
MW4IC2230MBR1 MOTOROLA-MW4IC2230MBR1 Datasheet
660Kb / 12P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
Freescale Semiconductor...
MW4IC2230NBR1 FREESCALE-MW4IC2230NBR1 Datasheet
702Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifiers
More results

유사한 설명 - MW4IC2230

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MW4IC2230 MOTOROLA-MW4IC2230 Datasheet
660Kb / 12P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
Freescale Semiconductor...
MW7IC3825NR1 FREESCALE-MW7IC3825NR1 Datasheet
808Kb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
MDE6IC7120NR1 FREESCALE-MDE6IC7120NR1 Datasheet
512Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MMRF2007N NXP-MMRF2007N Datasheet
403Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 6/2015
MD7IC2012N NXP-MD7IC2012N Datasheet
351Kb / 19P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 4/2013
A2I25H060N NXP-A2I25H060N Datasheet
1Mb / 31P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 1/2016
logo
Freescale Semiconductor...
MD7IC2251N FREESCALE-MD7IC2251N Datasheet
722Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC2725NR1 FREESCALE-MW7IC2725NR1_10 Datasheet
960Kb / 24P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC3825NR1 FREESCALE-MW7IC3825NR1_10 Datasheet
1Mb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MDE6IC7120N NXP-MDE6IC7120N Datasheet
576Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 10/2009
MW4IC2020N NXP-MW4IC2020N Datasheet
693Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 9, 5/2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com