전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDS8960C 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 FDS8960C
상세설명  Dual N & P-Channel PowerTrench MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS8960C 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  FDS8960C Datasheet HTML 1Page - Fairchild Semiconductor FDS8960C Datasheet HTML 2Page - Fairchild Semiconductor FDS8960C Datasheet HTML 3Page - Fairchild Semiconductor FDS8960C Datasheet HTML 4Page - Fairchild Semiconductor FDS8960C Datasheet HTML 5Page - Fairchild Semiconductor FDS8960C Datasheet HTML 6Page - Fairchild Semiconductor FDS8960C Datasheet HTML 7Page - Fairchild Semiconductor FDS8960C Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
August 2005
©2005 Fairchild Semiconductor Corporation
FDS8960C Rev C(W)
www.fairchildsemi.com
FDS8960C
Dual N & P-Channel PowerTrench® MOSFET
General Description
These dual N- and P-Channel enhancement mode
power field effect transistors are produced using
Fairchild
Semiconductor’s
advanced
PowerTrench
process that has been especially tailored to minimize
on-state ressitance and yet maintain superior switching
performance.
These devices are well suited for low voltage and
battery powered applications where low in-line power
loss and fast switching are required.
Features
Q1:
N-Channel
7.0A, 35V
R
DS(on) = 0.024Ω @ VGS = 10V
R
DS(on) = 0.032Ω @ VGS = 4.5V
Q2:
P-Channel
–5A, –35V
R
DS(on) = 0.053Ω @ VGS = –10V
R
DS(on) = 0.087Ω @ VGS = –4.5V
Fast switching speed
RoHS compliant
S
D
S
S
SO-8
D
D
D
G
D1
D1
D2
D2
S1
G1
S2
G2
Pin 1
SO-8
4
3
2
1
5
6
7
8
Q1
Q2
Absolute Maximum Ratings T
A
= 25°C unless otherwise noted
Symbol
Parameter
Q1
Q2
Units
VDSS
Drain-Source Voltage
35
–35
V
VGSS
Gate-Source Voltage
±20
±25
V
ID
Drain Current
- Continuous
(Note 1a)
7
–5
A
- Pulsed
20
–20
PD
Power Dissipation for Dual Operation
2
W
Power Dissipation for Single Operation
(Note 1a)
1.6
(Note 1b)
1
(Note 1c)
0.9
TJ, TSTG
Operating and Storage Junction Temperature Range
–55 to +150
°C
Thermal Characteristics
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
78
°C/W
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
40
°C/W
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape width
Quantity
FDS8960C
FDS8960C
13”
12mm
2500 units


유사한 부품 번호 - FDS8960C

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDS8960C FAIRCHILD-FDS8960C Datasheet
157Kb / 8P
   Dual N & P-Channel PowerTrench짰 MOSFET
logo
VBsemi Electronics Co.,...
FDS8960C-NL VBSEMI-FDS8960C-NL Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
logo
Fairchild Semiconductor
FDS8960C_0511 FAIRCHILD-FDS8960C_0511 Datasheet
157Kb / 8P
   Dual N & P-Channel PowerTrench짰 MOSFET
More results

유사한 설명 - FDS8960C

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDS4885C FAIRCHILD-FDS4885C Datasheet
254Kb / 8P
   Dual N & P-Channel PowerTrench MOSFET
FDS8962C FAIRCHILD-FDS8962C Datasheet
679Kb / 8P
   Dual N & P-Channel PowerTrench MOSFET
FDS8958 FAIRCHILD-FDS8958 Datasheet
233Kb / 8P
   Dual N & P-Channel PowerTrench MOSFET
FDS8958A FAIRCHILD-FDS8958A_10 Datasheet
804Kb / 8P
   Dual N & P-Channel PowerTrench MOSFET
FDS4895C FAIRCHILD-FDS4895C Datasheet
162Kb / 8P
   Dual N & P-Channel PowerTrench MOSFET
logo
Guangdong Kexin Industr...
KDS8958 KEXIN-KDS8958 Datasheet
78Kb / 3P
   Dual N & P-Channel PowerTrench MOSFET
logo
Fairchild Semiconductor
FDS4897C FAIRCHILD-FDS4897C Datasheet
159Kb / 9P
   Dual N & P-Channel PowerTrench MOSFET
FDS8958A FAIRCHILD-FDS8958A_07 Datasheet
311Kb / 9P
   Dual N and P-Channel PowerTrench MOSFET
FDMA1029PZ FAIRCHILD-FDMA1029PZ Datasheet
123Kb / 7P
   Dual P-Channel PowerTrench MOSFET
SI9933ADY FAIRCHILD-SI9933ADY Datasheet
39Kb / 3P
   Dual P-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com