전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BURNDY_YFTW0614T 데이터시트(PDF) 1 Page - Hubbell Incorporated.

부품명 BURNDY_YFTW0614T
상세설명  Elect Cu Twin Insul Wire Ferrules, Smooth Funnel Entry, 6 AWG, 1.26" L, Tin Plated, Ivory, For use on Cu Cond.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HUBBELL [Hubbell Incorporated.]
홈페이지  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.

BURNDY_YFTW0614T 데이터시트(HTML) 1 Page - Hubbell Incorporated.

  BURNDY_YFTW0614T Datasheet HTML 1Page - Hubbell Incorporated. BURNDY_YFTW0614T Datasheet HTML 2Page - Hubbell Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Details
General
Application
For Use On Copper Conductor
Insulation
Y
Material
Copper
Plated
Y
Plating Type
Tin
Sub Brand
BARE FERRULES
Type
Bootlace Ferrule
UPC
781810482445
UPC 12 Digit
7818104824455
Dimensions
Dimension - D inch
0.34 in
Dimension - D1 inch
0.33 in
Dimension - D2 inch
0.75 in
Dimension - Length Side A inch
1.26 in
Dimension - Length Side B inch
0.55 in
Conductor Related
Conductor - Copper Solid Size
6 AWG
Conductor - Copper Str Size
6 AWG
Conductor Type
CU C Solid-Size
CU C Str-Size
Certifications and Compliance
Certification - CSA Approved
No
Certification - ETL
No
Certification - UL Recognized
No
Certification - cULus
No
Standards - RoHS Compliance Status
CM
UL Listed
No
Logistics
Minimum Pack Quantity
100
For further technical assistance, please contact us
BURNDY Headquarters
47 East Industrial Park Drive
Manchester, New Hampshire 03109
Customer Service Hours:
8 AM - 8 PM Eastern Monday-Friday
Emergency Service 24-hours/365 Days
Phone: 1-800-346-4175
1-603-647-5299 (International)
YFTW0614T
by Burndy
Catalog ID: YFTW0614T
Prop 65 Notice
Elect Cu Twin Insul Wire Ferrules, Smooth Funnel Entry, 6 AWG, 1.26" L,
Tin Plated, Ivory, For use on Cu Cond.
Features: Ferrules Are Electrical Connectors Used To Terminate Stranded
Wires, Creating A Quality, Reliable Connection By Ensuring Each Wire
Strand Conducts Current When Properly Crimped, Especially Useful When
Multiple Reconnections Could Be Necessary Within Terminal Blocks Or
Other Similar Devices, No Breakage Of Wire Strands When Wire Is Bent,
Under Stress Or In A Vibration Environment, Twin Ferrule Designs Allow
Two Individual Stranded Conductors To Be Connected To The Same
Termination, Most Beneficial In Jumpering Or Other Similar Applications,
Both Styles (Single And Twin) Offer The Same Features And Benefits, The
YF-TOOL Series Has Been Designed To Crimp Both The Bare (Type YF-
UI) And Insulated (Type YF-I) Ferrules, Made Of Electrolytic Copper, Tin
Plated, Smooth Funnel Entry To Make Wire Insertion Easier, Secure
Contacting Even After Multiple Reconnections, Long-Term Contact
Resistance, No Fraying Of Strands, No Breakage Of Wire Strands When
Wire Is Bent, Under Stress Or In Vibration Environment, Rohs Compliant,
Series: T, Recommended Tooling: YF2210TOOL


유사한 부품 번호 - BURNDY_YFTW0614T

제조업체부품명데이터시트상세설명
logo
Hubbell Incorporated.
BURNDY_YFTW0614D HUBBELL-BURNDY_YFTW0614D Datasheet
260Kb / 2P
   Elect Cu Twin Insul Wire Ferrules, Smooth Funnel Entry, 6 AWG, 1.23" L, Tin Plated, Blue, For use on Cu Cond.
BURNDY_YFTW0614W HUBBELL-BURNDY_YFTW0614W Datasheet
262Kb / 2P
   Elect Cu Twin Insul Wire Ferrules, Smooth Funnel Entry, 6 AWG, 1.23" L, Tin Plated, Green, For use on Cu Cond.
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com