์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

SK4070C ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 2 Page - DIOTEC Electronics Corporation

๋ถ€ํ’ˆ๋ช… SK4070C
์ƒ์„ธ๋‚ด์šฉ  40 AMP SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  DEC [DIOTEC Electronics Corporation]
ํ™ˆํŽ˜์ด์ง€  http://www.diotec-usa.com
Logo 

SK4070C ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 2 Page - DIOTEC Electronics Corporation

   
Zoom Inzoom in Zoom Outzoom out
/ 2 page
 2 / 2 page
background image
RATING & CHARACTERISTIC CURVES FOR SK4040C - SK40100C SERIES
Data Sheet No. SBDT-4000-2B
FIGURE 4. TYPICAL REVERSE CHARACTERISTICS
FIGURE 3. TYPICAL FORWARD CHARACTERISTICS
Instantaneous Forward Voltage (Volts)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.1
1.0
10
100
Percent of Rated Peak Reverse Voltage
040
0.01
0.1
1.0
.1
10
100
30
10
20
40
50
0
0
50
100
150
FIGURE 1. FORWARD CURRENT DERATING CURVE
Case Temperature, C
o
FIGURE 2. MAXIMUM NON-REPETITIVE SURGE CURRENT
Number of Cycles at 60 Hz
1
10
100
300
240
180
120
60
0
40 AMP SCHOTTKY BARRIER RECTIFIERS
4.97bsbdt40
100
120
140
B10
T = 125 C
J
o
T = 150 C
J
o
T = 25 C
J
o
20
60
80
T = 75 C
J
o
T = 125 C
J
o
T = 25 C
J
o
FIGURE 5. TYPICAL JUNCTION CAPACITANCE
Reverse Voltage, (Volts)
1
10
100
4000
1000
100
0.1
18
6
12
24
30
0
0
10
20
30
FIGURE 6. FORWARD POWER DISSIPATION
Average Forward Current, Amperes
JEDEC Method, 8.3 mSec.
Single Half Sine Wave
Tel.: (310) 767-1052
Fax: (310) 767-7958
DIOTEC ELECTRONICS CORP.
Gardena, CA 90248
U.S.A
18020 Hobart Blvd., Unit B


Html Pages

1  2 


๋ฐ์ดํ„ฐ์‹œํŠธ Download



๊ด€๋ จ ๋ถ€ํ’ˆ๋ช…

๋ถ€ํ’ˆ๋ช…์ƒ์„ธ๋‚ด์šฉHtml View์ œ์กฐ์‚ฌ
FBR403040 Amp SCHOTTKY BARRIER RECTIFIERS 1 2 First Components International
1N58171.0 Amp SCHOTTKY BARRIER RECTIFIERS 1 First Components International
SK3073 AMP SCHOTTKY BARRIER RECTIFIERS 1 2 DIOTEC Electronics Corporation
1N58203.0 Amp BARRIER SCHOTTKY RECTIFIERS 1 First Components International
1N58191 AMP SCHOTTKY BARRIER RECTIFIERS 1 2 Microsemi Corporation
SR2202.0 Amp SCHOTTKY BARRIER RECTIFIERS 1 2 First Components International
SR3203.0 Amp SCHOTTKY BARRIER RECTIFIERS 1 First Components International
SR103010 Amp SCHOTTKY BARRIER RECTIFIERS 1 2 First Components International

๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn