전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI5473DC-T1 데이터시트(PDF) 5 Page - Vishay Siliconix

부품명 SI5473DC-T1
상세설명  P-Channel 12-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5473DC-T1 데이터시트(HTML) 5 Page - Vishay Siliconix

  SI5473DC-T1 Datasheet HTML 1Page - Vishay Siliconix SI5473DC-T1 Datasheet HTML 2Page - Vishay Siliconix SI5473DC-T1 Datasheet HTML 3Page - Vishay Siliconix SI5473DC-T1 Datasheet HTML 4Page - Vishay Siliconix SI5473DC-T1 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Si5473DC
Vishay Siliconix
New Product
Document Number: 72261
S-31265—Rev. A, 16-Jun-03
www.vishay.com
5
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
10-3
10-2
1
10-1
10-4
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Normalized Thermal Transient Impedance, Junction-to-Foot
Square Wave Pulse Duration (sec)


유사한 부품 번호 - SI5473DC-T1

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
SI547 SKYWORKS-SI547 Datasheet
1Mb / 22P
   Ultra Low Jitter Quad Any-Frequency XO (80 fs), 0.2 to 1500 MHz
Revision 206615A May, 2023
logo
Vishay Siliconix
SI5471DC VISHAY-SI5471DC Datasheet
218Kb / 11P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 01-Jun-09
SI5471DC-T1-GE3 VISHAY-SI5471DC-T1-GE3 Datasheet
218Kb / 11P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 01-Jun-09
SI5471DC-T1-GE3 VISHAY-SI5471DC-T1-GE3 Datasheet
263Kb / 11P
   P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI5471DC VISHAY-SI5471DC_V01 Datasheet
263Kb / 11P
   P-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

유사한 설명 - SI5473DC-T1

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI2335DS VISHAY-SI2335DS Datasheet
48Kb / 4P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 23-Oct-00
SI6423DQ VISHAY-SI6423DQ Datasheet
42Kb / 5P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 07-Jul-03
SIA477EDJT VISHAY-SIA477EDJT Datasheet
264Kb / 8P
   P-Channel 12 V (D-S) MOSFET
Rev. A, 29-Aug-16
SI2333CDS-T1-GE3 VISHAY-SI2333CDS-T1-GE3 Datasheet
225Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 16-Nov-0
SI3477DV VISHAY-SI3477DV Datasheet
226Kb / 11P
   P-Channel 12 V (D-S) MOSFET
Rev. A, 19-Jul-10
SI2333DS VISHAY-SI2333DS Datasheet
243Kb / 3P
   P-Channel 12-V (D-S) MOSFET
Rev. B, 21-Mar-05
SI2333DS-T1 VISHAY-SI2333DS-T1 Datasheet
195Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 02-Feb-09
SI2333CDS VISHAY-SI2333CDS Datasheet
104Kb / 6P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 23-Jun-08
SI5475DC VISHAY-SI5475DC Datasheet
109Kb / 4P
   P-Channel 12-V (D-S) MOSFET
Rev. B, 05-Aug-02
logo
VBsemi Electronics Co.,...
MMSF4P01HDR2G VBSEMI-MMSF4P01HDR2G Datasheet
878Kb / 6P
   P-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SI2333DS VISHAY-SI2333DS_17 Datasheet
199Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 02-Feb-09
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com