전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL59441IA-T13 데이터시트(PDF) 1 Page - Intersil Corporation

부품명 ISL59441IA-T13
상세설명  900MHz Multiplexing Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59441IA-T13 데이터시트(HTML) 1 Page - Intersil Corporation

  ISL59441IA-T13 Datasheet HTML 1Page - Intersil Corporation ISL59441IA-T13 Datasheet HTML 2Page - Intersil Corporation ISL59441IA-T13 Datasheet HTML 3Page - Intersil Corporation ISL59441IA-T13 Datasheet HTML 4Page - Intersil Corporation ISL59441IA-T13 Datasheet HTML 5Page - Intersil Corporation ISL59441IA-T13 Datasheet HTML 6Page - Intersil Corporation ISL59441IA-T13 Datasheet HTML 7Page - Intersil Corporation ISL59441IA-T13 Datasheet HTML 8Page - Intersil Corporation ISL59441IA-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
®
FN6163.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2005. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.
ISL59441
900MHz Multiplexing Amplifier
The ISL59441 is 900MHz bandwidth 4:1 multiplexing
amplifier designed primarily for video switching. This Mux
amp has a user-settable gain and also features a high speed
three-state function to enable the output of multiple devices
to be wired together. All logic inputs have pull-downs to
ground and may be left floating. The ENABLE pin, when
pulled high, sets the ISL59441 to the low current power-down
mode for power sensitive applications - consuming just 5mW.
Features
• 900MHz (-3dB) Bandwidth (AV = 1, VOUT = 100mVP-P)
• 230MHz (-3dB) Bandwidth (AV = 2, VOUT = 2VP-P)
• Slew Rate (AV = 1, RL = 500Ω, VOUT = 4V) . . . . .1349V/µs
• Slew Rate (AV = 2, RL = 500Ω, VOUT = 5V) . . . . .1927V/µs
• Adjustable Gain
• High Speed Three-State Output (HIZ)
• Low Current Power-Down . . . . . . . . . . . . . . . . . . . . .5mW
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• HDTV/DTV Analog Inputs
• Video Projectors
• Computer Monitors
• Set-top Boxes
• Security Video
• Broadcast Video Equipment
TABLE 1. CHANNEL SELECT LOGIC TABLE
S1
S0
ENABLE
HIZ
OUTPUT
0
000
IN0
0
100
IN1
1
000
IN2
1
100
IN3
X
X
1
X
Power Down
XX
0
1
High Z
Pinout
ISL59441 (16 LD QSOP)
TOP VIEW
Functional Diagram
1
2
3
4
16
15
14
13
5
6
7
12
11
10
8
9
NIC
IN0
NIC
IN3
ENABLE
HIZ
IN-
V+
S0
IN1
GND
IN2
NIC
OUT
V-
S1
-
+
DECODE
IN0
IN1
IN2
IN3
S0
S1
EN0
EN1
EN3
EN2
HIZ
ENABLE
AMPLIFIER BIAS
OUT
+
-
IN-
ENABLE pin must be low in order to activate the HIZ state
Ordering Information
PART NUMBER
PART
MARKING
TAPE &
REEL
PACKAGE
PKG.
DWG. #
ISL59441IA
59441IA
-
16 Ld QSOP
MDP0040
ISL59441IA-T7
59441IA
7”
16 Ld QSOP
MDP0040
ISL59441IA-T13
59441IA
13”
16 Ld QSOP
MDP0040
ISL59441IAZ
(Note)
59441IAZ
-
16 Ld QSOP
(Pb-free)
MDP0040
ISL59441IAZ-T7
(Note)
59441IAZ
7”
16 Ld QSOP
(Pb-free)
MDP0040
ISL59441IAZ-T13
(Note)
59441IAZ
13”
16 Ld QSOP
(Pb-free)
MDP0040
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
Data Sheet
September 21, 2005


유사한 부품 번호 - ISL59441IA-T13

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL59441IA-T13 RENESAS-ISL59441IA-T13 Datasheet
773Kb / 12P
   900MHz Multiplexing Amplifier
More results

유사한 설명 - ISL59441IA-T13

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL59441 RENESAS-ISL59441 Datasheet
773Kb / 12P
   900MHz Multiplexing Amplifier
logo
Intersil Corporation
ISL59421 INTERSIL-ISL59421 Datasheet
561Kb / 12P
   865MHz Multiplexing Amplifier
ISL59440 INTERSIL-ISL59440 Datasheet
573Kb / 12P
   400MHz Multiplexing Amplifier
ISL59440 INTERSIL-ISL59440_07 Datasheet
435Kb / 12P
   400MHz Multiplexing Amplifier
ISL59420IUZ INTERSIL-ISL59420IUZ Datasheet
530Kb / 13P
   400MHz Multiplexing Amplifier
July 3, 2012
ISL59420 INTERSIL-ISL59420 Datasheet
548Kb / 12P
   400MHz Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59420 RENESAS-ISL59420 Datasheet
775Kb / 13P
   400MHz Multiplexing Amplifier
ISL59421 RENESAS-ISL59421 Datasheet
775Kb / 12P
   865MHz Multiplexing Amplifier
ISL59440 RENESAS-ISL59440 Datasheet
727Kb / 12P
   400MHz Multiplexing Amplifier
logo
RF Micro Devices
RF2162 RFMD-RF2162 Datasheet
218Kb / 10P
   3V 900MHZ LINEAR AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com