전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMDCH1008 데이터시트(PDF) 9 Page - List of Unclassifed Manufacturers

부품명 SMDCH1008
상세설명  MINIATURE SMD CHIP INDUCTORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

SMDCH1008 데이터시트(HTML) 9 Page - List of Unclassifed Manufacturers

  SMDCH1008 Datasheet HTML 1Page - List of Unclassifed Manufacturers SMDCH1008 Datasheet HTML 2Page - List of Unclassifed Manufacturers SMDCH1008 Datasheet HTML 3Page - List of Unclassifed Manufacturers SMDCH1008 Datasheet HTML 4Page - List of Unclassifed Manufacturers SMDCH1008 Datasheet HTML 5Page - List of Unclassifed Manufacturers SMDCH1008 Datasheet HTML 6Page - List of Unclassifed Manufacturers SMDCH1008 Datasheet HTML 7Page - List of Unclassifed Manufacturers SMDCH1008 Datasheet HTML 8Page - List of Unclassifed Manufacturers SMDCH1008 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
MINIATURE SMD CHIP INDUCTORS
SMDCH
R 1008 TYPE
1 0
10 0
1 00 0
1 0,00 0
Fr equ en cy (M Hz)
L VS FREQUENCY
10 0
1
10
10
1000
10 0
1 00 0
Fr equ en cy (M Hz)
80
40
10
0
30
20
60
50
70
TYPICA L Q VS FREQUENCY
10 0
90
10 N
47 N
22 N
68 N
R22
R22
1R0
R39
R68
R10
18 N
10 00 0


유사한 부품 번호 - SMDCH1008

제조업체부품명데이터시트상세설명
logo
SEMPO ELECTRONIC Limite...
SMDC1-1000 SEMPO-SMDC1-1000 Datasheet
49Kb / 1P
   RECTIFIER DIODE
SMDC1-1200 SEMPO-SMDC1-1200 Datasheet
47Kb / 1P
   RECTIFIER DIODE
SMDC1-1500 SEMPO-SMDC1-1500 Datasheet
49Kb / 1P
   RECTIFIER DIODE
SMDC1-2000 SEMPO-SMDC1-2000 Datasheet
50Kb / 1P
   RECTIFIER DIODE
SMDC1-2500 SEMPO-SMDC1-2500 Datasheet
49Kb / 1P
   RECTIFIER DIODE
More results

유사한 설명 - SMDCH1008

제조업체부품명데이터시트상세설명
logo
Murata Manufacturing Co...
LQP03TN4N3H00D MURATA-LQP03TN4N3H00D Datasheet
28Kb / 2P
   Chip Inductors (Chip Coils)(SMD)
LQP03TN27NJ00D MURATA-LQP03TN27NJ00D Datasheet
28Kb / 2P
   Chip Inductors (Chip Coils)(SMD)
logo
ECM Electronics Limited...
LNC30T ECM-LNC30T Datasheet
130Kb / 3P
   SMD Ferrite Chip Inductors
LNQ32T ECM-LNQ32T Datasheet
135Kb / 4P
   SMD Ferrite Chip Inductors
logo
Frontier Electronics.
FL160808 FRONTIER-FL160808_15 Datasheet
119Kb / 2P
   SMD MULTILAYER FERRITE CHIP INDUCTORS
logo
Central Technologies
CT1008CSF CT-CT1008CSF Datasheet
206Kb / 1P
   SMD Wire-wound Chip Inductors
CT1206CSF CT-CT1206CSF Datasheet
160Kb / 1P
   SMD Wire-wound Chip Inductors
CT1210LSC CT-CT1210LSC Datasheet
183Kb / 1P
   SMD Wire-wound Chip Inductors
CT0603LS CT-CT0603LS Datasheet
206Kb / 1P
   SMD Wire-wound Chip Inductors
logo
Shanghai Leiditech Elec...
LSCQ LEIDITECH-LSCQ Datasheet
7Mb / 13P
   SMD Ceramic Multilayer Chip Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com