전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA02H0SK1 데이터시트(Datasheet) 1 Page - List of Unclassifed Manufacturers

부품명 TDA02H0SK1
상세내용  Ultra-miniature Surface Mount Half-pitch DIP Switches
PDF  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo 

   
 1 page
background image
Dimensions are shown inch (mm)
Dimensions subject to change
www.ittcannon.com
H-3
H
C&K TDA Series
Ultra-miniature Surface Mount Half-pitch DIP Switches
How To Order
Complete part numbers for TDA Series are shown below. All switches supplied in “OFF” position.
Specifications
SWITCH FUNCTION: SPST – 2, 4, 6, 8 & 10 positions.
CONTACT RATING:
24 V DC, 25 mA (switching).
50 V DC, 100 mA (steady state).
MECHANICAL AND ELECTRICAL LIFE: 1,000 cycles.
CONTACT RESISTANCE: 100 milliohms max.
INSULATION RESISTANCE: 100 megohms @ 100 V DC min.
DIELECTRIC STRENGTH: 300 V AC min.
STORAGE TEMPERATURE: -40°C to 85°C.
OPERATING TEMPERATURE: -20°C to 85°C.
SOLDERABILITY: Per MIL-STD-202F method 208D, or
EIA RS-186E method 9 (1 hour steam aging).
Features/Benefits
Bifurcated contact for
increased electrical reliability
Tin-lead plated terminals for
reliable solder coverage
Process sealed for surface
mount soldering and washable
processing
TAPE SEAL
.016
(0,4)
.086
(2,2)
.090
(2,3)
.022
(0,57)
.042
(1,06)
.320
(8,12)
.006
(0,15)
.244
(6,2)
MARKING LABEL
EMBOSSED
CARRIER
PIN#1
OFFSET FROM PILOT HOLE
.079 REF
(2,0)
DIM 'W'
SEE CHART
.472
(12,0)
.236
(6,0)
78
6
5
4
3
2
1
ON
TDA08
C&K
.032
(0,8)
CHAMFER
.047
(1,2)
.050
(1,27)
DIM 'A'
.018
(0,45)
.030
(0,76)
.050
(1,27)
.300
(7,62)
.250
(6,35)
.350
(8,89)
PACKAGING: Switches supplied in rigid dispensing tubes in full
tube quantities only, this may affect order quantity. Numbers of
switches per tube varies with model. Tape and reel packaging
also available.
Materials
CASE & COVER: glass filled PPA (UL94V-0).
ACTUATOR: LCP (UL94V-0).
CONTACTS: Copper alloy, with gold plate over nickel plate.
TERMINALS: Copper alloy, with tin-lead alloy over nickel plate.
All terminals are insert molded.
TAPE SEAL: Polyamide.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
QUANTITY
PART NUMBER
NO. POS.
DIM. ‘A’
PER TUBE
TDA02H0SK1
2
.144 (3,67)
125
TDA04H0SK1
4
.244 (6,21)
70
TDA06H0SK1
6
.344 (8,75)
50
TDA08H0SK1
8
.444 (11,29)
40
TDA10H0SK1
10
.544 (13,83)
30
Schematic
SPST
Tube Package
Tape & Reel Package
TDA08H0SK1
QUANTITY
PART NUMBER
NO. POS.
DIM. ‘W’
PER REEL
TDA02H0SK1R
2
.630 (16,0)
2000
TDA04H0SK1R
4
.630 (16,0)
2000
TDA06H0SK1R
6
.630 (16,0)
2000
TDA08H0SK1R
8
.945 (24,0)
2000
TDA10H0SK1R
10
.945 (24,0)
2000
Typical Applications
Hand-held electronic devices
Portable computer and
electronic devices
Instrumentation and controls
Third Angle
Projection




Html 페이지

1 


데이터시트



관련 부품명

부품명상세내용Html View제조사
CHS-06TA1SURFACE MOUNT TYPE SLIDE SWITCHES 1 2 3 4 5 MoreList of Unclassifed Manufacturers
KSUMicro Mini Surface Mount Detect Switches 1 2 3 ITT Industries
203Surface Mount Fuses - Subminiature Surface Mount & Dip Types 1 Littelfuse
C4400OCXO 4-Pin Dip Surface Mount Package Optional Fast Warm-up 1 2 3 4 5 Vectron International, Inc
832A-583 SERIES MOLDED DIP THRU-HOLE AND SURFACE MOUNT DRY REED RELAYS 1 2 List of Unclassifed Manufacturers
TL3302SURFACE MOUNT TACT SWITCHES 1 2 E-SWITCH
SDMSurface Mount DIP Switch 1 Bourns Electronic Solutions
HDT0001Micro Mini Surface Mount Detect Switches 1 ITT Industries
219Surface mount DIP Switch-Auto Placeable 1 2 CTS Corporation
BSP16T1SOT-223 PACKAGE PNP SILICON HIGH VOLTAGE TRANSISTOR SURFACE MOUNT 1 2 3 4 5 MoreMotorola, Inc

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl