전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

MC74HC4316 데이터시트(HTML) 6 Page - ON Semiconductor

부품명 MC74HC4316
상세내용  Quad Analog Switch/Multiplexer/Demultiplexer with Separate Analog and Digital Power Supplies
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo 

MC74HC4316 데이터시트(HTML) 6 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
/ 10 page
 6 / 10 page
background image
MC74HC4316
MOTOROLA
High–Speed CMOS Logic Data
DL129 — Rev 6
6
Figure 3. Maximum Off Channel Leakage Current,
Any One Channel, Test Set–Up
Figure 4. Maximum On Channel Leakage Current,
Test Set–Up
OFF
16
VCC
VEE
A
VCC
VEE
VCC
O/I
7
8
9
SELECTED
CONTROL
INPUT
VIL
ON
16
VCC
N/C
A
VEE
VCC
VEE
7
8
9
SELECTED
CONTROL
INPUT
VIH
Figure 5. Maximum On–Channel Bandwidth
Test Set–Up
ON
16
VCC
0.1
µF
CL*
fin
TO dB
METER
*Includes all probe and jig capacitance.
RL
RL
VEE
7
8
9
SELECTED
CONTROL
INPUT
VCC
Figure 6. Off–Channel Feedthrough Isolation,
Test Set–Up
OFF
16
VCC
0.1
µF
CL*
fin
TO dB
METER
*Includes all probe and jig capacitance.
RL
VEE
7
8
9
SELECTED
CONTROL
INPUT
RL
VCC
Figure 7. Feedthrough Noise, Control to Analog Out,
Test Set–Up
16
VCC
*Includes all probe and jig capacitance.
ON/OFF
CONTROL
RL
SELECTED
CONTROL
INPUT
VEE
7
8
9
CL*
TEST
POINT
RL
VCC
GND
ANALOG IN
ANALOG OUT
50%
tPLH
tPHL
50%
Figure 8. Propagation Delays, Analog In to
Analog Out
VIS


Html Pages

1  2  3  4  5  6  7  8  9  10 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn