전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

MC74HC4316 데이터시트(HTML) 1 Page - ON Semiconductor

부품명 MC74HC4316
상세내용  Quad Analog Switch/Multiplexer/Demultiplexer with Separate Analog and Digital Power Supplies
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo 

MC74HC4316 데이터시트(HTML) 1 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
/ 10 page
 1 / 10 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
1
REV 6
© Motorola, Inc. 1995
10/95
Quad Analog Switch/
Multiplexer/Demultiplexer with
Separate Analog and Digital
Power Supplies
High–Performance Silicon–Gate CMOS
The MC74HC4316 utilizes silicon–gate CMOS technology to achieve fast
propagation delays, low ON resistances, and low OFF–channel leakage
current. This bilateral switch/multiplexer/demultiplexer controls analog and
digital voltages that may vary across the full analog power–supply range
(from VCC to VEE).
The HC4316 is similar in function to the metal–gate CMOS MC14016 and
MC14066, and to the High–Speed CMOS HC4016 and HC4066. Each
device has four independent switches. The device control and Enable inputs
are compatible with standard CMOS outputs; with pullup resistors, they are
compatible with LSTTL outputs. The device has been designed so that the
ON resistances (RON) are much more linear over input voltage than RON of
metal–gate CMOS analog switches. Logic–level translators are provided so
that the On/Off Control and Enable logic–level voltages need only be VCC
and GND, while the switch is passing signals ranging between VCC and VEE.
When the Enable pin (active–low) is high, all four analog switches are turned
off.
• Logic–Level Translator for On/Off Control and Enable Inputs
• Fast Switching and Propagation Speeds
• High ON/OFF Output Voltage Ratio
• Diode Protection on All Inputs/Outputs
• Analog Power–Supply Voltage Range (VCC – VEE) = 2.0 to 12.0 Volts
• Digital (Control) Power–Supply Voltage Range (VCC – GND) = 2.0 to
6.0 Volts, Independent of VEE
• Improved Linearity of ON Resistance
• Chip Complexity: 66 FETs or 16.5 Equivalent Gates
LOGIC DIAGRAM
XA
A ON/OFF CONTROL
ANALOG
SWITCH
LEVEL
TRANSLATOR
ANALOG
OUTPUTS/INPUTS
PIN 16 = VCC
PIN 8 = GND
PIN 9 = VEE
GND
≥ VEE
2
YA
1
15
XB
B ON/OFF CONTROL
ANALOG
SWITCH
LEVEL
TRANSLATOR
3
YB
4
5
XC
C ON/OFF CONTROL
ANALOG
SWITCH
LEVEL
TRANSLATOR
11
YC
10
6
XD
D ON/OFF CONTROL
ANALOG
SWITCH
LEVEL
TRANSLATOR
12
YD
13
14
ENABLE
7
ANALOG INPUTS/OUTPUTS = XA, XB, XC, XD
MC74HC4316
FUNCTION TABLE
PIN ASSIGNMENT
13
14
15
16
9
10
11
12
5
4
3
2
1
8
7
6
YD
XD
D ON/OFF
CONTROL
A ON/OFF
CONTROL
VCC
VEE
XC
YC
XB
YB
YA
XA
GND
ENABLE
C ON/OFF
CONTROL
B ON/OFF
CONTROL
Inputs
State of
On/Off
Analog
Enable
Control
Switch
L
H
On
L
L
Off
H
X
Off
X = don’t care
D SUFFIX
SOIC PACKAGE
CASE 751B–05
N SUFFIX
PLASTIC PACKAGE
CASE 648–08
1
16
1
16
ORDERING INFORMATION
MC74HCXXXXN
MC74HCXXXXD
Plastic
SOIC


Html Pages

1  2  3  4  5  6  7  8  9  10 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn