전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

MC74HC4316 데이터시트(HTML) 3 Page - ON Semiconductor

부품명 MC74HC4316
상세내용  Quad Analog Switch/Multiplexer/Demultiplexer with Separate Analog and Digital Power Supplies
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo 

MC74HC4316 데이터시트(HTML) 3 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
/ 10 page
 3 / 10 page
background image
MC74HC4316
High–Speed CMOS Logic Data
DL129 — Rev 6
3
MOTOROLA
DC ELECTRICAL CHARACTERISTICS Analog Section (Voltages Referenced to VEE)
Symbol
Parameter
Test Conditions
VCC
V
VEE
V
Guaranteed Limit
Unit
Symbol
Parameter
Test Conditions
VCC
V
VEE
V
– 55 to
25
_C
v 85_C
v 125_C
Unit
Ron
Maximum “ON” Resistance
Vin = VIH
VIS = VCC to VEE
IS v 2.0 mA (Figures 1, 2)
2.0*
4 5
4.5
6.0
0.0
0.0
– 4.5
– 6.0
210
95
75
230
105
85
250
110
90
Vin = VIH
VIS = VCC or VEE (Endpoints)
IS v 2.0 mA (Figures 1, 2)
2.0
4.5
4.5
6.0
0.0
0.0
– 4.5
– 6.0
100
80
70
110
90
80
130
100
90
∆Ron
Maximum Difference in “ON”
Resistance Between Any Two
Channels in the Same Package
Vin = VIH
VIS = 1/2 (VCC – VEE)
IS v 2.0 mA
2.0
4.5
4.5
6.0
0.0
0.0
– 4.5
– 6.0
20
15
10
30
25
20
40
30
25
Ioff
Maximum Off–Channel Leakage
Current, Any One Channel
Vin = VIL
VIO = VCC or VEE
Switch Off (Figure 3)
6.0
– 6.0
0.1
0.5
1.0
µA
Ion
Maximum On–Channel Leakage
Current, Any One Channel
Vin = VIH
VIS = VCC or VEE
(Figure 4)
6.0
– 6.0
0.1
0.5
1.0
µA
* At supply voltage (VCC – VEE) approaching 2 V the analog switch–on resistance becomes extremely non–linear. Therefore, for low–voltage
operation, it is recommended that these devices only be used to control digital signals.
NOTE: Information on typical parametric values can be found in Chapter 2 of the Motorola High–Speed CMOS Data Book (DL129/D).
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Control or Enable tr = tf = 6 ns, VEE = GND)
Symbol
Parameter
VCC
V
Guaranteed Limit
Unit
Symbol
Parameter
VCC
V
– 55 to
25
_C
v 85_C
v 125_C
Unit
tPLH,
tPHL
Maximum Propagation Delay, Analog Input to Analog Output
(Figures 8 and 9)
2.0
4.5
6.0
50
10
10
75
15
13
90
18
15
ns
tPLZ,
tPHZ
Maximum Propagation Delay, Control or Enable to Analog Output
(Figures 10 and 11)
2.0
4.5
6.0
250
50
43
312
63
54
375
75
64
ns
tPZL,
tPZH
Maximum Propagation Delay, Control or Enable to Analog Output
(Figures 10 and 11)
2.0
4.5
6.0
185
53
45
220
66
56
265
75
68
ns
C
Maximum Capacitance
ON/OFF Control
and Enable Inputs
10
10
10
pF
Control Input = GND
Analog I/O
Feedthrough
35
1.0
35
1.0
35
1.0
NOTES:
1. For propagation delays with loads other than 50 pF, see Chapter 2 of the Motorola High–Speed CMOS Data Book (DL129/D).
2. Information on typical parametric values can be found in Chapter 2 of the Motorola High–Speed CMOS Data Book (DL129/D).
CPD
Power Dissipation Capacitance (Per Switch) (Figure 13)*
Typical @ 25
°C, VCC = 5.0 V
pF
CPD
Power Dissipation Capacitance (Per Switch) (Figure 13)*
15
pF
* Used to determine the no–load dynamic power consumption: PD = CPD VCC2f + ICC VCC. For load considerations, see Chapter 2 of the
Motorola High–Speed CMOS Data Book (DL129/D).


Html Pages

1  2  3  4  5  6  7  8  9  10 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn