전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

AM42BDS640AG 데이터시트(PDF) 27 Page - SPANSION

부품명 AM42BDS640AG
부품 상세설명  Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo SPANSION - SPANSION

AM42BDS640AG 데이터시트(HTML) 27 Page - SPANSION

Back Button AM42BDS640AG Datasheet HTML 23Page - SPANSION AM42BDS640AG Datasheet HTML 24Page - SPANSION AM42BDS640AG Datasheet HTML 25Page - SPANSION AM42BDS640AG Datasheet HTML 26Page - SPANSION AM42BDS640AG Datasheet HTML 27Page - SPANSION AM42BDS640AG Datasheet HTML 28Page - SPANSION AM42BDS640AG Datasheet HTML 29Page - SPANSION AM42BDS640AG Datasheet HTML 30Page - SPANSION AM42BDS640AG Datasheet HTML 31Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 72 page
background image
26
Am42BDS640AG
November 1, 2002
P R E L I M INARY
the system was writing to the read mode. Once erasure
begins, however, the device ignores reset commands
until the operation is complete.
The reset command may be written between the
sequence cycles in a program command sequence
before programming begins (prior to the third cycle).
This resets the bank to which the system was writing to
the read mode. If the program command sequence is
written to a bank that is in the Erase Suspend mode,
writing the reset command returns that bank to the
erase-suspend-read mode. Once programming
begins, however, the device ignores reset commands
until the operation is complete.
The reset command may be written between the
sequence cycles in an autoselect command sequence.
Once in the autoselect mode, the reset command must
be written to return to the read mode. If a bank entered
the autoselect mode while in the Erase Suspend mode,
writing the reset command returns that bank to the
erase-suspend-read mode.
If DQ5 goes high during a program or erase operation,
writing the reset command returns the banks to the
read mode (or erase-suspend-read mode if that bank
was in Erase Suspend).
The reset comman d is used to exit the sector
lock/unlock sequence.
Autoselect Command Sequence
The autoselect command sequence allows the host
system to access the manufacturer and device codes,
and determine whether or not a sector is protected.
Table 14, “Command Definitions,” on page 30 shows
the address and data requirements. The autoselect
command sequence may be written to an address
within a bank that is either in the read or erase-sus-
pend-read mode. The autoselect command may not be
written while the device is actively programming or
erasing in the other bank.
The autoselect command sequence is initiated by first
writing two unlock cycles. This is followed by a third
write cycle that contains the bank address and the
autoselect command. The bank then enters the
autoselect mode. No subsequent data will be made
available if the autoselect data is read in synchronous
mode. The system may read at any address within the
same bank any number of times without initiating
another autoselect command sequence. The following
table describes the address requirements for the
various autoselect functions, and the resulting data. BA
represents the bank address, and SA represents the
sector address. The device ID is read in three cycles.
The system must write the reset command to return to
the read mode (or erase-suspend-read mode if the
bank was previously in Erase Suspend).
Program Command Sequence
Programming is a four-bus-cycle operation. The
program command sequence is initiated by writing two
unlock write cycles, followed by the program set-up
command. The program address and data are written
next, which in turn initiate the Embedded Program
algorithm. The system is not required to provide further
controls or timings. The device automatically provides
internally generated program pulses and verifies the
programmed cell margin. Table 14 shows the address
and data requirements for the program command
sequence.
When the Embedded Program algorithm is complete,
that bank then returns to the read mode and addresses
are no longer latched. The system can determine the
status of the program operation by monitoring DQ7 or
DQ6/DQ2. Refer to the “Flash Write Operation Status”
section on page 31 section for information on these
status bits.
Any commands written to the device during the
Embedded Program Algorithm are ignored. Note that a
hardware reset immediately terminates the program
operation. The program command sequence should be
reinitiated once that bank has returned to the read
mode, to ensure data integrity.
Programming is allowed in any sequence and across
sector boundaries. A bit cannot be programmed from
“0” back to a “1.” Attempting to do so may cause that
bank to set DQ5 = 1, or cause the DQ7 and DQ6 status
bit to indicate the operation was successful. However,
a succeeding read will show that the data is still “0.”
Only erase operations can convert a “0” to a “1.”
Table 13.
Device IDs
Description
Address
Read Data
Manufacturer ID
(BA) + 00h
0001h
Device ID, Word 1
(BA) + 01h
227Eh
Device ID, Word 2,
Top Boot
(BA) + 0Eh
2204h (1.8 V VIO)
Device ID, Word 2,
Bottom Boot
(BA) + 0Eh
2224h (1.8 V V
IO)
Device ID, Word 3
(BA) + 0Fh
2201h
Sector Block
Lock/Unlock
(SA) + 02h
0001 (locked),
0000 (unlocked)
Handshaking
(BA) + 03h
43h (reduced
wait-state),
42h (standard)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn