전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

AM42BDS640AG 데이터시트(PDF) 38 Page - SPANSION

부품명 AM42BDS640AG
부품 상세설명  Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo SPANSION - SPANSION

AM42BDS640AG 데이터시트(HTML) 38 Page - SPANSION

Back Button AM42BDS640AG Datasheet HTML 34Page - SPANSION AM42BDS640AG Datasheet HTML 35Page - SPANSION AM42BDS640AG Datasheet HTML 36Page - SPANSION AM42BDS640AG Datasheet HTML 37Page - SPANSION AM42BDS640AG Datasheet HTML 38Page - SPANSION AM42BDS640AG Datasheet HTML 39Page - SPANSION AM42BDS640AG Datasheet HTML 40Page - SPANSION AM42BDS640AG Datasheet HTML 41Page - SPANSION AM42BDS640AG Datasheet HTML 42Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 72 page
background image
November 1, 2002
Am42BDS640AG
37
P R E L I M INARY
Notes:
1. Typical values measured at VCC = 2.0 V, TA = 25°C. Not 100% tested.
2. Undershoot is –1.0 V when pulse width
≤ 20 ns.
3. Overshoot is VCC + 1.0 V when pulse width ≤ 20 ns.
4. Overshoot and undershoot are sampled, not 100% tested.
SRAM DC AND OPERATING CHARACTERISTICS
Parameter
Symbol
Parameter Description
Test Conditions
Min
Typ
Max
Unit
I
LI
Input Leakage Current
V
IN = VSS to VCC
–1.0
1.0
µA
ILO
Output Leakage Current
CE1#s = V
IH, CE2s = VIL or OE# =
VIH or WE# = VIL, VIO= VSS to VCC
–1.0
1.0
µA
I
CC
Operating Power Supply Current
I
IO = 0 mA, CE1#s = VIL, CE2s =
WE# = V
IH, VIN = VIH or VIL
5mA
I
CC1s
Average Operating Current
Cycle time = 1 µs, 100% duty,
I
IO = 0 mA, CE1#s ≤ 0.2 V,
CE2
≥ V
CC – 0.2 V, VIN ≤ 0.2 V or
V
IN ≥ VCC – 0.2 V
13
mA
I
CC2s
Average Operating Current
Cycle time = Min., I
IO = 0 mA,
100% duty, CE1#s = V
IL, CE2s =
V
IH, VIN = VIL = or VIH
825
mA
VOL
Output Low Voltage
IOL = 0.1 mA
0.2
V
V
OH
Output High Voltage
I
OH = –0.1 mA
1.4
V
I
SB1
Standby Current (CMOS)
CE1#s
≥ V
CC – 0.2 V, CE2 ≥ VCC
0.2 V (CE1#s controlled) or CE2
0.2 V (CE2s controlled), CIOs =
VSS or VCC, Other input = 0 ~ VCC
15
µA
V
IL
Input Low Voltage
–0.2
(Note 2)
0.4
V
V
IH
Input High Voltage
1.4
V
CC+0.2
(Note 3)
V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn