전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

AM42BDS640AG 데이터시트(PDF) 11 Page - SPANSION

부품명 AM42BDS640AG
부품 상세설명  Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo SPANSION - SPANSION

AM42BDS640AG 데이터시트(HTML) 11 Page - SPANSION

Back Button AM42BDS640AG Datasheet HTML 7Page - SPANSION AM42BDS640AG Datasheet HTML 8Page - SPANSION AM42BDS640AG Datasheet HTML 9Page - SPANSION AM42BDS640AG Datasheet HTML 10Page - SPANSION AM42BDS640AG Datasheet HTML 11Page - SPANSION AM42BDS640AG Datasheet HTML 12Page - SPANSION AM42BDS640AG Datasheet HTML 13Page - SPANSION AM42BDS640AG Datasheet HTML 14Page - SPANSION AM42BDS640AG Datasheet HTML 15Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 72 page
background image
10
Am42BDS640AG
November 1, 2002
P R E L I M INARY
ORDERING INFORMATION
The order number (Valid Combination) is formed by the following:
Valid Combinations
Valid Combinations list configurations planned to be supported in vol-
ume for this device. Consult the local AMD sales office to confirm
availability of specific valid combinations and to check on newly re-
leased combinations.
Am42BDS640
A
G
T
D
8
I
T
TAPE AND REEL
T
=
7 inches
S
=
13 inches
TEMPERATURE RANGE
I
=
Industrial (–40
°C to +85°C)
V
IO AND HANDSHAKING FEATURES
8
=
1.8 V V
IO, reduced wait-state handshaking
9
=
1.8 V V
IO, standard handshaking
CLOCK RATE/ASYNCHRONOUS SPEED/SRAM SPEED
D
=
54 MHz/70 ns/70 ns
C
=
40 MHz/85 ns/85 ns
BOOT SECTOR
T
=
Top Boot Sector
B
=
Bottom Boot Sector
PROCESS TECHNOLOGY
G
=
0.17 µm
SRAM DEVICE DENSITY
A=
16 Mbits
AMD DEVICE NUMBER/DESCRIPTION
Am42BDS640AG
Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
Am29BDS640G 64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation,
Burst Mode Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM
93-Ball Fine-pitch Ball Grid Array Package, 8.0 x 11.6 mm, 0.8 mm ball pitch (FSC093)
Valid Combinations
Order Number
Package Marking
Burst Frequency
(MHz)
V
IO Range
Am42BDS640AGTD8I
Am42BDS640AGBD8I
T, S
M42000004Y
M42000004Z
54
1.65 –
1.95 V
Am42BDS640AGTD9I
Am42BDS640AGBD9I
M420000050
M420000051
Am42BDS640AGTC8I
Am42BDS640AGBC8I
M420000052
M420000053
40
Am42BDS640AGTC9I
Am42BDS640AGBC9I
M420000054
M420000055


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn