전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM42BDS640AG 데이터시트(PDF) 25 Page - SPANSION

부품명 AM42BDS640AG
상세설명  Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo SPANSION - SPANSION

AM42BDS640AG 데이터시트(HTML) 25 Page - SPANSION

Back Button AM42BDS640AG Datasheet HTML 21Page - SPANSION AM42BDS640AG Datasheet HTML 22Page - SPANSION AM42BDS640AG Datasheet HTML 23Page - SPANSION AM42BDS640AG Datasheet HTML 24Page - SPANSION AM42BDS640AG Datasheet HTML 25Page - SPANSION AM42BDS640AG Datasheet HTML 26Page - SPANSION AM42BDS640AG Datasheet HTML 27Page - SPANSION AM42BDS640AG Datasheet HTML 28Page - SPANSION AM42BDS640AG Datasheet HTML 29Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 72 page
background image
24
Am42BDS640AG
November 1, 2002
P R E L I M INARY
Table 8.
Programmable Wait State Settings
Notes:
1. Upon power-up or hardware reset, the default setting is
seven wait states.
2. RDY will default to being active with data when the Wait
State Setting is set to a total initial access cycle of 2.
3. Assumes even address.
It is recommended that the wait state command
sequence be written, even if the default wait state value
is desired, to ensure the device is set as expected. A
hardware reset will set the wait state to the default set-
ting.
Handshaking Option
If the device is equipped with reduced wait-state hand-
shaking, the host system should set address bits
A14–A12 to 010 for a clock frequency of 40 MHz or to
011 f o r a c l ock f r e quency of 54 MHz f o r the
system/device to execute at maximum speed.
Table 9 describes the typical number of clock cycles
(wait states) for various conditions.
Table 9.
Initial Access Codes
* In the 8-, 16- and 32-word burst read modes, the address
pointer does not cross 64-word boundaries (addresses
which are multiples of 3Fh).
The autoselect function allows the host system to
determine whether the flash device is enabled for
reduced wait-state handshaking. See the “Autoselect
Command Sequence” section for more information.
Standard Handshaking Operation
For optimal burst mode performance on devices with
standard handshaking, the host system must set the
appropriate number of wait states in the flash device
depending on the clock frequency.
Table 10 describes the typical number of clock cycles
(wait states) for various conditions with A14–A12 set to
101.
Table 10.
Wait States for Standard Handshaking
* In the 8-, 16- and 32-word burst read modes, the address
pointer does not cross 64-word boundaries (addresses
which are multiples of 3Fh).
Burst Read Mode Configuration
The device supports four different burst read modes:
continuous mode, and 8, 16, and 32 word linear wrap
around modes. A continuous sequence begins at the
starting address and advances the address pointer
until the burst operation is complete. If the highest
address in the device is reached during the continuous
burst read mode, the address pointer wraps around to
the lowest address.
For example, an eight-word linear burst with wrap
around begins on the starting burst address written to
the device and then proceeds until the next 8 word
boundary. The address pointer then returns to the first
word of the boundary, wrapping back to the starting
location. The sixteen- and thirty-two linear wrap around
modes operate in a fashion similar to the eight-word
mode.
Table 11 shows the address bits and settings for the
four burst read modes.
A14
A13
A12
Total Initial Access
Cycles
00
0
2
00
1
3
01
0
4
01
1
5
10
0
6
10
1
7
System
Frequency
Range
Device
Speed
Rating
6–11 MHz
2
2
3
4
40 MHz
12–23 MHz
2
3
4
5
24–33 MHz
3
4
5
6
34–40 MHz
4
5
6
7
40–47 MHz
4
5
6
7
54 MHz
48–54 MHz
5
6
7
8
Conditions at Address
Typical No. of Clock
Cycles after AVD# Low
40/54 MHz
Initial address is even
7
Initial address is odd
7
Initial address is even,
and is at boundary crossing*
7
Initial address is odd,
and is at boundary crossing*
7


유사한 부품 번호 - AM42BDS640AG

제조업체부품명데이터시트상세설명
logo
Advanced Micro Devices
AM42BDS640AG AMD-AM42BDS640AG Datasheet
995Kb / 72P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation, Burst Mode Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM
AM42BDS640AGBC8IS AMD-AM42BDS640AGBC8IS Datasheet
995Kb / 72P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation, Burst Mode Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM
AM42BDS640AGBC8IT AMD-AM42BDS640AGBC8IT Datasheet
995Kb / 72P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation, Burst Mode Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM
AM42BDS640AGBC9IS AMD-AM42BDS640AGBC9IS Datasheet
995Kb / 72P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation, Burst Mode Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM
AM42BDS640AGBC9IT AMD-AM42BDS640AGBC9IT Datasheet
995Kb / 72P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation, Burst Mode Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM
More results

유사한 설명 - AM42BDS640AG

제조업체부품명데이터시트상세설명
logo
Advanced Micro Devices
DS42553 AMD-DS42553 Datasheet
955Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
SPANSION
AM41DL3208G SPANSION-AM41DL3208G Datasheet
1Mb / 65P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM42DL6404G SPANSION-AM42DL6404G Datasheet
1,020Kb / 61P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
Advanced Micro Devices
DS42515 AMD-DS42515 Datasheet
830Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42585 AMD-DS42585 Datasheet
958Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42587 AMD-DS42587 Datasheet
958Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42514 AMD-DS42514 Datasheet
832Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM49DL640AG AMD-AM49DL640AG Datasheet
1,005Kb / 65P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM41DL6408H AMD-AM41DL6408H Datasheet
1Mb / 66P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42516 AMD-DS42516 Datasheet
953Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com