전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

MC74LCX02 데이터시트(HTML) 4 Page - ON Semiconductor

부품명 MC74LCX02
상세내용  LOW-VOLTAGE CMOS QUAD 2-INPUT NOR GATE
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LCX02 데이터시트(HTML) 4 Page - ON Semiconductor

  MC74LCX02 데이터시트 HTML 1Page - ON Semiconductor MC74LCX02 데이터시트 HTML 2Page - ON Semiconductor MC74LCX02 데이터시트 HTML 3Page - ON Semiconductor MC74LCX02 데이터시트 HTML 4Page - ON Semiconductor MC74LCX02 데이터시트 HTML 5Page - ON Semiconductor MC74LCX02 데이터시트 HTML 6Page - ON Semiconductor MC74LCX02 데이터시트 HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MC74LCX02
MOTOROLA
LCX DATA
BR1339 — REV 3
4
PROPAGATION DELAYS
tR = tF = 2.5ns, 10% to 90%; f = 1MHz; tW = 500ns
2.7V
0V
VOH
VOL
An, Bn
On
tPLH
tPHL
1.5V
1.5V
1.5V
1.5V
Figure 1. AC Waveforms
PULSE
GENERATOR
RT
DUT
VCC
RL
CL
CL = 50pF or equivalent (Includes jig and probe capacitance)
RL = R1 = 500Ω or equivalent
RT = ZOUT of pulse generator (typically 50Ω)
Figure 2. Test Circuit


Html Pages

1  2  3  4  5  6  7 


데이터시트 Download

Go To PDF Page


링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn