![]() |
전자부품 데이터시트 검색엔진 |
|
MC74LCX08 데이터시트(HTML) 4 Page - ON Semiconductor |
|
MC74LCX08 데이터시트(HTML) 4 Page - ON Semiconductor |
4 / 7 page ![]() MC74LCX08 MOTOROLA LCX DATA BR1339 — REV 3 4 PROPAGATION DELAYS tR = tF = 2.5ns, 10% to 90%; f = 1MHz; tW = 500ns 2.7V 0V VOH VOL An, Bn On tPLH tPHL 1.5V 1.5V 1.5V 1.5V Figure 1. AC Waveforms PULSE GENERATOR RT DUT VCC RL CL CL = 50pF or equivalent (Includes jig and probe capacitance) RL = R1 = 500Ω or equivalent RT = ZOUT of pulse generator (typically 50Ω) Figure 2. Test Circuit |