전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDC60-24D15 데이터시트(PDF) 2 Page - List of Unclassifed Manufacturers

부품명 FDC60-24D15
상세설명  60 WATTS OUTPUT POWER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

FDC60-24D15 데이터시트(HTML) 2 Page - List of Unclassifed Manufacturers

  FDC60-24D15 Datasheet HTML 1Page - List of Unclassifed Manufacturers FDC60-24D15 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model
Number
Input
Range
Output
Voltage
Output
Current
Input
Current
(5)
Eff
(6)
(%)
Capacitor
(7)
Load max
FDC60-12S33
9 – 18 VDC
3.3 VDC
15A
5430mA
80
38700uF
FDC60-12S05
9 – 18 VDC
5 VDC
12A
6330mA
83
20400uF
FDC60-12S12
9 – 18 VDC
12 VDC
5A
6250mA
84
3550uF
FDC60-12S15
9 – 18 VDC
15 VDC
4A
6250mA
84
2300uF
FDC60-12D05
9 – 18 VDC
± 5 VDC
+10 / -2A
6500mA
81
17000 / 3400uF
FDC60-12D12
9 – 18 VDC
± 12 VDC
± 2.5A
6250mA
84
± 900uF
FDC60-12D15
9 – 18 VDC
± 15 VDC
± 2A
6250mA
84
± 600uF
FDC60-12D3305
9 – 18 VDC
3.3 / 5VDC
6 / 6A
5770mA
76
16000 / 10200uF
FDC60-24S33
18 – 36 VDC
3.3 VDC
15A
2750mA
79
38700uF
FDC60-24S05
18 – 36 VDC
5 VDC
12A
3090mA
85
20400uF
FDC60-24S12
18 – 36 VDC
12 VDC
5A
2980mA
88
3550uF
FDC60-24S15
18 – 36 VDC
15 VDC
4A
2940mA
89
2300uF
FDC60-24D05
18 – 36 VDC
± 5 VDC
+10 / -2A
3130mA
84
17000 / 3400uF
FDC60-24D12
18 – 36 VDC
± 12 VDC
± 2.5A
3050mA
86
± 900uF
FDC60-24D15
18 – 36 VDC
± 15 VDC
± 2A
3010mA
87
± 600uF
FDC60-24D3305
18 – 36 VDC
3.3 / 5VDC
6 / 6A
2700mA
81
16000 / 10200uF
FDC60-48S33
36 – 75 VDC
3.3 VDC
15A
1310mA
83
38700uF
FDC60-48S05
36 – 75 VDC
5 VDC
12A
1520mA
86
20400uF
FDC60-48S12
36 – 75 VDC
12 VDC
5A
1470mA
89
3550uF
FDC60-48S15
36 – 75 VDC
15 VDC
4A
1450mA
90
2300uF
FDC60-48D05
36 – 75 VDC
± 5 VDC
+10 / -2A
1540mA
85
17000 / 3400uF
FDC60-48D12
36 – 75 VDC
± 12 VDC
± 2.5A
1450mA
90
± 900uF
FDC60-48D15
36 – 75 VDC
± 15 VDC
± 2A
1450mA
90
± 600uF
FDC60-48D3305
36 – 75 VDC
3.3 / 5VDC
6 / 6A
1310mA
83
16000 / 10200uF
Note
1.
The FDC60 series required a minimum 10% loading on the output to maintain specified
regulation. Operation under no-load condition will not damage these devices, however
they may not meet all listed specification.
2.
Cross regulation:
Dual output—Asymmetrical load 25% to 100% full load
3.
Simulated source impedance of 12uH. 12uH inductor in series with +Vin.
4.
BELLCORE TR-NWT-000332. Case I: 50% Stress, Temperature at 40ºC. (Ground fixed
and controlled environment)
5.
Maximum value at nominal input voltage and full load
6.
Typical value at nominal input voltage and full load.
7.
Test by minimum Vin and constant resistor load.
3.94 (100.2)
3.25 (82.6)
0.39
(10.0)
0.30
(7.6)
0.32
(8.0)
0.75
(19.0)
0.05 (1.3)
1.00
(25.4)
1.00
(25.4)
Bottom
View
Mounting inserts: #4-40
1. All dimensions in Inches (mm)
2. Pin Pitch tolerance ±0.014(0.35)
1
2
3
4
5
6
7
8
9
10
PIN CONNECTION
PIN
SINGLE
1
+ INPUT
2
- INPUT
3
CTRL
4
TRIM
5
+OUTPUT
DUAL
+ INPUT
- INPUT
CTRL
TRIM
+OUTPUT
D3305
+ INPUT
- INPUT
CTRL
TRIM
+3.3V
D3305
+3.3V
COM
COM
+ 5V
+ 5V
PIN
6
7
8
9
10
SINGLE
+OUTPUT
- OUTPUT
- OUTPUT
NO PIN
NO PIN
DUAL
+OUTPUT
COM
COM
- OUTPUT
- OUTPUT
Output can be externally trimmed by
using the method shown below.
(
) for dual output trim
[
] XXD3305 only trim 3.3V
EXTERNAL OUTPUT TRIMMING
7(9) [7]
4(4) [4]
TRIM UP
RU
4(4) [4]
6(6) [6]
TRIM DOWN
RD


유사한 부품 번호 - FDC60-24D15

제조업체부품명데이터시트상세설명
logo
Astrodyne Corporation
FDC60-24D15 ASTRODYNE-FDC60-24D15 Datasheet
193Kb / 3P
   Isolated and Regulated 60 WATT Modular DC/DC Converters
More results

유사한 설명 - FDC60-24D15

제조업체부품명데이터시트상세설명
logo
Power Mate Technology C...
FEC60-24S3P3 P-DUKE-FEC60-24S3P3 Datasheet
328Kb / 3P
   60 WATTS MAXIMUM OUTPUT POWER
logo
DATEL, Inc.
QBR DATEL-QBR_17 Datasheet
915Kb / 15P
   Isolated Output 60 Watts
logo
Astec America, Inc
ALQ15-DUAL ASTEC-ALQ15-DUAL Datasheet
408Kb / 2P
   60 Watts Dual Output Converter
logo
Wall Industries,Inc.
DTSPU68 WALL-DTSPU68 Datasheet
161Kb / 2P
   Single Output 60 Watts (80 Watts Peak) AC/DC Desktop Power Supply
logo
Artesyn Technologies
NPS62-M ARTESYN-NPS62-M Datasheet
589Kb / 3P
   Total Power: 60 Watts
logo
Wall Industries,Inc.
DTA-060A WALL-DTA-060A Datasheet
56Kb / 2P
   To 60 Watts Single Output AC/DC Desktop Power Supply
logo
Powerbox
PSE100 POWERBOX-PSE100 Datasheet
560Kb / 2P
   60 - 100 WATTS DC/DC SINGLE OUTPUT
logo
Tumbler Technologies + ...
TRA60 TRUMPOWER-TRA60 Datasheet
221Kb / 1P
   60 ~ 72 Watts Power Adapters
logo
Artesyn Technologies
LPS52-M ARTESYN-LPS52-M Datasheet
849Kb / 3P
   Total Power: 55 - 60 Watts
LPS52 ARTESYN-LPS52 Datasheet
830Kb / 3P
   Total Power: 55 - 60 Watts
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com