전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM5181-Q1 데이터시트(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
부품명 LM5181-Q1
상세설명  LM5181-Q1 65-VIN PSR Flyback DC/DC Converter with 100-V, 0.75-A Integrated MOSFET
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM5181-Q1 데이터시트(HTML) 15 Page - Texas Instruments

Back Button LM5181-Q1 Datasheet HTML 11Page - Texas Instruments LM5181-Q1 Datasheet HTML 12Page - Texas Instruments LM5181-Q1 Datasheet HTML 13Page - Texas Instruments LM5181-Q1 Datasheet HTML 14Page - Texas Instruments LM5181-Q1 Datasheet HTML 15Page - Texas Instruments LM5181-Q1 Datasheet HTML 16Page - Texas Instruments LM5181-Q1 Datasheet HTML 17Page - Texas Instruments LM5181-Q1 Datasheet HTML 18Page - Texas Instruments LM5181-Q1 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
K
˜
§
·
¨
¸
©
¹
SW-PEAK
OUT(max)
OUT
IN
PS
I
I
2
V
1
V
N
15
LM5181-Q1
www.ti.com
SNVSBN6 – APRIL 2020
Product Folder Links: LM5181-Q1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Feature Description (continued)
(13)
A failsafe current limit set at 1.2 A, or 1.6 times the nominal peak current limit, provides redundant fault protection
in case of transformer short circuit or saturation effects. This initiates a 7.5-ms hiccup interval after eight
overcurrent events.
8.3.10 Thermal Shutdown
Thermal shutdown is an integrated self-protection to limit junction temperature and prevent damage related to
overheating. Thermal shutdown turns off the device when the junction temperature exceeds 175°C to prevent
further power dissipation and temperature rise. Junction temperature decreases after shutdown, and the
LM5181-Q1 restarts when the junction temperature falls to 169°C.
8.4 Device Functional Modes
8.4.1 Shutdown Mode
EN/UVLO facilitates ON and OFF control for the LM5181-Q1. When VEN/UVLO is below approximately 0.6 V, the
device is in shutdown mode. Both the internal LDO and the switching regulator are off. The quiescent current in
shutdown mode drops to 3 μA at VIN = 24 V. The LM5181-Q1 also employs internal bias rail undervoltage
protection. If the internal bias supply voltage is below its UV threshold, the converter remains off.
8.4.2 Standby Mode
The internal bias rail LDO regulator has a lower enable threshold than the converter itself. When VEN/UVLO is
above 0.6 V and below the precision-enable threshold (1.5 V typically), the internal LDO is on and regulating.
The precision enable circuitry is turned on once the internal VCC is above its UV threshold. The switching action
and voltage regulation are not enabled until VEN/UVLO rises above the precision enable threshold.
8.4.3 Active Mode
The LM5181-Q1 is in active mode when VEN/UVLO is above the precision-enable threshold and the internal bias
rail is above its UV threshold. The LM5181-Q1 operates in one of three modes depending on the load current
requirement:
1. Boundary conduction mode (BCM) at heavy loads
2. Discontinuous conduction mode (DCM) at medium loads
3. Frequency foldback mode (FFM) at light loads
Refer to the PSR Flyback Modes of Operation section for more details.


유사한 부품 번호 - LM5181-Q1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM5181-Q1 TI1-LM5181-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   LM5181 65-VIN PSR Flyback DC/DC Converter with 100-V, 0.75-A Integrated MOSFET
LM5181-Q1 TI1-LM5181-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LM25183-Q1 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated MOSFET
LM5181-Q1 TI1-LM5181-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LM25183-Q1 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated MOSFET
LM5181-Q1 TI1-LM5181-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LM25183-Q1 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated MOSFET
LM5181-Q1 TI1-LM5181-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   LM5185-Q1 100-VIN PSR Flyback Automotive DC/DC Controller With Low IQ and Low EMI
REVISED NOVEMBER 2023
More results

유사한 설명 - LM5181-Q1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM5181 TI1-LM5181 Datasheet
1Mb / 33P
[Old version datasheet]   LM5181 65-VIN PSR Flyback DC/DC Converter with 100-V, 0.75-A Integrated MOSFET
LM25183-Q1 TI1-LM25183-Q1_V02 Datasheet
1Mb / 40P
[Old version datasheet]   LM25183-Q1 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated MOSFET
LM25184-Q1 TI1-LM25184-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   LM25184-Q1 42-VIN PSR Flyback DC/DC Converter with 65-V, 4.1-A Integrated MOSFET
LM25183-Q1 TI1-LM25183-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LM25183-Q1 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated MOSFET
LM25183-Q1 TI1-LM25183-Q1_V01 Datasheet
1Mb / 40P
[Old version datasheet]   LM25183-Q1 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated MOSFET
LM25180-Q1 TI1-LM25180-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   42-VIN PSR Flyback DC/DC Converter With 65-V, 1.5-A Integrated MOSFET
LM25180 TI1-LM25180 Datasheet
1Mb / 37P
[Old version datasheet]   42-VIN PSR Flyback DC/DC Converter With 65-V, 1.5-A Integrated Power MOSFET
LM5180-Q1 TI1-LM5180-Q1_18 Datasheet
1Mb / 39P
[Old version datasheet]   70-VIN PSR Flyback DC/DC Converter With 100-V, 1.5-A Integrated MOSFET
LM25183 TI1-LM25183_V02 Datasheet
1Mb / 39P
[Old version datasheet]   LM25183 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated Power MOSFET
LM25183 TI1-LM25183_V01 Datasheet
1Mb / 39P
[Old version datasheet]   LM25183 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com