전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

LM25183-Q1 데이터시트(HTML) 23 Page - Texas Instruments

Click here to check the latest version.
부품명 LM25183-Q1
상세내용  LM25183-Q1 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated MOSFET
Download  40 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo 

LM25183-Q1 데이터시트(HTML) 23 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
/ 40 page
 23 / 40 page
background image
Start 150 kHz
Stop 30 MHz
Average detector
Peak detector
Start 30 MHz
Stop 108 MHz
Average detector
Peak detector
23
LM25183-Q1
www.ti.com
SNVSBJ4 – APRIL 2020
Product Folder Links: LM25183-Q1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
VIN = 24 V
IOUT = 0.6 A
150 kHz to 30 MHz
LIN = 4.7 µH
CIN = 10 µF
Figure 32. CISPR 25 Class 5 Conducted EMI Plot
VIN = 24 V
IOUT = 0.6 A
30 MHz to 108 MHz
LIN = 4.7 µH
CIN = 10 µF
Figure 33. CISPR 25 Class 5 Conducted EMI Plot


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn